Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z4KE110A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # Z4KE110A
Description  Glass Passivated Power Voltage-Regulating Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Z4KE110A Datasheet(HTML) 1 Page - Vishay Siliconix

  Z4KE110A Datasheet HTML 1Page - Vishay Siliconix Z4KE110A Datasheet HTML 2Page - Vishay Siliconix Z4KE110A Datasheet HTML 3Page - Vishay Siliconix Z4KE110A Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Z4KE100 thru Z4KE200A
Vishay General Semiconductor
Document Number: 88408
Revision: 22-Oct-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
Glass Passivated Power Voltage-Regulating Diodes
FEATURES
• Plastic MELF package
• Ideal for automated placement
• Glass passivated chip junction
• Low Zener impedance
• Low regulation factor
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
For
general
purpose
regulation
and
protection
applications.
MECHANICAL DATA
Case: DO-204AL (DO-41)
Molding compound meets UL 94 V-0 flammability
rating
Base P/N-E3 - RoHS compliant, commercial grade
Base P/NHE3 - RoHS compliant, high reliability/
automotive grade (AEC Q101 qualified)
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix meets JESD 201 class 1A whisker test, HE3
suffix meets JESD 201 class 2 whisker test
Polarity: Color band denotes cathode end
PRIMARY CHARACTERISTICS
VZ
100 V to 200 V
PD
1.5 W
IR
0.5 µA
TJ max.
150 °C
DO-204AL (DO-41)
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
TYPE
ZENER
VOLTAGE
AT
5.0 mA
MAXIMUM
ZENER
DYNAMIC
IMPEDANCE
MAXIMUM
DC REVERSE
LEAKAGE CURRENT
AT VR
MAXIMUM
INSTANTANEOUS
FORWARD
VOLTAGE AT
0.50 A
MAXIMUM
CONTINUOUS
REGULATOR
CURRENT (2)
VZ (V)
IZT
ZZT
IZK
ZZK
VR
IR
AT 25 °C
IR
AT 100 °C
VFM
IZM
MIN.
MAX.
(mA)
(
Ω)(mA)(Ω)
(V)
(µA)
(µA)
(V)
(mA)
Z4KE100
90
110
5.0
500
0.25
5000
72.0
0.5
100
1.0
15.0
Z4KE100A
95
105
5.0
500
0.25
5000
76.0
0.5
100
1.0
15.0
Z4KE110
99
121
5.0
600
0.25
5000
79.2
0.5
100
1.0
13.0
Z4KE110A
104
116
5.0
600
0.25
5000
83.2
0.5
100
1.0
13.0
Z4KE120
108
132
5.0
700
0.25
5000
86.4
0.5
100
1.0
12.0
Z4KE120A
114
126
5.0
700
0.25
5000
91.2
0.5
100
1.0
12.0
Z4KE130
117
143
5.0
800
0.25
5000
93.6
0.5
100
1.0
11.0
Z4KE130A
124
137
5.0
800
0.25
5000
99.2
0.5
100
1.0
11.0


Similar Part No. - Z4KE110A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
Z4KE110A GE-Z4KE110A Datasheet
41Kb / 2P
   GLASS PASSIVATED ZENER
More results

Similar Description - Z4KE110A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Z4KE100A VISHAY-Z4KE100A_V01 Datasheet
93Kb / 4P
   Glass Passivated Power Voltage-Regulating Diodes
01-Jan-2022
Z4KE100A VISHAY-Z4KE100A Datasheet
87Kb / 5P
   Glass Passivated Power Voltage-Regulating Diodes
02-Oct-12
ZGL41-100A VISHAY-ZGL41-100A Datasheet
95Kb / 4P
   Surface Mount Glass Passivated Power Voltage-Regulating Diodes
Revision: 29-May-12
ZGL41-100 VISHAY-ZGL41-100 Datasheet
97Kb / 4P
   Surface Mount Glass Passivated Power Voltage-Regulating Diodes
Revision: 20-Oct-08
ZGL41-100A VISHAY-ZGL41-100A_V01 Datasheet
96Kb / 4P
   Surface Mount Glass Passivated Power Voltage-Regulating Diodes
01-Jan-2022
SMAZ5945B-E3 VISHAY-SMAZ5945B-E3 Datasheet
96Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 12-Jan-15
SMAZ5919B VISHAY-SMAZ5919B_V01 Datasheet
108Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
01-Jan-2022
SMAZ5941B-E3 VISHAY-SMAZ5941B-E3 Datasheet
94Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
SMAZ5919B VISHAY-SMAZ5919B Datasheet
107Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 20-Oct-08
SMZJ3807B-E3 VISHAY-SMZJ3807B-E3 Datasheet
106Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com