Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16RIA60M Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 16RIA60M
Description  Medium Power Thyristors (Stud Version), 16 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

16RIA60M Datasheet(HTML) 4 Page - Vishay Siliconix

  16RIA60M Datasheet HTML 1Page - Vishay Siliconix 16RIA60M Datasheet HTML 2Page - Vishay Siliconix 16RIA60M Datasheet HTML 3Page - Vishay Siliconix 16RIA60M Datasheet HTML 4Page - Vishay Siliconix 16RIA60M Datasheet HTML 5Page - Vishay Siliconix 16RIA60M Datasheet HTML 6Page - Vishay Siliconix 16RIA60M Datasheet HTML 7Page - Vishay Siliconix 16RIA60M Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93695
4
Revision: 19-Sep-08
16RIA Series
Vishay High Power Products Medium Power Thyristors
(Stud Version), 16 A
Note
• The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum operating junction
and storage temperature range
TJ, TStg
- 65 to 125
°C
Maximum thermal resistance,
junction to case
RthJC
DC operation
0.86
K/W
Maximum thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth, flat and greased
0.35
TO NUT
TO DEVICE
Mounting torque
Lubricated threads
(Non-lubricated threads)
20 (27.5)
25
lbf
⋅ in
0.23 (0.32)
0.29
kgf · m
2.3 (3.1)
2.8
N · m
Approximate weight
14
g
0.49
oz.
Case style
See dimensions - link at the end of datasheet
TO-208AA (TO-48)
ΔR
thJC CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
180°
0.21
0.15
TJ = TJ maximum
K/W
120°
0.25
0.25
90°
0.31
0.34
60°
0.45
0.47
30°
0.76
0.76
50
60
70
80
90
100
110
120
130
0
5
10
15
20
25
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduction Angle
16RIA Series
R
(DC) = 1.15 K/W
thJC
50
60
70
80
90
100
110
120
130
010
20
30
40
DC
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduction Period
16RIA Series
R
(DC) = 1.15 K/W
thJC


Similar Part No. - 16RIA60M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16RIA60M IRF-16RIA60M Datasheet
226Kb / 9P
   MEDIUM POWER THYRISTORS
16RIA60MS90 IRF-16RIA60MS90 Datasheet
226Kb / 9P
   MEDIUM POWER THYRISTORS
More results

Similar Description - 16RIA60M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-16RIA VISHAY-VS-16RIA_V01 Datasheet
188Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 16 A
01-Jan-2022
22RIA VISHAY-22RIA Datasheet
152Kb / 8P
   Medium Power Thyristors (Stud Version), 22 A
Revision: 19-Sep-08
25RIA VISHAY-25RIA Datasheet
154Kb / 8P
   Medium Power Thyristors (Stud Version), 25 A
Revision: 19-Sep-08
50RIA VISHAY-50RIA Datasheet
150Kb / 7P
   Medium Power Thyristors (Stud Version), 50 A
Revision: 19-Sep-08
10RIA VISHAY-10RIA Datasheet
151Kb / 8P
   Medium Power Thyristors (Stud Version), 10 A
Revision: 06-Jun-08
logo
Nell Semiconductor Co.,...
50PT12SM NELLSEMI-50PT12SM Datasheet
1Mb / 7P
   Medium Power Thyristors (Stud Version), 50A
25PT12SM NELLSEMI-25PT12SM Datasheet
837Kb / 6P
   Medium Power Thyristors (Stud Version), 25A
logo
Vishay Siliconix
VS-22RIA VISHAY-VS-22RIA_V01 Datasheet
190Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 22 A
01-Jan-2022
VS-10RIA VISHAY-VS-10RIA_V01 Datasheet
187Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 10 A
01-Jan-2022
VS-50RIA VISHAY-VS-50RIA_V01 Datasheet
191Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 50 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com