Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFB30PA60C Datasheet(PDF) 5 Page - Vishay Siliconix

Part # HFB30PA60C
Description  Ultrafast Soft Recovery Diode, 2 x 15 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFB30PA60C Datasheet(HTML) 5 Page - Vishay Siliconix

  HFB30PA60C Datasheet HTML 1Page - Vishay Siliconix HFB30PA60C Datasheet HTML 2Page - Vishay Siliconix HFB30PA60C Datasheet HTML 3Page - Vishay Siliconix HFB30PA60C Datasheet HTML 4Page - Vishay Siliconix HFB30PA60C Datasheet HTML 5Page - Vishay Siliconix HFB30PA60C Datasheet HTML 6Page - Vishay Siliconix HFB30PA60C Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 94068
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 25-Jul-08
5
HFA30PA60CPbF
HEXFRED®
Ultrafast Soft Recovery Diode, 2 x 15 A
Vishay High Power Products
Fig. 9 - Reverse Recovery Parameter Test Circuit
Fig. 10 - Reverse Recovery Waveform and Definitions
IRFP250
D.U.T.
L = 70 µH
V
R = 200 V
0.01
Ω
G
D
S
dI
F/dt
adjust
Q
rr
0.5 I
RRM
dI
(rec)M/dt
0.75 I
RRM
I
RRM
t
rr
t
b
t
a
I
F
dI
F/dt
0
(1)
(2)
(3)
(4)
(5)
(1) dI
F/dt - rate of change of current
through zero crossing
(2) I
RRM - peak reverse recovery current
(3) t
rr - reverse recovery time measured
from zero crossing point of negative
going I
F to point where a line passing
through 0.75 I
RRM and 0.50 IRRM
extrapolated to zero current.
(4) Q
rr - area under curve defined by trr
and I
RRM
t
rr x IRRM
2
Q
rr =
(5) dI
(rec)M/dt - peak rate of change of
current during t
b portion of trr


Similar Part No. - HFB30PA60C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFB30PA60C IRF-HFB30PA60C Datasheet
185Kb / 6P
   Ultrafast, Soft Recovery Diode
logo
Vishay Siliconix
HFB30PA60C VISHAY-HFB30PA60C Datasheet
211Kb / 7P
   Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 29-Jul-08
logo
International Rectifier
HFB30PA60CPBF IRF-HFB30PA60CPBF Datasheet
239Kb / 6P
   Ultrafast Soft Recovery Dioe
logo
Vishay Siliconix
HFB30PA60CPBF VISHAY-HFB30PA60CPBF Datasheet
211Kb / 7P
   Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 29-Jul-08
More results

Similar Description - HFB30PA60C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA30TA60CS VISHAY-HFA30TA60CS Datasheet
180Kb / 6P
   Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 22-Oct-08
HFA30TA60CSPBF VISHAY-HFA30TA60CSPBF Datasheet
182Kb / 6P
   Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 22-Oct-08
HFA30TA60C VISHAY-HFA30TA60C Datasheet
205Kb / 6P
   Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 29-Jul-08
HFA30PA60C VISHAY-HFA30PA60C Datasheet
211Kb / 7P
   Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 29-Jul-08
HFA30TA60CPBF VISHAY-HFA30TA60CPBF Datasheet
207Kb / 6P
   Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 25-Jul-08
HFA30TA60CSPBF VISHAY-HFA30TA60CSPBF_10 Datasheet
208Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 22-Feb-10
VS-HFA30TA60C-M3 VISHAY-VS-HFA30TA60C-M3_V01 Datasheet
205Kb / 7P
   HEXFRED짰 Ultrafast Soft Recovery Diode, 2 x 15 A
01-Jan-2022
VS-HFA30TA60CS-M3 VISHAY-VS-HFA30TA60CS-M3_V01 Datasheet
212Kb / 8P
   HEXFRED짰, Ultrafast Soft Recovery Diode, 2 x 15 A
01-Jan-2022
HFA30PA60CPBF VISHAY-HFA30PA60CPBF_11 Datasheet
186Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 23-May-11
logo
Nell Semiconductor Co.,...
N-HFA30PA60C NELLSEMI-N-HFA30PA60C Datasheet
1Mb / 6P
   FRED Ultrafast Soft Recovery Diode, 2 x 15 A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com