Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFB32PA120CPBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # HFB32PA120CPBF
Description  Ultrafast Soft Recovery Diode, 2 x 16 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFB32PA120CPBF Datasheet(HTML) 6 Page - Vishay Siliconix

  HFB32PA120CPBF Datasheet HTML 1Page - Vishay Siliconix HFB32PA120CPBF Datasheet HTML 2Page - Vishay Siliconix HFB32PA120CPBF Datasheet HTML 3Page - Vishay Siliconix HFB32PA120CPBF Datasheet HTML 4Page - Vishay Siliconix HFB32PA120CPBF Datasheet HTML 5Page - Vishay Siliconix HFB32PA120CPBF Datasheet HTML 6Page - Vishay Siliconix HFB32PA120CPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94073
6
Revision: 06-Aug-08
HFA32PA120CPbF
Vishay High Power Products
HEXFRED®
Ultrafast Soft Recovery Diode, 2 x 16 A
ORDERING INFORMATION TABLE
1
3
4
5
2
3
4
5
6
-
HEXFRED® family
-
Process designator: A = Subs. electron irradiated
B = Subs. platinum
-
Current rating (32 = 32 A)
-
Package outline (PA = TO-247, 3 pins)
-
Voltage rating (120 = 1200 V)
-
Configuration (C = Center tap common cathode)
Device code
5
13
24
67
HF
A
32
PA
120
C
PbF
7
-
None = Standard production
PbF = Lead (Pb)-free
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95223
Part marking information
http://www.vishay.com/doc?95226


Similar Part No. - HFB32PA120CPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFB32PA120CPBF VISHAY-HFB32PA120CPBF Datasheet
187Kb / 7P
   Ultrafast Soft Recovery Diode, 2 x 16 A
Revision: 29-Jul-08
More results

Similar Description - HFB32PA120CPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA32PA120C VISHAY-HFA32PA120C Datasheet
187Kb / 7P
   Ultrafast Soft Recovery Diode, 2 x 16 A
Revision: 29-Jul-08
HFA32PA120CPBF VISHAY-HFA32PA120CPBF_11 Datasheet
157Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 16 A
Revision: 23-May-11
VS-HFA32PA120C-N3 VISHAY-VS-HFA32PA120C-N3 Datasheet
156Kb / 7P
   HEXFRED짰 Ultrafast Soft Recovery Diode, 2 x 16 A
01-Jan-2022
VS-HFA32PA120CPBF VISHAY-VS-HFA32PA120CPBF Datasheet
147Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 16 A
Revision: 14-Jul-15
logo
Nell Semiconductor Co.,...
D92-02 NELLSEMI-D92-02 Datasheet
431Kb / 5P
   Ultrafast Soft Recovery Diode, 2 x 10 A
logo
Vishay Siliconix
HFA30TA60CS VISHAY-HFA30TA60CS Datasheet
180Kb / 6P
   Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 22-Oct-08
HFA30TA60CSPBF VISHAY-HFA30TA60CSPBF Datasheet
182Kb / 6P
   Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 22-Oct-08
HFA08TA60CS VISHAY-HFA08TA60CS Datasheet
126Kb / 6P
   Ultrafast Soft Recovery Diode, 2 x 4 A
Revision: 22-Oct-08
HFA16PA120C VISHAY-HFA16PA120C Datasheet
128Kb / 7P
   Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 30-Jul-08
HFA12PA120CPBF VISHAY-HFA12PA120CPBF Datasheet
134Kb / 7P
   Ultrafast Soft Recovery Diode, 2 x 6 A
Revision: 25-Aug-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com