Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK672-730A-E Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # STK672-730A-E
Description  Thick-Film Hybrid IC 2-phase Stepping Motor Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-730A-E Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button STK672-730A-E Datasheet HTML 6Page - Sanyo Semicon Device STK672-730A-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-730A-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-730A-E Datasheet HTML 9Page - Sanyo Semicon Device STK672-730A-E Datasheet HTML 10Page - Sanyo Semicon Device STK672-730A-E Datasheet HTML 11Page - Sanyo Semicon Device STK672-730A-E Datasheet HTML 12Page - Sanyo Semicon Device STK672-730A-E Datasheet HTML 13Page - Sanyo Semicon Device STK672-730A-E Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
STK672-730A-E
No. A1221-10/19
[Configuration of I/O pins]
<Configuration of the
φA, φAB, φB, φBB, ENABLE, and RESETB input pins>
Input pins13, 17, 12, 10, 15, and 14
The input pins of this driver all use Schmitt input. Typical specifications at Tc=25
°C are given below. Hysteresis
voltage is 0.3V (VIHa-VILa).
Input voltage specifications are as follows.
VIH=2.5V min
VIL=0.8V max
<Configuration of the FAULT output pin>
<Configuration of the Vref input pin>
The internal impedance, 100k
Ω, is designed so that the increase in current is prevented while Pin 19 is open.
The recommended Vref voltage is 0.14V or higher because the output offset voltage of Vref/4.9 amplifier cannot be
controlled down to 0V
5V
VSS
10k
Ω
100k
Ω
VIHa
When rising
When falling
1.5V typ
VILa
1.8V typ
Input voltage
5V
VSS
Vref/4.9
VSS
VSS
Amplifier
100k
Ω
-
+
Output pin
Pin 16
Input pin
Pin 19


Similar Part No. - STK672-730A-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-732A-E SANYO-STK672-732A-E Datasheet
129Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-732A-E SANYO-STK672-732A-E Datasheet
158Kb / 19P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
STK672-732A-E SANYO-STK672-732A-E_11 Datasheet
158Kb / 19P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-732AN-E ONSEMI-STK672-732AN-E Datasheet
500Kb / 26P
   2-phase Stepper Motor Driver
March, 2014 Ver. 2.2a
More results

Similar Description - STK672-730A-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-442B-E SANYO-STK672-442B-E Datasheet
253Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-540 SANYO-STK672-540 Datasheet
157Kb / 22P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-610 SANYO-STK672-610 Datasheet
158Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-640C-E SANYO-STK672-640C-E Datasheet
248Kb / 27P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-440B-E SANYO-STK672-440B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E Datasheet
135Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630A-E SANYO-STK672-630A-E Datasheet
149Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-732A-E SANYO-STK672-732A-E Datasheet
129Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630C-E SANYO-STK672-630C-E Datasheet
246Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432B-E SANYO-STK672-432B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com