Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70HFL80S10 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 70HFL80S10
Description  Fast Recovery Diodes (Stud Version), 40/70/85 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

70HFL80S10 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button 70HFL80S10 Datasheet HTML 3Page - Vishay Siliconix 70HFL80S10 Datasheet HTML 4Page - Vishay Siliconix 70HFL80S10 Datasheet HTML 5Page - Vishay Siliconix 70HFL80S10 Datasheet HTML 6Page - Vishay Siliconix 70HFL80S10 Datasheet HTML 7Page - Vishay Siliconix 70HFL80S10 Datasheet HTML 8Page - Vishay Siliconix 70HFL80S10 Datasheet HTML 9Page - Vishay Siliconix 70HFL80S10 Datasheet HTML 10Page - Vishay Siliconix 70HFL80S10 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Document Number: 93150
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 16-May-08
7
40HFL, 70HFL, 85HFL Series
Fast Recovery Diodes
(Stud Version), 40/70/85 A
Vishay High Power Products
Fig. 10 - Maximum High Level Forward Power Loss vs.
Average Forward Current, 85HFL Series
Fig. 11 - Maximum Forward Voltage vs. Forward Current,
40HFL Series
Fig. 12 - Maximum Forward Voltage vs. Forward Current,
70HFL Series
Fig. 13 - Maximum Forward Voltage vs. Forward Current,
85HFL Series
Fig. 14 - Average Forward Current vs. Maximum Allowable
Case Temperature, 40HFL Series
Fig. 15 - Average Forward Current vs. Maximum Allowable
Case Temperature, 70HFL Series


Similar Part No. - 70HFL80S10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
70HFL80S10 IRF-70HFL80S10 Datasheet
3Mb / 10P
   FAST RECOVERY DIODES
70HFL80S10 IRF-70HFL80S10 Datasheet
360Kb / 10P
   Fast Recovery Rectifiers
logo
Vishay Siliconix
70HFL80S10 VISHAY-70HFL80S10 Datasheet
1Mb / 14P
   Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
Revision: 25-May-09
logo
New Jersey Semi-Conduct...
70HFL80S10 NJSEMI-70HFL80S10 Datasheet
89Kb / 1P
   Rectifiers Fast Recovery
More results

Similar Description - 70HFL80S10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-40HFL VISHAY-VS-40HFL Datasheet
220Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
Revision: 02-Mar-17
VS-40HFL60S02 VISHAY-VS-40HFL60S02 Datasheet
1Mb / 14P
   Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
Revision: 25-May-09
VS-40HFL VISHAY-VS-40HFL_V01 Datasheet
206Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
01-Jan-2022
40HFL VISHAY-40HFL_12 Datasheet
1Mb / 14P
   Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
Revision: 25-May-09
T40HFL VISHAY-T40HFL Datasheet
409Kb / 15P
   Fast Recovery Diodes, 40/70/85 A (T-Modules)
Revision: 13-Feb-08
VS-85HFR40M8 VISHAY-VS-85HFR40M8 Datasheet
172Kb / 8P
   Standard Recovery Diodes, (Stud Version), 85 A
01-Jan-2022
VS-85HFR VISHAY-VS-85HFR_V01 Datasheet
182Kb / 10P
   Standard Recovery Diodes, (Stud Version), 85 A
01-Jan-2022
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
85HF10 VISHAY-85HF10 Datasheet
130Kb / 7P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 19-Jun-08
VS-85HFR VISHAY-VS-85HFR Datasheet
183Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 07-Dec-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com