Electronic Components Datasheet Search |
|
M38021E7-XXXSS Datasheet(PDF) 9 Page - Renesas Technology Corp |
|
M38021E7-XXXSS Datasheet(HTML) 9 Page - Renesas Technology Corp |
9 / 208 page iii Table of contents 3802 GROUP USER'S MANUAL 3.1.4 A-D converter characteristics ........................................................................................ 3-3 3.1.5 D-A converter characteristics ........................................................................................ 3-4 3.1.6 Timing requirements and Switching characteristics .................................................. 3-5 3.1.7 Absolute maximum ratings (Extended operating temperature version) .................. 3-9 3.1.8 Recommended operating conditions(Extended operating temperature version) .... 3-9 3.1.9 Electrical characteristics (Extended operating temperature version) .................... 3-10 3.1.10 A-D converter characteristics (Extended operating temperature version) ........ 3-10 3.1.11 D-A converter characteristics (Extended operating temperature version) ........ 3-11 3.1.12 Timing requirements and Switching characteristics (Extended operating temperature version) ......................................................... 3-12 3.1.13 Timing diagram ........................................................................................................... 3-14 3.2 Standard characteristics ..................................................................................................... 3-17 3.2.1 Power source current characteristic examples ........................................................ 3-17 3.2.2 Port standard characteristic examples ...................................................................... 3-18 3.2.3 A-D conversion standard characteristics .................................................................. 3-20 3.2.4 D-A conversion standard characteristics .................................................................. 3-21 3.3 Notes on use......................................................................................................................... 3-22 3.3.1 Notes on interrupts ....................................................................................................... 3-22 3.3.2 Notes on the serial I/O1 .............................................................................................. 3-22 3.3.3 Notes on the A-D converter ........................................................................................ 3-23 3.3.4 Notes on the RESET pin ............................................................................................. 3-24 3.3.5 Notes on input and output pins .................................................................................. 3-24 3.3.6 Notes on memory expansion mode and microprocessor mode ............................ 3-25 3.3.7 Notes on built-in PROM ............................................................................................... 3-26 3.4 Countermeasures against noise ....................................................................................... 3-28 3.4.1 Shortest wiring length .................................................................................................. 3-28 3.4.2 Connection of a bypass capacitor across the Vss line and the Vcc line ............ 3-29 3.4.3 Wiring to analog input pins ......................................................................................... 3-30 3.4.4 Consideration for oscillator .......................................................................................... 3-30 3.4.5 Setup for I/O ports ....................................................................................................... 3-31 3.4.6 Providing of watchdog timer function by software .................................................. 3-31 3.5 List of registers .................................................................................................................... 3-33 3.6 Mask ROM ordering method .............................................................................................. 3-47 3.7 Mark specification form ...................................................................................................... 3-61 3.8 Package outline .................................................................................................................... 3-63 3.9 List of instruction codes .................................................................................................... 3-65 3.10 Machine Instructions ......................................................................................................... 3-66 3.11 SFR memory map .............................................................................................................. 3-76 3.12 Pin configuration ................................................................................................................ 3-77 |
Similar Part No. - M38021E7-XXXSS |
|
Similar Description - M38021E7-XXXSS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |