Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7235 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7235
Description  1.6W AUDIO AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7235 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7235 Datasheet HTML 1Page - STMicroelectronics TDA7235 Datasheet HTML 2Page - STMicroelectronics TDA7235 Datasheet HTML 3Page - STMicroelectronics TDA7235 Datasheet HTML 4Page - STMicroelectronics TDA7235 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS (VS = 12V, Tamb =25
°C, f = 1KHz, unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage
1.8
24
V
VO
Quiescent Output Voltage
VS =9V
VS = 12V
4
5.5
V
V
Id
Quiescent Drain Current
4
10
mA
Ib
Input Bias Current
PO
Output Power
d = 10%
VS =9V
RL =4
VS = 12V
RL =8
VS = 15V
RL =16
VS = 20V
RL =32
1.6
1.8
1.8
1.6
W
W
W
W
d
Distortion
PO = 0.5W RL =8
0.3
1
%
GV
Closed Loop Voltage Gain
38
dB
Rin
Input Resistance
100
K
eN
Total Input Noise
RS = 10K
b = Curve A
B = 22Hz to 22KHz
2
3
µV
µV
SVR
Supply Voltage Rejection
f = 100Hz Rg = 10K
24
33
dB
TDA7235
3/5


Similar Part No. - TDA7235

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7231 STMICROELECTRONICS-TDA7231 Datasheet
67Kb / 5P
   1.6W AUDIO AMPLIFIER
TDA7231A STMICROELECTRONICS-TDA7231A Datasheet
67Kb / 5P
   1.6W AUDIO AMPLIFIER
TDA7232 STMICROELECTRONICS-TDA7232 Datasheet
567Kb / 12P
   LOW NOISE PREAMPLIFIER COMPRESSOR
TDA7233 STMICROELECTRONICS-TDA7233 Datasheet
827Kb / 7P
   1W AUDIO AMPLIFIER WITH MUTE
TDA7233 STMICROELECTRONICS-TDA7233 Datasheet
371Kb / 8P
   1W AUDIO AMPLIFIER WITH MUTE
More results

Similar Description - TDA7235

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7231A STMICROELECTRONICS-TDA7231A Datasheet
67Kb / 5P
   1.6W AUDIO AMPLIFIER
logo
ams AG
AS1701 AMSCO-AS1701_1 Datasheet
466Kb / 17P
   1.6W Audio Power Amplifiers
AS1701 AMSCO-AS1701 Datasheet
168Kb / 2P
   1.6W Audio Power Amplifiers
logo
Tyco Electronics
MAAP-000069-PKG003 MACOM-MAAP-000069-PKG003_08 Datasheet
287Kb / 9P
   Amplifier, Power, 1.6W,7.7.11.7 GHz
logo
ams AG
AS1702 AMSCO-AS1702 Datasheet
187Kb / 13P
   1.6W Single-Channel Audio Power Amplifiers
logo
Tyco Electronics
MAAP-000070-PKG003 MACOM-MAAP-000070-PKG003 Datasheet
203Kb / 4P
   Amplifier, Power, 1.6W 10.0-13.25 GHz
MAAP-000071-PKG003 MACOM-MAAP-000071-PKG003 Datasheet
202Kb / 4P
   Amplifier, Power, 1.6W 12.75-15.35 GHz
MAAPGM0035S MACOM-MAAPGM0035S Datasheet
228Kb / 5P
   2.5-5.5 GHz 1.6W Power Amplifier
logo
MOSA ELECTRONICS
MS6336 MOSA-MS6336_1 Datasheet
743Kb / 21P
   16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
MS6336 MOSA-MS6336 Datasheet
699Kb / 18P
   16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com