Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50RIA20S90M Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 50RIA20S90M
Description  Medium Power Thyristors (Stud Version), 50 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

50RIA20S90M Datasheet(HTML) 3 Page - Vishay Siliconix

  50RIA20S90M Datasheet HTML 1Page - Vishay Siliconix 50RIA20S90M Datasheet HTML 2Page - Vishay Siliconix 50RIA20S90M Datasheet HTML 3Page - Vishay Siliconix 50RIA20S90M Datasheet HTML 4Page - Vishay Siliconix 50RIA20S90M Datasheet HTML 5Page - Vishay Siliconix 50RIA20S90M Datasheet HTML 6Page - Vishay Siliconix 50RIA20S90M Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 93711
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 19-Sep-08
3
50RIA Series
Medium Power Thyristors
(Stud Version), 50 A
Vishay High Power Products
Note
(1) Available with dV/dt = 1000 V/µs, to complete code add S90 i.e. 50RIA120S90
SWITCHING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum rate of
rise of turned-on current
VDRM ≤ 600 V
dI/dt
TC = 125 °C, VDM = Rated VDRM,
Gate pulse = 20 V, 15
Ω, t
p = 6 µs, tr = 0.1 µs maximum
ITM = (2 x rated dI/dt) A
200
A/µs
VDRM ≤ 1600 V
100
Typical delay time
td
TC = 25 °C, VDM = Rated VDRM, ITM = 10 A dc resistive circuit
Gate pulse = 10 V, 15
Ω source, t
p = 20 µs
0.9
µs
Typical turn-off time
tq
TC = 125 °C, ITM = 50 A, reapplied dV/dt = 20 V/µs
dIr/dt = - 10 A/µs, VR = 50 V
110
BLOCKING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum critical rate of rise of
off-state voltage
dV/dt
TJ = TJ maximum linear to 100 % rated VDRM
200
V/µs
TJ = TJ maximum linear to 67 % rated VDRM
500 (1)
TRIGGERING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum peak gate power
PGM
TJ = TJ maximum, tp ≤ 5 ms
10
W
Maximum average gate power
PG(AV)
2.5
Maximum peak positive gate current
IGM
2.5
A
Maximum peak positive gate voltage
+VGM
20
V
Maximum peak negative gate voltage
-VGM
10
DC gate current required to trigger
IGT
TJ = - 40 °C
Maximum required gate trigger
current/voltage are the lowest
value which will trigger all units 6 V
anode to cathode applied
250
mA
TJ = 25 °C
100
TJ = 125 °C
50
DC gate voltage required to trigger
VGT
TJ = - 40 °C
3.5
V
TJ = 25 °C
2.5
DC gate current not to trigger
IGD
TJ = TJ maximum,
VDRM = Rated voltage
Maximum gate current/voltage not
to trigger is the maximum value
which will not trigger any unit with
rated VDRM anode to cathode
applied
5.0
mA
DC gate voltage not to trigger
VGD
TJ = TJ maximum
0.2
V


Similar Part No. - 50RIA20S90M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
50RIA20S90M IRF-50RIA20S90M Datasheet
206Kb / 8P
   MEDIUM POWER THYRISTORS
More results

Similar Description - 50RIA20S90M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-50RIA VISHAY-VS-50RIA_V01 Datasheet
191Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 50 A
01-Jan-2022
VS-50RIA VISHAY-VS-50RIA Datasheet
187Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 50 A
Revision: 19-Nov-15
50RIA160MS90 VISHAY-50RIA160MS90 Datasheet
165Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 50 A
Revision: 23-Apr-13
VS-50RIA60 VISHAY-VS-50RIA60 Datasheet
202Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 50 A
Revision: 11-Mar-14
22RIA VISHAY-22RIA Datasheet
152Kb / 8P
   Medium Power Thyristors (Stud Version), 22 A
Revision: 19-Sep-08
25RIA VISHAY-25RIA Datasheet
154Kb / 8P
   Medium Power Thyristors (Stud Version), 25 A
Revision: 19-Sep-08
10RIA VISHAY-10RIA Datasheet
151Kb / 8P
   Medium Power Thyristors (Stud Version), 10 A
Revision: 06-Jun-08
16RIA VISHAY-16RIA Datasheet
151Kb / 8P
   Medium Power Thyristors (Stud Version), 16 A
Revision: 19-Sep-08
logo
Nell Semiconductor Co.,...
50PT12SM NELLSEMI-50PT12SM Datasheet
1Mb / 7P
   Medium Power Thyristors (Stud Version), 50A
25PT12SM NELLSEMI-25PT12SM Datasheet
837Kb / 6P
   Medium Power Thyristors (Stud Version), 25A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com