Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50SQ060TR Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 50SQ060TR
Description  Schottky Rectifier, 5 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

50SQ060TR Datasheet(HTML) 2 Page - Vishay Siliconix

  50SQ060TR Datasheet HTML 1Page - Vishay Siliconix 50SQ060TR Datasheet HTML 2Page - Vishay Siliconix 50SQ060TR Datasheet HTML 3Page - Vishay Siliconix 50SQ060TR Datasheet HTML 4Page - Vishay Siliconix 50SQ060TR Datasheet HTML 5Page - Vishay Siliconix 50SQ060TR Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93355
2
Revision: 07-Nov-08
50SQ... Series
Vishay High Power Products
Schottky Rectifier, 5 A
Note
(1) Pulse width < 300 µs, duty cycle < 2 %
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop
See fig. 1
VFM (1)
5 A
TJ = 25 °C
0.66
V
10 A
0.77
5 A
TJ = 125 °C
0.52
10 A
0.62
Maximum reverse leakage current
See fig. 2
IRM (1)
TJ = 25 °C
VR = Rated VR
0.55
mA
TJ = 125 °C
7
Maximum junction capacitance
CT
VR = 5 VDC, (test signal range 100 kHz to 1 MHz) 25 °C
500
pF
Typical series inductance
LS
Measured lead to lead 5 mm from body
10
nH
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/µs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ, TStg
- 55 to 175
°C
Maximum thermal resistance,
junction to lead
RthJL
DC operation; see fig. 4
1/8" lead length
8.0
°C/W
Typical thermal resistance,
junction to air
RthJA
44
Approximate weight
1.4
g
0.049
oz.
Marking device
Case style DO-204AR (JEDEC)
50SQ060
50SQ080
50SQ100


Similar Part No. - 50SQ060TR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
50SQ060TR IRF-50SQ060TR Datasheet
78Kb / 5P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
50SQ060TR VISHAY-50SQ060TR Datasheet
124Kb / 7P
   Schottky Rectifier, 5 A
Revision: 27-Jan-09
More results

Similar Description - 50SQ060TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-50SQ100TR VISHAY-VS-50SQ100TR Datasheet
130Kb / 7P
   Schottky Rectifier, 5 A
Revision: 19-Sep-11
50SQ060 VISHAY-50SQ060_09 Datasheet
124Kb / 7P
   Schottky Rectifier, 5 A
Revision: 27-Jan-09
50SQ060G VISHAY-50SQ060G Datasheet
108Kb / 6P
   Schottky Rectifier, 5 A
Revision: 07-Nov-08
VS-50SQ060 VISHAY-VS-50SQ060 Datasheet
130Kb / 7P
   Schottky Rectifier, 5 A
Revision: 19-Sep-11
VS-50SQ060-M3 VISHAY-VS-50SQ060-M3 Datasheet
124Kb / 7P
   Schottky Rectifier, 5 A
02-Oct-12
logo
Microsemi Corporation
UPS540E3 MICROSEMI-UPS540E3 Datasheet
282Kb / 6P
   5 A Schottky Barrier Rectifier
logo
Micrel Semiconductor
UPS3540 MICREL-UPS3540 Datasheet
290Kb / 6P
   5 A Schottky Barrier Rectifier
logo
Microsemi Corporation
UPS560E3 MICROSEMI-UPS560E3 Datasheet
179Kb / 3P
   5 A Schottky Barrier Rectifier
logo
Vishay Siliconix
10CTQ150SPBF VISHAY-10CTQ150SPBF_10 Datasheet
175Kb / 8P
   Schottky Rectifier, 2 x 5 A
Revision: 23-Mar-10
VS-10CTQ150PBF VISHAY-VS-10CTQ150PBF_V01 Datasheet
147Kb / 7P
   Schottky Rectifier, 2 x 5 A
08-Feb-17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com