Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50SQ080G Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 50SQ080G
Description  Schottky Rectifier, 5 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

50SQ080G Datasheet(HTML) 4 Page - Vishay Siliconix

  50SQ080G Datasheet HTML 1Page - Vishay Siliconix 50SQ080G Datasheet HTML 2Page - Vishay Siliconix 50SQ080G Datasheet HTML 3Page - Vishay Siliconix 50SQ080G Datasheet HTML 4Page - Vishay Siliconix 50SQ080G Datasheet HTML 5Page - Vishay Siliconix 50SQ080G Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93356
4
Revision: 07-Nov-08
50SQ...G Series
Vishay High Power Products
Schottky Rectifier, 5 A
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Maximum Non-Repetitive Surge Current
Fig. 8 - Unclamped Inductive Test Circuit
145
150
155
160
165
170
175
02468
DC
F(AV)
R
(DC) = 8.0°C/ W
thJL
Average Forward Current - I
(A)
= 1/8 inch
0
0.5
1
1.5
2
2.5
3
3.5
01
23
45
6
7
8
DC
F(AV)
D = 0.08
D = 0.17
D = 0.25
D = 0.33
D = 0.50
RMSLimit
Average Forward Current - I
(A)
100
1000
10000
10
100
1000
10000
p
At Any Rated Load Condition
And With Rated V
Applied
Following Surge
RRM
Square Wave Pulse Duration - t
(microsec)
Current
monitor
High-speed
switch
D.U.T.
R
g = 25 Ω
+
Freewheel
diode
V
d = 25 V
L
IRFP460
40HFL40S02


Similar Part No. - 50SQ080G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
50SQ080 IRF-50SQ080 Datasheet
78Kb / 5P
   SCHOTTKY RECTIFIER
50SQ080 IRF-50SQ080 Datasheet
187Kb / 4P
   5 AMP SCHOTTKY POWER RECTIFIER
logo
Vishay Siliconix
50SQ080 VISHAY-50SQ080 Datasheet
106Kb / 6P
   Schottky Rectifier, 5 A
Revision: 07-Nov-08
50SQ080 VISHAY-50SQ080 Datasheet
124Kb / 7P
   Schottky Rectifier, 5 A
Revision: 27-Jan-09
logo
New Jersey Semi-Conduct...
50SQ080 NJSEMI-50SQ080 Datasheet
142Kb / 1P
   Schottky Rectifiers
More results

Similar Description - 50SQ080G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-50SQ100TR VISHAY-VS-50SQ100TR Datasheet
130Kb / 7P
   Schottky Rectifier, 5 A
Revision: 19-Sep-11
50SQ060 VISHAY-50SQ060 Datasheet
106Kb / 6P
   Schottky Rectifier, 5 A
Revision: 07-Nov-08
50SQ060 VISHAY-50SQ060_09 Datasheet
124Kb / 7P
   Schottky Rectifier, 5 A
Revision: 27-Jan-09
VS-50SQ060 VISHAY-VS-50SQ060 Datasheet
130Kb / 7P
   Schottky Rectifier, 5 A
Revision: 19-Sep-11
VS-50SQ060-M3 VISHAY-VS-50SQ060-M3 Datasheet
124Kb / 7P
   Schottky Rectifier, 5 A
02-Oct-12
logo
Microsemi Corporation
UPS540E3 MICROSEMI-UPS540E3 Datasheet
282Kb / 6P
   5 A Schottky Barrier Rectifier
logo
Micrel Semiconductor
UPS3540 MICREL-UPS3540 Datasheet
290Kb / 6P
   5 A Schottky Barrier Rectifier
logo
Microsemi Corporation
UPS560E3 MICROSEMI-UPS560E3 Datasheet
179Kb / 3P
   5 A Schottky Barrier Rectifier
logo
Vishay Siliconix
10CTQ150SPBF VISHAY-10CTQ150SPBF_10 Datasheet
175Kb / 8P
   Schottky Rectifier, 2 x 5 A
Revision: 23-Mar-10
VS-10CTQ150PBF VISHAY-VS-10CTQ150PBF_V01 Datasheet
147Kb / 7P
   Schottky Rectifier, 2 x 5 A
08-Feb-17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com