Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60CTQ045PBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 60CTQ045PBF
Description  Schottky Rectifier, 2 x 30 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

60CTQ045PBF Datasheet(HTML) 5 Page - Vishay Siliconix

  60CTQ045PBF Datasheet HTML 1Page - Vishay Siliconix 60CTQ045PBF Datasheet HTML 2Page - Vishay Siliconix 60CTQ045PBF Datasheet HTML 3Page - Vishay Siliconix 60CTQ045PBF Datasheet HTML 4Page - Vishay Siliconix 60CTQ045PBF Datasheet HTML 5Page - Vishay Siliconix 60CTQ045PBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 94239
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 13-Aug-08
5
60CTQ...PbF Series
Schottky Rectifier, 2 x 30 A
Vishay High Power Products
ORDERING INFORMATION TABLE
1
-
Current rating (60 = 60 A)
2
-
Circuit configuration:
C = Common cathode
3
-
Package:
T = TO-220
4
-
Schottky “Q” series
5
-
Voltage ratings
6
-
None = Standard production
PbF = Lead (Pb)-free
Tube standard pack quantity: 50 pieces
035 = 35 V
040 = 40 V
045 = 45 V
Device code
5
13
24
6
60
C
T
Q
045 PbF
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95222
Part marking information
http://www.vishay.com/doc?95225


Similar Part No. - 60CTQ045PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
60CTQ045PBF IRF-60CTQ045PBF Datasheet
129Kb / 6P
   SCHOTTKY RECTIFIER 60 Amp
logo
Vishay Siliconix
60CTQ045PBF VISHAY-60CTQ045PBF Datasheet
155Kb / 7P
   Schottky Rectifier, 2 x 30 A
Revision: 29-Aug-11
logo
Thinki Semiconductor Co...
60CTQ045PBF THINKISEMI-60CTQ045PBF Datasheet
531Kb / 2P
   60 Ampere,45 Volt Dual Common Cathode Super Schottky Barrier Rectifier
Rev.12T
More results

Similar Description - 60CTQ045PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
60CPQ150PBF VISHAY-60CPQ150PBF Datasheet
111Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 13-Aug-08
61CTQ035PBF VISHAY-61CTQ035PBF Datasheet
109Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 13-Aug-08
63CPQ100GPBF VISHAY-63CPQ100GPBF Datasheet
115Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 13-Aug-08
63CPQ100G VISHAY-63CPQ100G Datasheet
112Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 21-Aug-08
63CTQ100G VISHAY-63CTQ100G Datasheet
110Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 21-Aug-08
60CPQ150PBF VISHAY-60CPQ150PBF_12 Datasheet
171Kb / 7P
   Schottky Rectifier, 2 x 30 A
Revision: 31-Aug-11
63CTQ100PBF VISHAY-63CTQ100PBF_12 Datasheet
163Kb / 7P
   Schottky Rectifier, 2 x 30 A
Revision: 29-Aug-11
VS-63CPQ100PBF VISHAY-VS-63CPQ100PBF_V01 Datasheet
143Kb / 7P
   Schottky Rectifier, 2 x 30 A
08-Feb-17
VS-60CTQ150PBF VISHAY-VS-60CTQ150PBF_V01 Datasheet
137Kb / 7P
   Schottky Rectifier, 2 x 30 A
08-Feb-17
VS-61CTQPBF VISHAY-VS-61CTQPBF_V01 Datasheet
129Kb / 7P
   Schottky Rectifier, 2 x 30 A
08-Feb-17
60CTQ150 VISHAY-60CTQ150 Datasheet
110Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 21-Aug-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com