Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

104MT80KPBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 104MT80KPBF
Description  Three Phase AC Switch (Power Modules), 50 A to 100 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

104MT80KPBF Datasheet(HTML) 2 Page - Vishay Siliconix

  104MT80KPBF Datasheet HTML 1Page - Vishay Siliconix 104MT80KPBF Datasheet HTML 2Page - Vishay Siliconix 104MT80KPBF Datasheet HTML 3Page - Vishay Siliconix 104MT80KPBF Datasheet HTML 4Page - Vishay Siliconix 104MT80KPBF Datasheet HTML 5Page - Vishay Siliconix 104MT80KPBF Datasheet HTML 6Page - Vishay Siliconix 104MT80KPBF Datasheet HTML 7Page - Vishay Siliconix 104MT80KPBF Datasheet HTML 8Page - Vishay Siliconix 104MT80KPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94351
2
Revision: 05-May-08
54-94-104MT..KPbF Series
Vishay High Power Products
Three Phase AC Switch
(Power Modules), 50 A to 100 A
ELECTRICAL SPECIFICATIONS
Note
(1) For single AC switch
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM
REPETITIVE PEAK
REVERSE VOLTAGE
V
VRSM, MAXIMUM
NON-REPETITIVE PEAK
REVERSE VOLTAGE
V
VDRM, MAXIMUM REPETITIVE
PEAK OFF-STATE VOLTAGE,
GATE OPEN CIRCUIT
V
IRRM/IDRM,
MAXIMUM
AT TJ = 125 °C
mA
54MT..K
80
800
900
800
20 (1)
100
1000
1100
1000
120
1200
1300
1200
140
1400
1500
1400
160
1600
1700
1600
94/104MT..K
80
800
900
800
40 (1)
100
1000
1100
1000
120
1200
1300
1200
140
1400
1500
1400
160
1600
1700
1600
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
54MT.K
94MT.K
104MT.K
UNITS
Maximum IRMS output current
at case temperature
IO
For all conduction angle
50
90
100
A
80
80
80
°C
Maximum peak, one-cycle
forward, non-repetitive
on state surge current
ITSM
t = 10 ms
No voltage
reapplied
Initial TJ = TJ
maximum
390
950
1130
A
t = 8.3 ms
410
1000
1180
t = 10 ms
100 % VRRM
reapplied
330
800
950
t = 8.3 ms
345
840
1000
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
770
4525
6380
A2s
t = 8.3 ms
700
4130
5830
t = 10 ms
100 % VRRM
reapplied
540
3200
4510
t = 8.3 ms
500
2920
4120
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
7700
45 250
63 800
A2
√s
Low level value of
threshold voltage
VT(TO)1
(16.7 % x
π x I
T(AV) < I < π x IT(AV)), TJ maximum
1.16
0.99
0.99
V
High level value of
threshold voltage
VT(TO)2
(I >
π x I
T(AV)), TJ maximum
1.44
1.19
1.15
Low level value on-state
slope resistance
rt1
16.7 % x
π x I
T(AV) < I < π x IT(AV)), TJ maximum
12.54
4.16
3.90
m
Ω
High level value on-state
slope resistance
rt2
(I >
π x I
T(AV)), TJ maximum
11.00
3.56
3.48
Maximum on-state
voltage drop
VTM
Ipk = 150 A, TJ = 25 °C
tp = 400 µs single junction
2.68
1.55
1.53
V
Maximum non-repetitve rate
of rise of turned on current
dI/dt
TJ = 25 °C, from 0.67 VDRM, ITM = π x IT(AV),
Ig = 500 mA, tr < 0.5 µs, tp > 6 µs
150
A/µs
Maximum holding current
IH
TJ = 25 °C, anode supply = 6 V,
resistive load, grate open circuit
200
mA
Maximum latching current
IL
TJ = 25 °C, anode supply = 6 V, resistive load
400


Similar Part No. - 104MT80KPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
104MT IRF-104MT Datasheet
158Kb / 10P
   THREE PHASE AC SWITCH
104MT160KBS90 IRF-104MT160KBS90 Datasheet
158Kb / 10P
   THREE PHASE AC SWITCH
logo
Illinois Capacitor, Inc...
104MTB102KE ILLINOISCAPACITOR-104MTB102KE Datasheet
377Kb / 4P
   Metallized Polyester Film Capacitors for General Purpose Applications
104MTB102KE ILLINOISCAPACITOR-104MTB102KE Datasheet
379Kb / 4P
   Radial leaded metallized polyester film capacitors
104MTB102KE ILLINOISCAPACITOR-104MTB102KE Datasheet
278Kb / 3P
   Self Healing ??Small Size ??Low ESR
More results

Similar Description - 104MT80KPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
54-94-104MTKPBF VISHAY-54-94-104MTKPBF Datasheet
220Kb / 11P
   Three Phase AC Switch (Power Modules), 50 A to 100 A
Revision: 14-Jan-14
VS-104MTKPBF VISHAY-VS-104MTKPBF Datasheet
207Kb / 8P
   Three Phase AC Switch (Power Modules), 100 A
VS-104MT..KPBF VISHAY-VS-104MT..KPBF_V01 Datasheet
207Kb / 8P
   Three Phase AC Switch (Power Modules), 100 A
01-Jan-2023
VS-104MT..KPBF VISHAY-VS-104MT..KPBF Datasheet
206Kb / 8P
   Three Phase AC Switch (Power Modules), 100 A
01-Jan-2022
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF Datasheet
157Kb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
Revision: 16-Jul-14
VS-70MT160PBPBF VISHAY-VS-70MT160PBPBF Datasheet
1Mb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
Revision: 30-Oct-13
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF_V02 Datasheet
171Kb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
01-Jan-2023
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF_V01 Datasheet
172Kb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
01-Jan-2022
VS-26MT100 VISHAY-VS-26MT100 Datasheet
170Kb / 7P
   Three Phase Bridge (Power Modules), 25 A to 35 A
Revision: 22-Jan-14
VS-130-160MTKPBF VISHAY-VS-130-160MTKPBF_V01 Datasheet
176Kb / 8P
   Three Phase Bridge, 130 A to 160 A (Power Modules)
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com