Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIHF740A-E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIHF740A-E3
Description  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHF740A-E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  SIHF740A-E3 Datasheet HTML 1Page - Vishay Siliconix SIHF740A-E3 Datasheet HTML 2Page - Vishay Siliconix SIHF740A-E3 Datasheet HTML 3Page - Vishay Siliconix SIHF740A-E3 Datasheet HTML 4Page - Vishay Siliconix SIHF740A-E3 Datasheet HTML 5Page - Vishay Siliconix SIHF740A-E3 Datasheet HTML 6Page - Vishay Siliconix SIHF740A-E3 Datasheet HTML 7Page - Vishay Siliconix SIHF740A-E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 91051
www.vishay.com
S-81291-Rev. A, 16-Jun-08
3
IRF740A, SiHF740A
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Fig. 1 - Typical Output Characteristics, TC = 25 °C
Fig. 2 - Typical Output Characteristics, TC = 150 °C
Fig. 3 - Typical Transfer Characteristics
Fig. 4 - Normalized On-Resistance vs. Temperature
0.01
0.1
1
10
100
0.1
1
10
100
20μs PULSE WIDTH
T = 25 C
J
°
TOP
BOTTOM
VGS
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
4.5V
V
, Drain-to-Source Voltage (V)
DS
4.5V
0.1
1
10
100
0.1
1
10
100
20µs PULSE WIDTH
T = 150 C
J
°
TOP
BOTTOM
VGS
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
4.5V
V
, Drain-to-Source Voltage (V)
DS
4.5V
0.1
1
10
100
4.0
5.0
6.0
7.0
8.0
9.0
10.0
V
= 50V
20μs PULSE WIDTH
DS
V
, Gate-to-Source Voltage (V)
GS
T = 25 C
J
°
T = 150 C
J
°
-60 -40 -20
0
20
40
60
80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
10V
10A


Similar Part No. - SIHF740A-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SiHF740A VISHAY-SiHF740A Datasheet
286Kb / 9P
   Power MOSFET
Rev. C, 21-Mar-11
SIHF740AL VISHAY-SIHF740AL Datasheet
171Kb / 8P
   Power MOSFET
S-Pending-Rev. A, 19-Jun-08
SIHF740AL VISHAY-SIHF740AL Datasheet
238Kb / 11P
   Power MOSFET
01-Jan-2022
SIHF740AL-E3 VISHAY-SIHF740AL-E3 Datasheet
171Kb / 8P
   Power MOSFET
S-Pending-Rev. A, 19-Jun-08
SIHF740AL-GE3 VISHAY-SIHF740AL-GE3 Datasheet
238Kb / 11P
   Power MOSFET
01-Jan-2022
More results

Similar Description - SIHF740A-E3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com