Electronic Components Datasheet Search |
|
T405-XXXW Datasheet(PDF) 7 Page - STMicroelectronics |
|
T405-XXXW Datasheet(HTML) 7 Page - STMicroelectronics |
7 / 8 page T4 Series 7/8 PACKAGE MECHANICAL DATA ISOWATT220AB (Plastic) REF. DIMENSIONS Millimeters Inches Min. Max. Min. Max. A 4.40 4.60 0.173 0.181 B 2.50 2.70 0.098 0.106 D 2.50 2.75 0.098 0.108 E 0.40 0.70 0.016 0.028 F 0.75 1.00 0.030 0.039 F1 1.15 1.70 0.045 0.067 F2 1.15 1.70 0.045 0.067 G 4.95 5.20 0.195 0.205 G1 2.40 2.70 0.094 0.106 H 10.00 10.40 0.394 0.409 L2 16.00 typ. 0.630 typ. L3 28.60 30.60 1.125 1.205 L4 9.80 10.60 0.386 0.417 L6 15.90 16.40 0.626 0.646 L7 9.00 9.30 0.354 0.366 Diam 3.00 3.20 0.118 0.126 PACKAGE MECHANICAL DATA TO-220AB (Plastic) REF. DIMENSIONS Millimeters Inches Min. Typ. Max. Min. Typ. Max. A 15.20 15.90 0.598 0.625 a1 3.75 0.147 a2 13.00 14.00 0.511 0.551 B 10.00 10.40 0.393 0.409 b1 0.61 0.88 0.024 0.034 b2 1.23 1.32 0.048 0.051 C 4.40 4.60 0.173 0.181 c1 0.49 0.70 0.019 0.027 c2 2.40 2.72 0.094 0.107 e 2.40 2.70 0.094 0.106 F 6.20 6.60 0.244 0.259 I 3.75 3.85 0.147 0.151 I4 15.80 16.40 16.80 0.622 0.646 0.661 L 2.65 2.95 0.104 0.116 l2 1.14 1.70 0.044 0.066 l3 1.14 1.70 0.044 0.066 M 2.60 0.102 M B l4 C b2 a2 l2 c2 l3 b1 a1 A F L I e c1 |
Similar Part No. - T405-XXXW |
|
Similar Description - T405-XXXW |