Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70CRU04 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 70CRU04
Description  Ultrafast Rectifier, 2 x 35 A FRED PtTM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

70CRU04 Datasheet(HTML) 6 Page - Vishay Siliconix

  70CRU04 Datasheet HTML 1Page - Vishay Siliconix 70CRU04 Datasheet HTML 2Page - Vishay Siliconix 70CRU04 Datasheet HTML 3Page - Vishay Siliconix 70CRU04 Datasheet HTML 4Page - Vishay Siliconix 70CRU04 Datasheet HTML 5Page - Vishay Siliconix 70CRU04 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - 70CRU04

ManufacturerPart #DatasheetDescription
logo
International Rectifier
70CRU04 IRF-70CRU04 Datasheet
111Kb / 6P
   Ultrafast Rectifier
logo
Vishay Siliconix
70CRU04PBF VISHAY-70CRU04PBF Datasheet
122Kb / 6P
   Ultrafast Rectifier, 2 x 35 A FRED PtTM
Revision: 21-Jul-08
70CRU04PBF VISHAY-70CRU04PBF Datasheet
128Kb / 7P
   Ultrafast Rectifier, 2 x 35 A FRED Pt
Revision: 09-Feb-11
70CRU04PBF VISHAY-70CRU04PBF_11 Datasheet
128Kb / 7P
   Ultrafast Rectifier, 2 x 35 A FRED Pt
Revision: 09-Feb-11
More results

Similar Description - 70CRU04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
70CRU04PBF VISHAY-70CRU04PBF Datasheet
122Kb / 6P
   Ultrafast Rectifier, 2 x 35 A FRED PtTM
Revision: 21-Jul-08
70CRU02 VISHAY-70CRU02 Datasheet
125Kb / 7P
   Ultrafast Rectifier, 2 x 35 A FRED PtTM
Revision: 28-Jul-08
70CRU02PBF VISHAY-70CRU02PBF Datasheet
119Kb / 7P
   Ultrafast Rectifier, 2 x 35 A FRED PtTM
Revision: 21-Jul-08
30CPU04 VISHAY-30CPU04 Datasheet
120Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED PtTM
Revision: 28-Jul-08
MURB2020CTPBF VISHAY-MURB2020CTPBF Datasheet
121Kb / 7P
   Ultrafast Rectifier, 2 x 10 A FRED PtTM
Revision: 05-Sep-08
16CTU04PBF VISHAY-16CTU04PBF_08 Datasheet
119Kb / 7P
   Ultrafast Rectifier, 2 x 8 A FRED PtTM
Revision: 21-Jul-08
30CPU04PBF VISHAY-30CPU04PBF Datasheet
122Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED PtTM
Revision: 21-Jul-08
30CPH03 VISHAY-30CPH03 Datasheet
114Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED PtTM
Revision: 28-Jul-08
30CPH03PBF VISHAY-30CPH03PBF Datasheet
113Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED PtTM
Revision: 21-Jul-08
MUR1020CTPBF VISHAY-MUR1020CTPBF Datasheet
116Kb / 7P
   Ultrafast Rectifier, 2 x 5 A FRED PtTM
Revision: 21-Jul-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com