Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70TPS12 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 70TPS12
Description  Phase Control SCR, 70 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

70TPS12 Datasheet(HTML) 1 Page - Vishay Siliconix

  70TPS12 Datasheet HTML 1Page - Vishay Siliconix 70TPS12 Datasheet HTML 2Page - Vishay Siliconix 70TPS12 Datasheet HTML 3Page - Vishay Siliconix 70TPS12 Datasheet HTML 4Page - Vishay Siliconix 70TPS12 Datasheet HTML 5Page - Vishay Siliconix 70TPS12 Datasheet HTML 6Page - Vishay Siliconix 70TPS12 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 93712
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 02-Jun-08
1
Phase Control SCR, 70 A
70TPS.. High Voltage Series
Vishay High Power Products
DESCRIPTION/FEATURES
The 70TPS.. High Voltage Series of silicon controlled
rectifiers are specifically designed for high and medium
power switching and phase control applications.
Typical applications are in input rectification (soft start) or
AC-switches or high current crow-bar as well as others
phase-control circuits.
These products are designed to be used with Vishay HPP
input diodes, switches and output rectifiers which are
available in identical package outlines.
This product has been designed and qualified for industrial
level.
PRODUCT SUMMARY
VT at 100 A
< 1.4 V
ITSM
1400 A
VRRM
1200/1600 V
Super-247
(G) 3
2
(A)
1 (K)
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUES
UNITS
IT(AV)
Sinusoidal waveform
70
A
IRMS
Lead current limitation
75
VRRM/VDRM
Range
1200/1600
V
ITSM
1400
A
VT
100 A, TJ = 25 °C
1.4
V
dV/dt
500
V/µs
dI/dt
150
A/µs
TJ
- 40 to 125
°C
VOLTAGE RATINGS
PART NUMBER
VRRM/VDRM, MAXIMUM
REPETITIVE PEAK AND
OFF-STATE VOLTAGE
V
VRSM, MAXIMUM
NON-REPETITIVE PEAK
REVERSE VOLTAGE
V
IRRM/IDRM
AT 125 °C
mA
70TPS12
1200
1300
15
70TPS16
1600
1700


Similar Part No. - 70TPS12

ManufacturerPart #DatasheetDescription
logo
International Rectifier
70TPS12 IRF-70TPS12 Datasheet
135Kb / 7P
   PHASE CONTROL SCR
logo
Vishay Siliconix
70TPS12 VISHAY-70TPS12 Datasheet
134Kb / 8P
   Phase Control SCR, 70 A
Revision: 07-Dec-10
70TPS12 VISHAY-70TPS12 Datasheet
97Kb / 7P
   Phase Control SCR, 70 A
Revision: 02-Jun-08
logo
Inchange Semiconductor ...
70TPS12 ISC-70TPS12 Datasheet
225Kb / 1P
   isc Thyristors
logo
Vishay Siliconix
70TPS12PBF VISHAY-70TPS12PBF Datasheet
116Kb / 7P
   Phase Control SCR, 70 A
Revision: 06-Jun-08
More results

Similar Description - 70TPS12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
70TPS VISHAY-70TPS Datasheet
97Kb / 7P
   Phase Control SCR, 70 A
Revision: 02-Jun-08
70TPS12PBF VISHAY-70TPS12PBF_10 Datasheet
134Kb / 8P
   Phase Control SCR, 70 A
Revision: 07-Dec-10
70TPS12PBF VISHAY-70TPS12PBF Datasheet
116Kb / 7P
   Phase Control SCR, 70 A
Revision: 06-Jun-08
VS-70TPS12PBF VISHAY-VS-70TPS12PBF_V01 Datasheet
166Kb / 8P
   Thyristor High Voltage, Phase Control SCR, 70 A
01-Jan-2022
10TTS08 VISHAY-10TTS08 Datasheet
131Kb / 6P
   Phase Control SCR, 10 A
Revision: 19-Jun-08
12TTS08SPBF VISHAY-12TTS08SPBF Datasheet
139Kb / 7P
   Phase Control SCR, 8 A
Revision: 06-Jun-08
40TPS12A VISHAY-40TPS12A Datasheet
145Kb / 7P
   Phase Control SCR, 35 A
Revision: 12-Sep-08
25TTSPBF VISHAY-25TTSPBF Datasheet
152Kb / 7P
   Phase Control SCR, 25 A
Revision: 11-Aug-08
40TPS16PBF VISHAY-40TPS16PBF Datasheet
140Kb / 7P
   Phase Control SCR, 35 A
Revision: 06-Jun-08
10TTS08PBF VISHAY-10TTS08PBF Datasheet
138Kb / 6P
   Phase Control SCR, 10 A
Revision: 26-May-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com