Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70HF20M Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 70HF20M
Description  Standard Recovery Diodes (Stud Version), 70 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

70HF20M Datasheet(HTML) 2 Page - Vishay Siliconix

  70HF20M Datasheet HTML 1Page - Vishay Siliconix 70HF20M Datasheet HTML 2Page - Vishay Siliconix 70HF20M Datasheet HTML 3Page - Vishay Siliconix 70HF20M Datasheet HTML 4Page - Vishay Siliconix 70HF20M Datasheet HTML 5Page - Vishay Siliconix 70HF20M Datasheet HTML 6Page - Vishay Siliconix 70HF20M Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93521
2
Revision: 20-Jun-08
70HF(R) Series
Vishay High Power Products Standard Recovery Diodes
(Stud Version), 70 A
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
70HF(R)
UNITS
10 TO 120
140/160
Maximum average forward current
at case temperature
IF(AV)
180° conduction, half sine wave
70
A
140
110
°C
Maximum RMS forward current
IF(RMS)
110
A
Maximum peak, one cycle forward,
non-repetitive surge current
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ =
TJ maximum
1200
A
t = 8.3 ms
1250
t = 10 ms
100 % VRRM
reapplied
1000
t = 8.3 ms
1050
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
7100
A2s
t = 8.3 ms
6450
t = 10 ms
100 % VRRM
reapplied
5000
t = 8.3 ms
4550
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
71 000
A2
√s
Low level value of threshold voltage
VF(TO)1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
0.79
V
High level value of threshold voltage
VF(TO)2
(I >
π x I
F(AV)), TJ = TJ maximum
1.00
Low level value of forward
slope resistance
rf1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
2.33
m
Ω
High level value of forward
slope resistance
rf2
(I >
π x I
F(AV)), TJ = TJ maximum
1.53
Maximum forward voltage drop
VFM
Ipk = 220 A, TJ = 25 °C, tp = 400 µs rectangular wave
1.35
1.46
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
70HF(R)
UNITS
10 TO 120
140/160
Maximum junction and
storage temperature range
TJ, TStg
- 65 to 180
- 65 to 150
°C
Maximum thermal resistance,
junction to case
RthJC
DC operation
0.45
K/W
Thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth, flat and greased
0.25
Allowable mounting torque
Not lubricated threads
3.4 + 0 - 10 %
(30)
N · m
(lbf · in)
Lubricated threads
2.3 + 0 - 10 %
(20)
Approximate weight
17
g
0.6
oz.
Case style
See dimensions - link at the end of datasheet
DO-203AB (DO-5)


Similar Part No. - 70HF20M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
70HF20M IRF-70HF20M Datasheet
204Kb / 8P
   STANDARD RECOVERY DIODES
logo
Naina Semiconductor ltd...
70HF20M NAINA-70HF20M Datasheet
77Kb / 1P
   SILICON POWER DIODE
More results

Similar Description - 70HF20M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-70HFR VISHAY-VS-70HFR Datasheet
221Kb / 9P
   Standard Recovery Diodes(Stud Version), 70 A
Revision: 06-Mar-17
VS-70HFR VISHAY-VS-70HFR_V01 Datasheet
218Kb / 9P
   Standard Recovery Diodes, (Stud Version), 70 A
01-Jan-2022
VS-70HF VISHAY-VS-70HF Datasheet
212Kb / 10P
   Standard Recovery Diodes Stud Version), 70 A
Revision: 29-Jan-14
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
200HF40PVL1 VISHAY-200HF40PVL1 Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 28-May-08
400U VISHAY-400U Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 23-Jun-08
12F VISHAY-12F Datasheet
143Kb / 6P
   Standard Recovery Diodes (Stud Version), 12 A
Revision: 29-Sep-08
25FR VISHAY-25FR Datasheet
136Kb / 6P
   Standard Recovery Diodes(Stud Version), 25 A
Revision: 29-Sep-08
VS-SD300N VISHAY-VS-SD300N Datasheet
210Kb / 8P
   Standard Recovery Diodes (Stud Version), 380 A
Revision: 05-Aug-14
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com