Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65510RGTT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65510RGTT
Description  LOW-POWER BATTERY BACKUP IC WITH INTEGRATED BOOST CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65510RGTT Datasheet(HTML) 3 Page - Texas Instruments

  TPS65510RGTT Datasheet HTML 1Page - Texas Instruments TPS65510RGTT Datasheet HTML 2Page - Texas Instruments TPS65510RGTT Datasheet HTML 3Page - Texas Instruments TPS65510RGTT Datasheet HTML 4Page - Texas Instruments TPS65510RGTT Datasheet HTML 5Page - Texas Instruments TPS65510RGTT Datasheet HTML 6Page - Texas Instruments TPS65510RGTT Datasheet HTML 7Page - Texas Instruments TPS65510RGTT Datasheet HTML 8Page - Texas Instruments TPS65510RGTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
TPS65510
www.ti.com .......................................................................................................................................................................................... SLLS917 – SEPTEMBER 2008
ORDERING INFORMATION
TA
PACKAGE MARKING
PACKAGE
PART NUMBER
–35°C to 85°C
CGK
16-pin QFN
TPS65510RGT
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VBAT, VBK
–0.3
6
SW
–0.3
7
Input voltage range
V
FB, FBG
–0.3
6
PWMON,
–0.3
6
V_CTRL
XRESET, CS
–0.3
6
V
VRO, VOUT,
Output voltage range
–0.3
3.6
VO1R8, VO1R2
VO_BT
–0.3
6
V
SW
Switch current
1.3
A
Maximum junction temperature range
125
°C
Storage temperature range
–40
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
POWER RATING
POWER RATING
PACKAGE
RθJA
(1)
TA < 25°C
TA = 85°C
QFN
47.4°C/W
2.11 W
0.844 W
(1)
The thermal resistance, RθJA, is based on a soldered PowerPAD™ on 2S2P JEDEC board using thermal vias.
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
VBAT
2.65
5.5
Supply voltage
V
VBK
1.8
5.5
High-level digital input voltage at PWMON
1.4
5.5
VIH
V
High-level digital input voltage at V_CTRL
1.4
VOUT
Low-level digital input voltage at PWMON
0.4
VIL
V
Low-level digital input voltage at V_CTRL
0.4
Operating free-air temperature range
–35
85
°C
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS65510


Similar Part No. - TPS65510RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65520 TI-TPS65520 Datasheet
1Mb / 61P
[Old version datasheet]   POWER MANAGEMENT IC FOR DIGITAL STILL CAMERA
TPS65520A TI1-TPS65520A Datasheet
1Mb / 61P
[Old version datasheet]   POWER MANAGEMENT IC FOR DIGITAL STILL CAMERA
TPS65520AZVDR TI1-TPS65520AZVDR Datasheet
1Mb / 61P
[Old version datasheet]   POWER MANAGEMENT IC FOR DIGITAL STILL CAMERA
TPS65520ZVDR TI-TPS65520ZVDR Datasheet
1Mb / 61P
[Old version datasheet]   POWER MANAGEMENT IC FOR DIGITAL STILL CAMERA
TPS65530 TI-TPS65530 Datasheet
620Kb / 30P
[Old version datasheet]   FULLY INTEGRATED 8-CHANNEL DC/DC CONVERTER FOR DIGITAL STILL CAMERAS
More results

Similar Description - TPS65510RGTT

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8423 SII-S-8423 Datasheet
2Mb / 37P
   BATTERY BACKUP IC
logo
Fujitsu Component Limit...
MB3790 FUJITSU-MB3790 Datasheet
192Kb / 21P
   Battery Backup IC
logo
Rohm
BD4201FV ROHM-BD4201FV Datasheet
86Kb / 9P
   Battery Backup IC
BA6129AF ROHM-BA6129AF Datasheet
108Kb / 9P
   Reset IC with battery backup function
logo
New Japan Radio
NJU7286 NJRC-NJU7286 Datasheet
296Kb / 17P
   Battery Backup Switching IC
logo
Seiko Instruments Inc
S8425 SII-S8425 Datasheet
2Mb / 45P
   BATTERY BACKUP SWITCHING IC
S-8426AAA-J8T1X SII-S-8426AAA-J8T1X Datasheet
1Mb / 37P
   BATTERY BACKUP SWITCHING IC
S-8424AAAFT-TB-X SII-S-8424AAAFT-TB-X Datasheet
2Mb / 46P
   BATTERY BACKUP SWITCHING IC
S-8425AAAFT-TB-X SII-S-8425AAAFT-TB-X Datasheet
2Mb / 45P
   BATTERY BACKUP SWITCHING IC
logo
ABLIC Inc.
S-8424A ABLIC-S-8424A Datasheet
535Kb / 43P
   BATTERY BACKUP SWITCHING IC
Rev.4.0_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com