Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7266S Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7266S
Description  55W DUAL BRIDGE AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7266S Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7266S Datasheet HTML 1Page - STMicroelectronics TDA7266S Datasheet HTML 2Page - STMicroelectronics TDA7266S Datasheet HTML 3Page - STMicroelectronics TDA7266S Datasheet HTML 4Page - STMicroelectronics TDA7266S Datasheet HTML 5Page - STMicroelectronics TDA7266S Datasheet HTML 6Page - STMicroelectronics TDA7266S Datasheet HTML 7Page - STMicroelectronics TDA7266S Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1
2
4
Vref
ST-BY
7
IN1
C3 0.22
µF
VCC
13
3
D95AU260
+
-
-
+
OUT1+
OUT1-
15
14
12
MUTE
6
IN2
C5 0.22
µF
+
-
-
+
OUT2+
OUT2-
8
9
S-GND
PW-GND
C1
470
µF
C2
100nF
R1
47K
C4
10
µF
R2
47K
IN1
Figure 3a: Stand-alone Low-cost Application.
Figure 3b: PCB and Component Layout of the Application Circuit (Fig. 1).
TDA7266S
5/8


Similar Part No. - TDA7266S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7266S STMICROELECTRONICS-TDA7266S Datasheet
522Kb / 11P
   7W7W DUAL BRIDGE AMPLIFIER
TDA7266SA STMICROELECTRONICS-TDA7266SA Datasheet
522Kb / 11P
   7W7W DUAL BRIDGE AMPLIFIER
logo
Shenzhenshi YONGFUKANG ...
TDA7266SA YONGFUKANG-TDA7266SA Datasheet
226Kb / 5P
   Dual 8W Bridge Audio Amplifier Circuit - TDA7266SA
logo
STMicroelectronics
TDA7266SAN STMICROELECTRONICS-TDA7266SAN Datasheet
679Kb / 15P
   5 W 5 W dual bridge amplifier
More results

Similar Description - TDA7266S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7266D STMICROELECTRONICS-TDA7266D Datasheet
192Kb / 13P
   5W5W DUAL BRIDGE AMPLIFIER
TDA7266L STMICROELECTRONICS-TDA7266L Datasheet
122Kb / 7P
   5W MONO BRIDGE AMPLIFIER
TDA7496SSA STMICROELECTRONICS-TDA7496SSA Datasheet
534Kb / 12P
   5W5W AMPLIFIER
TDA7496S STMICROELECTRONICS-TDA7496S Datasheet
187Kb / 10P
   5W5W AMPLIFIER
TDA7266SAN STMICROELECTRONICS-TDA7266SAN Datasheet
679Kb / 15P
   5 W 5 W dual bridge amplifier
logo
Rohm
BA5406 ROHM-BA5406 Datasheet
137Kb / 5P
   12V / 5W dual power amplifier
BA5408 ROHM-BA5408 Datasheet
176Kb / 3P
   12V-5W Dual Power Amplifier
logo
Hangzhou Youwang Electr...
UTC17821 YOUWANG-UTC17821 Datasheet
103Kb / 5P
   DUAL 5W BTL AUDIO POWER AMPLIFIER CIRCUIT
2008.02.17
logo
ON Semiconductor
ENA2011A ONSEMI-ENA2011A Datasheet
371Kb / 8P
   5W Power Amplifier
June, 2013
LA4425AN ONSEMI-LA4425AN Datasheet
98Kb / 10P
   5W Power Amplifier
September 2014 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com