Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3A24157DGSR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TS3A24157DGSR
Description  0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3A24157DGSR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TS3A24157DGSR Datasheet HTML 6Page - Texas Instruments TS3A24157DGSR Datasheet HTML 7Page - Texas Instruments TS3A24157DGSR Datasheet HTML 8Page - Texas Instruments TS3A24157DGSR Datasheet HTML 9Page - Texas Instruments TS3A24157DGSR Datasheet HTML 10Page - Texas Instruments TS3A24157DGSR Datasheet HTML 11Page - Texas Instruments TS3A24157DGSR Datasheet HTML 12Page - Texas Instruments TS3A24157DGSR Datasheet HTML 13Page - Texas Instruments TS3A24157DGSR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
www.ti.com
–80
–70
–60
–50
–40
–30
–20
–10
0
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
1.E+09
Frequency (Hz)
1.8 V
2.5 V
3 V
–9E+01
–8E+01
–7E+01
–6E+01
–5E+01
–4E+01
–3E+01
–2E+01
–1E+01
0E+00
1E+04
1E+05
1E+06
1E+07
1E+08
1E+09
Frequency (Hz)
1.8 V
2.5 V
3 V
–5.E-08
0.E+00
5.E-08
1.E-07
2.E-07
2.E-07
3.E-07
3.E-07
4.E-07
4.E-07
0
0.5
1
1.5
2
2.5
3
3.5
4
V (V)
+
–40 C
º
25ºC
85ºC
TS3A24157
0.65-
Ω DUAL SPDT ANALOG SWITCH
DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
SCDS208A – JUNE 2007 – REVISED SEPTEMBER 2007
TYPICAL PERFORMANCE (continued)
Figure 7. OFF Isolation and Crosstalk
Figure 8. Total Harmonic Distortion vs Frequency
Figure 9. Power-Supply Current vs V+
10
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TS3A24157


Similar Part No. - TS3A24157DGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A24157DGSR TI-TS3A24157DGSR Datasheet
790Kb / 25P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157DGSR TI-TS3A24157DGSR Datasheet
768Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157DGSR TI-TS3A24157DGSR Datasheet
743Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157DGSRG4 TI-TS3A24157DGSRG4 Datasheet
790Kb / 25P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157DGSRG4 TI-TS3A24157DGSRG4 Datasheet
768Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - TS3A24157DGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A24157 TI-TS3A24157_15 Datasheet
1,017Kb / 26P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_10 Datasheet
743Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_09 Datasheet
768Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI1-TS3A24157_14 Datasheet
1Mb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157 Datasheet
790Kb / 25P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI-TS3A24159_08 Datasheet
895Kb / 25P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI1-TS3A24159_14 Datasheet
1Mb / 31P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI-TS3A24159 Datasheet
476Kb / 21P
[Old version datasheet]   0.3-W DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159_10 Datasheet
702Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159_09 Datasheet
718Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com