Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3L500AE Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TS3L500AE
Description  16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3L500AE Datasheet(HTML) 10 Page - Texas Instruments

Back Button TS3L500AE Datasheet HTML 6Page - Texas Instruments TS3L500AE Datasheet HTML 7Page - Texas Instruments TS3L500AE Datasheet HTML 8Page - Texas Instruments TS3L500AE Datasheet HTML 9Page - Texas Instruments TS3L500AE Datasheet HTML 10Page - Texas Instruments TS3L500AE Datasheet HTML 11Page - Texas Instruments TS3L500AE Datasheet HTML 12Page - Texas Instruments TS3L500AE Datasheet HTML 13Page - Texas Instruments TS3L500AE Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
PARAMETER MEASUREMENT INFORMATION
Network Analyzer
(HP8753ES)
EXT TRIGGER
BIAS
P1
P2
DUT
A0
SEL
0B1
VSEL
VCC
VBIAS
CL = 10 pF
(see Note A)
HP8753ES Setup
TS3L500AE
SCDS246A – JUNE 2007 – REVISED AUGUST 2008 ....................................................................................................................................................... www.ti.com
A.
CL includes probe and jig capacitance.
Figure 7. Test Circuit for Frequency Response (BW)
Frequency response is measured at the output of the ON channel. For example, when VSEL = 0 and A0 is the
input, the output is measured at 0B1. All unused analog I/O ports are left open.
Average = 4
RBW = 3 kHz
VBIAS = 0.35 V
ST = 2 s
P1 = 0 dBM
10
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TS3L500AE


Similar Part No. - TS3L500AE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3L500AE TI-TS3L500AE Datasheet
579Kb / 19P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
TS3L500AE TI-TS3L500AE Datasheet
458Kb / 17P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
TS3L500AERHUR TI-TS3L500AERHUR Datasheet
579Kb / 19P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
TS3L500AERHUR TI-TS3L500AERHUR Datasheet
458Kb / 17P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
TS3L500AERHURG4 TI-TS3L500AERHURG4 Datasheet
579Kb / 19P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
More results

Similar Description - TS3L500AE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3L500AE TI-TS3L500AE_10 Datasheet
458Kb / 17P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
TS3L500AE TI-TS3L500AE Datasheet
579Kb / 19P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
TS3L500 TI-TS3L500_10 Datasheet
663Kb / 19P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
TS3L500 TI-TS3L500 Datasheet
330Kb / 15P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
TS3L4892 TI-TS3L4892 Datasheet
630Kb / 18P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
logo
STMicroelectronics
STMUX1800E STMICROELECTRONICS-STMUX1800E Datasheet
322Kb / 26P
   16-bit to 8-bit MUX/DEMUX for gigabit Ethernet LAN switch with LED switch and enhanced ESD protection
November 2011 Rev 3
STMUX1800L STMICROELECTRONICS-STMUX1800L Datasheet
509Kb / 21P
   16- to 8-bit MUX/DEMUX for gigabit Ethernet LAN switch with LED switch and enhanced ESD protection
June 2009 Rev 4
logo
Texas Instruments
TS3L301 TI-TS3L301 Datasheet
252Kb / 16P
[Old version datasheet]   16 BIT TO 8 BIT SPDT GIGABIT LAN SWITCH WITH LOW AND FLAT ON STATE RESISTANCE
TS3L301 TI-TS3L301_07 Datasheet
350Kb / 17P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
logo
STMicroelectronics
STMUX1000L STMICROELECTRONICS-STMUX1000L Datasheet
503Kb / 9P
   GIGABIT LAN ANALOG SWITCH 16-BIT TO 8-BIT MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com