Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71HFR80M Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 71HFR80M
Description  Standard Recovery Diodes (Stud Version), 70 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

71HFR80M Datasheet(HTML) 5 Page - Vishay Siliconix

  71HFR80M Datasheet HTML 1Page - Vishay Siliconix 71HFR80M Datasheet HTML 2Page - Vishay Siliconix 71HFR80M Datasheet HTML 3Page - Vishay Siliconix 71HFR80M Datasheet HTML 4Page - Vishay Siliconix 71HFR80M Datasheet HTML 5Page - Vishay Siliconix 71HFR80M Datasheet HTML 6Page - Vishay Siliconix 71HFR80M Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 93521
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 20-Jun-08
5
70HF(R) Series
Standard Recovery Diodes
(Stud Version), 70 A
Vishay High Power Products
Fig. 8 - Forward Power Loss Characteristics
Fig. 9 - Maximum Non-Repetitive Surge Current
Fig. 10 - Maximum Non-Repetitive Surge Current
Fig. 11 - Forward Voltage Drop Characteristics
Fig. 12 - Thermal Impedance ZthJC Characteristics
025
50
75
100
125
150
Maximum Allowable Ambient Temperature (°C)
0.7
K/W
1
K/W
1.5
K/W
2 K
/W
3 K/W
5 K/W
0
20
40
60
80
100
120
020
40
60
80
100
120
DC
180°
120°
90°
60°
30°
Average Forward Current (A)
RMS Limit
Conduction Period
70HF(R) Series
(1400V to 1600V)
T = 150°C
J
300
400
500
600
700
800
900
1000
1100
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
70HF(R) Series
Initial T = T Max.
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
J
J
200
300
400
500
600
700
800
900
1000
1100
1200
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
70HF(R) Series
Initial T = T Max.
No Voltage Reapplied
Rated V
Reapplied
RRM
Versus Pulse Train Duration.
J
J
1
10
100
1000
0
0.5
1
1.5
2
2.5
3
T = 25°C
J
Instantaneous Forward Voltage (V)
T = T Max.
J
J
70HF(R) Series
0.001
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
Steady State Value
R
= 0.45 K/W
(DC Operation)
thJC
70HF(R) Series


Similar Part No. - 71HFR80M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
71HFR80M IRF-71HFR80M Datasheet
204Kb / 8P
   STANDARD RECOVERY DIODES
More results

Similar Description - 71HFR80M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-70HFR VISHAY-VS-70HFR Datasheet
221Kb / 9P
   Standard Recovery Diodes(Stud Version), 70 A
Revision: 06-Mar-17
VS-70HFR VISHAY-VS-70HFR_V01 Datasheet
218Kb / 9P
   Standard Recovery Diodes, (Stud Version), 70 A
01-Jan-2022
VS-70HF VISHAY-VS-70HF Datasheet
212Kb / 10P
   Standard Recovery Diodes Stud Version), 70 A
Revision: 29-Jan-14
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
200HF40PVL1 VISHAY-200HF40PVL1 Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 28-May-08
400U VISHAY-400U Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 23-Jun-08
12F VISHAY-12F Datasheet
143Kb / 6P
   Standard Recovery Diodes (Stud Version), 12 A
Revision: 29-Sep-08
25FR VISHAY-25FR Datasheet
136Kb / 6P
   Standard Recovery Diodes(Stud Version), 25 A
Revision: 29-Sep-08
VS-SD300N VISHAY-VS-SD300N Datasheet
210Kb / 8P
   Standard Recovery Diodes (Stud Version), 380 A
Revision: 05-Aug-14
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com