Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

83CNQ080A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 83CNQ080A
Description  Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

83CNQ080A Datasheet(HTML) 2 Page - Vishay Siliconix

  83CNQ080A Datasheet HTML 1Page - Vishay Siliconix 83CNQ080A Datasheet HTML 2Page - Vishay Siliconix 83CNQ080A Datasheet HTML 3Page - Vishay Siliconix 83CNQ080A Datasheet HTML 4Page - Vishay Siliconix 83CNQ080A Datasheet HTML 5Page - Vishay Siliconix 83CNQ080A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93404
2
Revision: 21-Aug-08
83CNQ...A Series
Vishay High Power Products
Schottky Rectifier
New Generation 3
D-61 Package, 2 x 40 A
Note
(1) Pulse width < 300 µs, duty cycle < 2 %
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
See fig. 5
IF(AV)
50 % duty cycle at TC = 132 °C, rectangular waveform
80
A
Maximum peak one cycle
non-repetitive surge current per leg
See fig. 7
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated
load condition and with
rated VRRM applied
7000
10 ms sine or 6 ms rect. pulse
720
Non-repetitive avalanche energy per leg
EAS
TJ = 25 °C, IAS = 1 A, L = 30 mH
15
mJ
Repetitive avalanche current per leg
IAR
Current decaying linearly to zero in 1 µs
Frequency limited by TJ maximum VA = 1.5 x VR typical
1A
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward
voltage drop per leg
See fig. 1
VFM (1)
40 A
TJ = 25 °C
0.81
V
80 A
1.00
40 A
TJ = 125 °C
0.67
80 A
0.82
Maximum reverse
leakage current per leg
See fig. 2
IRM (1)
TJ = 25 °C
VR = Rated VR
1.5
mA
TJ = 125 °C
35
Maximum junction capacitance per leg
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz) 25 °C
1400
pF
Typical series inductance per leg
LS
Measured lead to lead 5 mm from package body
5.5
nH
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/µs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and
storage temperature range
TJ, TStg
- 55 to 175
°C
Maximum thermal resistance,
junction to case per leg
RthJC
DC operation
See fig. 4
0.85
°C/W
Maximum thermal resistance,
junction to case per package
DC operation
0.42
Typical thermal resistance,
case to heatsink (D-61-8 only)
RthCS
Mounting surface, smooth and greased
Device flatness < 5 mils
0.30
Approximate weight
7.8
g
0.28
oz.
Mounting torque
(D-61-8 only)
minimum
Recommended hardware 3M stainless screw
12 (10)
kgf · cm
(lbf · in)
maximum
24 (20)
Marking device
Case style D-61-8
83CNQ080A
83CNQ100A
Case style D-61-8-SM
83CNQ080ASM
83CNQ100ASM
Case style D-61-8-SL
83CNQ080ASL
83CNQ100ASL


Similar Part No. - 83CNQ080A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
83CNQ080A IRF-83CNQ080A Datasheet
207Kb / 8P
   SCHOTTKY RECTIFIER
83CNQ080A IRF-83CNQ080A Datasheet
178Kb / 8P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
logo
Microsemi Corporation
83CNQ080A MICROSEMI-83CNQ080A Datasheet
120Kb / 2P
   Schottky MiniMod
logo
Vishay Siliconix
83CNQ080A VISHAY-83CNQ080A Datasheet
159Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
logo
International Rectifier
83CNQ080APBF IRF-83CNQ080APBF Datasheet
178Kb / 8P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
More results

Similar Description - 83CNQ080A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
85CNQ015APBF VISHAY-85CNQ015APBF_10 Datasheet
159Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
81CNQ035APBF VISHAY-81CNQ035APBF Datasheet
105Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 27-Oct-08
88CNQ060A VISHAY-88CNQ060A Datasheet
111Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 02-Sep-08
82CNQ030A VISHAY-82CNQ030A Datasheet
122Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 12-Aug-08
80CNQ035APBF VISHAY-80CNQ035APBF_10 Datasheet
161Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
82CNQ030APBF VISHAY-82CNQ030APBF Datasheet
107Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 13-Aug-08
87CNQ020A VISHAY-87CNQ020A Datasheet
131Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 21-Aug-08
87CNQ020APBF VISHAY-87CNQ020APBF Datasheet
117Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 12-Sep-08
81CNQ035APBF VISHAY-81CNQ035APBF_10 Datasheet
152Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
VS-83CNQ VISHAY-VS-83CNQ Datasheet
164Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
82CNQ030APBF VISHAY-82CNQ030APBF_10 Datasheet
158Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com