Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA73065VA Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LA73065VA
Description  Monolithic Linear IC For wideband 75廓 Video Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA73065VA Datasheet(HTML) 8 Page - Sanyo Semicon Device

  LA73065VA Datasheet HTML 1Page - Sanyo Semicon Device LA73065VA Datasheet HTML 2Page - Sanyo Semicon Device LA73065VA Datasheet HTML 3Page - Sanyo Semicon Device LA73065VA Datasheet HTML 4Page - Sanyo Semicon Device LA73065VA Datasheet HTML 5Page - Sanyo Semicon Device LA73065VA Datasheet HTML 6Page - Sanyo Semicon Device LA73065VA Datasheet HTML 7Page - Sanyo Semicon Device LA73065VA Datasheet HTML 8Page - Sanyo Semicon Device LA73065VA Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
LA73065VA
No.A0887-8/9
Continued from preceding page.
Pin No.
Pin name
DC voltage
Signal wave form
Input/Output form
18
Pr/R_OUT
Component :
2.4V (Bias)
RGB : 1.3V
(Clamp)
1.4Vp-p
1.4Vp-p
2.4V
1.3V
1.3k
Ω
1.5k
Ω
18
30
Ω
30
Ω
19
VCC_DR_HD
20
N.C.
21
D_LINE3_OUT
5V : 16 : 9
2.2V : 4 : 3Letter Box
0V : 4 : 3
300
Ω
High:OFF
Low:OFF
500
μA
21
OPEN:OFF
22
D_LINE2_OUT
5V : 59.94p/60p
0V : 59.94i/60i
300
Ω
22
23
D_LINE1_OUT
5V : 1125 (1080)
2.2V : 750 (720)
0V : 525 (480)
300
Ω
High:OFF
Low:OFF
500
μA
23
OPEN:OFF
24
REG3V
3.0V
100
Ω
50
Ω
32k
Ω
24k
Ω
26k
Ω
30k
Ω
24


Similar Part No. - LA73065VA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA73060V SANYO-LA73060V Datasheet
399Kb / 10P
   Monolithic Linear IC Wideband 75廓 Video Driver
LA73062V SANYO-LA73062V Datasheet
218Kb / 12P
   Monolithic Linear IC Video Driver for Wideband
More results

Similar Description - LA73065VA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA73060V SANYO-LA73060V Datasheet
399Kb / 10P
   Monolithic Linear IC Wideband 75廓 Video Driver
LA73062V SANYO-LA73062V Datasheet
218Kb / 12P
   Monolithic Linear IC Video Driver for Wideband
LA73073CL SANYO-LA73073CL Datasheet
241Kb / 6P
   Monolithic Linear IC Video Driver for DSC
LA73079CL SANYO-LA73079CL Datasheet
80Kb / 6P
   Monolithic Linear IC Video Driver for DSC
LA73074CL SANYO-LA73074CL Datasheet
80Kb / 6P
   Monolithic Linear IC Video Driver for DSC/Cell Phone
LA74310LP SANYO-LA74310LP Datasheet
282Kb / 22P
   Monolithic Linear IC Audio Interface for DSC Video Driver
ENA0241 SANYO-ENA0241 Datasheet
253Kb / 6P
   Monolithic Linear IC 6ch 75ohm Video Driver
LA73076V SANYO-LA73076V Datasheet
154Kb / 7P
   Monolithic Linear IC Video Driver for DVC/DSC, Cell Phone
LA72730 SANYO-LA72730 Datasheet
121Kb / 8P
   Monolithic Linear IC For TV Audio/Video Switch
LA7605M SANYO-LA7605M Datasheet
188Kb / 3P
   Monolithic Linear IC Video Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com