Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC87F2H08A Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LC87F2H08A
Description  CMOS IC 8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F2H08A Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC87F2H08A Datasheet HTML 7Page - Sanyo Semicon Device LC87F2H08A Datasheet HTML 8Page - Sanyo Semicon Device LC87F2H08A Datasheet HTML 9Page - Sanyo Semicon Device LC87F2H08A Datasheet HTML 10Page - Sanyo Semicon Device LC87F2H08A Datasheet HTML 11Page - Sanyo Semicon Device LC87F2H08A Datasheet HTML 12Page - Sanyo Semicon Device LC87F2H08A Datasheet HTML 13Page - Sanyo Semicon Device LC87F2H08A Datasheet HTML 14Page - Sanyo Semicon Device LC87F2H08A Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
LC87F2H08A
No.A0970-11/27
Absolute Maximum Ratings at Ta = 25
°C, VSS1 = VSS2 =0V
Specification
Parameter
Symbol
Pin/Remarks
Conditions
VDD[V]
min
typ
max
unit
Maximum supply
voltage
VDD max
VDD1
-0.3
+6.5
Input voltage
VI
CF1, CF2
-0.3
VDD+0.3
Input/output
voltage
VIO
Ports 0, 1, 2, 3
Port 7
-0.3
VDD+0.3
V
IOPH(1)
Ports 0, 1, 2, 3
CMOS output select
Per 1 applicable pin
-10
Peak output
current
IOPH(2)
P71 to P73
Per 1 applicable pin
-5
IOMH(1)
Ports 0, 1, 2, 3
CMOS output select
Per 1 applicable pin
-7.5
Mean output
current
(Note 1-1)
IOMH(2)
P71 to P73
Per 1 applicable pin
-3
ΣIOAH(1)
P71 to P73
Total of all applicable pins
-10
ΣIOAH(2)
P10 to P14
Total of all applicable pins
-20
ΣIOAH(3)
P15 to P17
Ports 0, 2, 3
Total of all applicable pins
-20
Total output
current
ΣIOAH(4)
Ports 0, 1, 2, 3
Total of all applicable pins
-25
IOPL(1)
P02 to P07
Ports 1, 2, 3
Per 1 applicable pin
20
IOPL(2)
P00, P01
Per 1 applicable pin
30
Peak output
current
IOPL(3)
Port 7
Per 1 applicable pin
10
IOML(1)
P02 to P07
Ports 1, 2, 3
Per 1 applicable pin
15
IOML(2)
P00, P01
Per 1 applicable pin
20
Mean output
current
(Note 1-1)
IOML(3)
Port 7
Per 1 applicable pin
7.5
ΣIOAL(1)
Port 7
Total of all applicable pins
15
ΣIOAL(2)
Port 0
Total of all applicable pins
40
ΣIOAL(3)
P10 to P14
Total of all applicable pins
35
ΣIOAL(4)
Ports 1, 2, 3
Total of all applicable pins
40
Total output
current
ΣIOAL(5)
Ports 0, 1, 2, 3
Total of all applicable pins
70
mA
Pd max(1)
Ta=-40 to +85
°C
Package only
120
Power
Dissipation
Pd max(2)
QFP36(7
×7)
Ta=-40 to +85
°C
Package with thermal
resistance board
(Note 1-2)
275
mW
Operating ambient
Temperature
Topr
-40
+85
Storage ambient
temperature
Tstg
-55
+125
°C
Note 1-1: The mean output current is a mean value measured over 100ms.
Note 1-2: SEMI standards thermal resistance board (size: 76.1
×114.3×1.6tmm, glass epoxy) is used.


Similar Part No. - LC87F2H08A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC87F2H08A ONSEMI-LC87F2H08A Datasheet
192Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
More results

Similar Description - LC87F2H08A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F2G08A SANYO-LC87F2G08A Datasheet
189Kb / 27P
   CMOS IC 8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC87FBK08A SANYO-LC87FBK08A Datasheet
185Kb / 28P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F0808A SANYO-LC87F0808A Datasheet
158Kb / 25P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC87FBL08A SANYO-LC87FBL08A Datasheet
185Kb / 28P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC872H08A SANYO-LC872H08A Datasheet
224Kb / 28P
   CMOS IC 8K/6K/4K-byte ROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F2708A SANYO-LC87F2708A Datasheet
140Kb / 21P
   CMOS IC FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC872G08A SANYO-LC872G08A_10 Datasheet
174Kb / 27P
   8K/6K/4K-byte ROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F7DJ2C SANYO-LC87F7DJ2C Datasheet
214Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2B SANYO-LC87F7DJ2B_10 Datasheet
172Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F2708A SANYO-LC87F2708A_09 Datasheet
152Kb / 21P
   FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com