Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC871H92A Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LC871H92A
Description  CMOS IC 128K/96K-byte ROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC871H92A Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LC871H92A Datasheet HTML 4Page - Sanyo Semicon Device LC871H92A Datasheet HTML 5Page - Sanyo Semicon Device LC871H92A Datasheet HTML 6Page - Sanyo Semicon Device LC871H92A Datasheet HTML 7Page - Sanyo Semicon Device LC871H92A Datasheet HTML 8Page - Sanyo Semicon Device LC871H92A Datasheet HTML 9Page - Sanyo Semicon Device LC871H92A Datasheet HTML 10Page - Sanyo Semicon Device LC871H92A Datasheet HTML 11Page - Sanyo Semicon Device LC871H92A Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
LC871HC4A/92A
No.A1188-8/27
Pin Description
Pin Name
I/O
Description
Option
VSS1,VSS2,
VSS3
-
- power supply
No
VDD1, VDD2
-
+ power supply
No
VDD3
-
USB reference voltage
Yes
Port 0
P00 to P07
I/O
• 8-bit I/O ports
• I/O specifiable in 4-bit units
• Pull-up resistors can be turned on and off in 4-bit units.
• HOLD reset input
• Port 0 interrupt input
• Pin functions
AD converter input ports: AN0 to AN7(P00 to P07)
P05: System clock output/audio interface SDAT input/output
P06: Timer 6 toggle output/audio interface BCLK input/output
P07: Timer 7 toggle output/audio interface LRCK input/output
Yes
Port 1
P10 to P17
I/O
• 8-bit I/O ports
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1-bit units.
• Pin functions
P10: SIO0 data output
P14: SIO1 data input/bus input/output
P11: SIO0 data input/bus input/output
P15: SIO1 clock input/output
P12: SIO0 clock input/output
P16: Timer 1 PWML output
P13: SIO1 data output
P17: Timer 1 PWMH output/beeper output
Yes
Port 2
• 8-bit I/O ports
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1-bit units.
• Pin functions
P20 to P23: INT4 input/HOLD reset input/timer 1 event input/timer 0L capture input/
timer 0H capture input
P24 to P27: INT5 input/HOLD reset input/timer 1 event input/timer 0L capture input/
timer 0H capture input
P20: INT6 input/timer 0L capture 1 input
P22: SIO4 data input/output/parallel interface RD output
P23: SIO4 data input/output/parallel interface WR output
P24: SIO4 clock input/output/INT7 input/timer 0H capture 1 input
P25: SIO9 data input/output/parallel interface RD9 output
P26: SIO9 data input/output/parallel interface WR9 output
P27: SIO9 clock input/output
Interrupt acknowledge types
Rising
Falling
Rising &
Falling
H level
L level
INT4
enable
enable
enable
disable
disable
INT5
enable
enable
enable
disable
disable
INT6
enable
enable
enable
disable
disable
INT7
enable
enable
enable
disable
disable
P20 to P27
I/O
Yes
Port 3
P30 to P34
I/O
• 5-bit I/O ports
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1-bit units.
• Pin functions
P30: UART1 transmit
P31: UART1 receive
P33: Audio interface PLL filter pin (see Fig. 6.)
P34: USB interface PLL filter pin (see Fig. 5.)
Yes
Continued on next page.


Similar Part No. - LC871H92A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC871H96A SANYO-LC871H96A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
More results

Similar Description - LC871H92A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC871HC8A SANYO-LC871HC8A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC4A SANYO-LC87F1HC4A Datasheet
233Kb / 27P
   CMOS IC 128K-byte FROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8A SANYO-LC87F1HC8A Datasheet
233Kb / 27P
   CMOS IC 128K-byte FROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8SA SANYO-LC87F1HC8SA Datasheet
233Kb / 27P
   CMOS IC FROM 128K byte, RAM 16384 byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC87F14C8A SANYO-LC87F14C8A Datasheet
177Kb / 26P
   CMOS IC FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC87F14C8SA SANYO-LC87F14C8SA Datasheet
174Kb / 26P
   FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC877648B SANYO-LC877648B Datasheet
183Kb / 25P
   CMOS IC Internal 96K/80K/64K/48K-byte ROM 4096-byte RAM 8-bit 1-chip Microcontroller
LC877G16A SANYO-LC877G16A Datasheet
100Kb / 17P
   CMOS IC 16K-byte ROM and 512-byte RAM 8-bit 1-chip Microcontroller
LC87F1964A SANYO-LC87F1964A Datasheet
179Kb / 28P
   CMOS IC FROM 64K byte, RAM 5K byte on-chip 8-bit 1-chip Microcontroller With USB-host Controller
LC875J96B SANYO-LC875J96B Datasheet
148Kb / 23P
   ROM 96K/80K/72K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com