Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC871H96A Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LC871H96A
Description  CMOS IC 128K/96K-byte ROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC871H96A Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LC871H96A Datasheet HTML 2Page - Sanyo Semicon Device LC871H96A Datasheet HTML 3Page - Sanyo Semicon Device LC871H96A Datasheet HTML 4Page - Sanyo Semicon Device LC871H96A Datasheet HTML 5Page - Sanyo Semicon Device LC871H96A Datasheet HTML 6Page - Sanyo Semicon Device LC871H96A Datasheet HTML 7Page - Sanyo Semicon Device LC871H96A Datasheet HTML 8Page - Sanyo Semicon Device LC871H96A Datasheet HTML 9Page - Sanyo Semicon Device LC871H96A Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
LC871HC8A/96A
No.A1189-6/27
Pin Assignment
SANYO: SQFP48(7
×7) “Lead-free Type”
SQFP48
NAME
SQFP48
NAME
1
P73/INT3/T0IN/RMIN
25
P04/AN4
2
RES
26
P05/AN5/CKO/SDAT
3
XT1/AN10
27
P06/AN6/T6O/BCLK
4
XT2/AN11
28
P07/AN7/T7O/LRCK
5
VSS1
29
P20/INT4/INT6
6
CF1
30
P21/INT4
7
CF2
31
P22/INT4/SO4/RD
8
VDD1
32
P23/INT4/SI4/WR
9
P10/SO0
33
P24/INT5/INT7/SCK4
10
P11/SI0/SB0
34
P25/INT5/SO9/RD9
11
P12/SCK0
35
P26/INT5/SI9/WR9
12
P13/SO1
36
P27/INT5/SCK9
13
P14/SI1/SB1
37
UHD-
14
P15/SCK1
38
UHD+
15
P16/T1PWML
39
VDD3
16
P17/T1PWMH/BUZ
40
VSS3
17
PWM1/MCLKI
41
P34/UFILT
18
PWM0/MCLKO
42
P33/AFILT
19
VDD2
43
P32
20
VSS2
44
P31/URX1
21
P00/AN0
45
P30/UTX1
22
P01/AN1
46
P70/INT0/T0LCP/AN8
23
P02/AN2
47
P71/INT1/T0HCP/AN9
24
P03/AN3
48
P72/INT2/T0IN
UHD-
UHD+
VDD3
VSS3
P34/UFILT
P33/AFILT
P32
P31/URX1
P30/UTX1
P70/INT0/T0LCP/AN8
P71/INT1/T0HCP/AN9
P72/INT2/T0IN
24
23
22
21
20
19
18
17
16
15
14
13
P03/AN3
P02/AN2
P01/AN1
P00/AN0
VSS2
VDD2
PWM0/MCLKO
PWM1/MCLKI
P17/T1PWMH/BUZ
P16/T1PWML
P15/SCK1
P14/SI1/SB1
37
38
39
40
41
42
43
44
45
46
47
48
LC871HC8A
LC871HC96A
Top view


Similar Part No. - LC871H96A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC871H92A SANYO-LC871H92A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
More results

Similar Description - LC871H96A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC871HC4A SANYO-LC871HC4A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8A SANYO-LC87F1HC8A Datasheet
233Kb / 27P
   CMOS IC 128K-byte FROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8SA SANYO-LC87F1HC8SA Datasheet
233Kb / 27P
   CMOS IC FROM 128K byte, RAM 16384 byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC4A SANYO-LC87F1HC4A Datasheet
233Kb / 27P
   CMOS IC 128K-byte FROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC87F14C8A SANYO-LC87F14C8A Datasheet
177Kb / 26P
   CMOS IC FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC87F14C8SA SANYO-LC87F14C8SA Datasheet
174Kb / 26P
   FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC877648B SANYO-LC877648B Datasheet
183Kb / 25P
   CMOS IC Internal 96K/80K/64K/48K-byte ROM 4096-byte RAM 8-bit 1-chip Microcontroller
LC877G16A SANYO-LC877G16A Datasheet
100Kb / 17P
   CMOS IC 16K-byte ROM and 512-byte RAM 8-bit 1-chip Microcontroller
LC87F1964A SANYO-LC87F1964A Datasheet
179Kb / 28P
   CMOS IC FROM 64K byte, RAM 5K byte on-chip 8-bit 1-chip Microcontroller With USB-host Controller
LC875J96B SANYO-LC875J96B Datasheet
148Kb / 23P
   ROM 96K/80K/72K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com