Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC074146LP Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC074146LP
Description  CMOS IC Monaural CODECAudio I/F Video driver IC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC074146LP Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC074146LP Datasheet HTML 5Page - Sanyo Semicon Device LC074146LP Datasheet HTML 6Page - Sanyo Semicon Device LC074146LP Datasheet HTML 7Page - Sanyo Semicon Device LC074146LP Datasheet HTML 8Page - Sanyo Semicon Device LC074146LP Datasheet HTML 9Page - Sanyo Semicon Device LC074146LP Datasheet HTML 10Page - Sanyo Semicon Device LC074146LP Datasheet HTML 11Page - Sanyo Semicon Device LC074146LP Datasheet HTML 12Page - Sanyo Semicon Device LC074146LP Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
LC074146LP
No.A0906-9/31
Audio Data Timing Diagram
Audio Data Formats
• I2S mode
• Left-justified mode
• Right-justified mode
Pin Name
PIN No.
Slave Mode (PLL: OFF)
Master Mode (PLL: ON)
MCLKIN
34
Input
Input
MCLKO
33
Output (through)
Output (PLL=256fs)
Pin Name
PIN No.
Slave Mode
Master Mode
LRCK
31
Input
Input
BCLK
32
Output
Output
BCLK
LRCK
tPH
tPH
ADOUT
tDD
DAIN
tSU
tHD
LRCK
BCLK
ADOUT
15
14
1
0
• •
• •
• •
15
14
1
• •
• •
Lch Data
Rch Data
0
LRCK
BCLK
ADOUT
15
14
1
0
• • •
• • •
• • •
15
14
1
0
• • •
• • •
• • •
Lch Data
Rch Data
15
LRCK
BCLK
ADOUT
15
14
1
0
• • •
• • •
• • •
15
14
1
0
• • •
• • •
• • •
Lch Data
Rch Data
0


Similar Part No. - LC074146LP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC07410LG SANYO-LC07410LG Datasheet
479Kb / 36P
   Monaural CODEC Audio I/F Video Driver
More results

Similar Description - LC074146LP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC0710LG SANYO-LC0710LG Datasheet
432Kb / 36P
   Monaural CODEC Audio I/F Video Driver
LC07410LG SANYO-LC07410LG Datasheet
479Kb / 36P
   Monaural CODEC Audio I/F Video Driver
LC07424LP SANYO-LC07424LP Datasheet
637Kb / 32P
   CMOS IC Audio CODEC with Video Driver
LC07422T SANYO-LC07422T Datasheet
105Kb / 10P
   CMOS IC Audio CODEC with Video Driver
logo
New Japan Radio
NJM2166 NJRC-NJM2166 Datasheet
94Kb / 8P
   MONAURAL AUDIO POWER AMPLIFIER IC
logo
Asahi Kasei Microsystem...
AK4571 AKM-AK4571 Datasheet
309Kb / 54P
   USB I/F Audio CODEC
logo
Sanyo Semicon Device
LV4991TH SANYO-LV4991TH Datasheet
150Kb / 11P
   Bi-CMOS IC For Portable Audio Equipment Monaural BTL Power Amplifier
logo
Rohm
BU7812KN ROHM-BU7812KN Datasheet
299Kb / 5P
   Monaural audio interface with CODEC
logo
Sanyo Semicon Device
LV4991TT SANYO-LV4991TT Datasheet
189Kb / 11P
   Bi-CMOS IC For Portable Audio Equipment Monaural BTL Power Amplifier
logo
Toshiba Semiconductor
TA8164P TOSHIBA-TA8164P Datasheet
338Kb / 9P
   3V MONAURAL RADIO IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com