Electronic Components Datasheet Search |
|
MAL209524681E3 Datasheet(PDF) 1 Page - Vishay Siliconix |
|
MAL209524681E3 Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 7 page Document Number: 28393 For technical questions, contact: aluminumcaps2@vishay.com www.vishay.com Revision: 08-Aug-08 1 Aluminum Capacitors Power Long Life 4 Terminal Snap-In 095 PLL-4TSI Vishay BCcomponents FEATURES • Polarized aluminum electrolytic capacitors, non-solid electrolyte • Large types, minimized dimensions, cylindrical aluminum case, insulated with a blue sleeve • Pressure relief on the side of the aluminum case • Very long useful life: 10 000 hours at 85 °C • Temperature range up to 85 °C • Keyed polarity • Low ESR, high ripple current capability APPLICATIONS • Telecommunication and industrial systems • Smoothing and filtering applications • Switched mode power supplies • Renewable energy power converters • Energy storage in pulse systems • For excellent mounting stability MARKING The capacitors are marked (where possible) with the following information: • Rated capacitance (in µF) • Tolerance code on rated capacitance, code letter in accordance with IEC 60062 (M for ± 20 %) • Rated voltage (in V) • Date code (YYMM) • Name of manufacturer • Code for factory of origin • ‘−’ sign to identify the negative terminal, visible from the top and side of the capacitor • Code number • Climatic category in accordance with IEC 60068 QUICK REFERENCE DATA DESCRIPTION VALUE Nominal case size (D x L in mm) 35 x 50 to 45 x 100 Rated capacitance range CR 390 µF to 2200 µF Tolerance on CR ± 20 % Rated voltage range, UR 350 V to 450 V Category temperature range - 40 °C to + 85 °C Endurance test at 85 °C 3000 hours Useful life at 85 °C 10 000 hours Useful life at 40 °C, 1.4 x IR applied 400 000 hours Shelf life at 0 V, 85 °C 1000 hours Based on sectional specification IEC 60384-4/EN130300 Climatic category IEC 60 068 40/085/56 095 smaller dimensions 096 Fig.1 Component outlines RoHS COMPLIANT SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm) CR (µF) UR (V) 350 400 420 450 390 --- 35 x 50 40 x 40 470 - 35 x 50 40 x 40 35 x 50 40 x 40 35 x 60 40 x 50 45 x 40 560 35 x 50 35 x 60 45 x 40 35 x 60 35 x 70 40 x 60 680 35 x 60 40 x 50 35 x 70 40 x 60 45 x 50 35 x 70 40 x 60 45 x 50 35 x 80 40 x 60 45 x 50 820 35 x 70 40 x 60 35 x 80 40 x 60 35 x 80 40 x 70 45 x 50 40 x 70 45 x 60 |
Similar Part No. - MAL209524681E3 |
|
Similar Description - MAL209524681E3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |