Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL209031103E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MAL209031103E3
Description  Aluminum Capacitors Power Ultra Long Life Snap-In
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL209031103E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  MAL209031103E3 Datasheet HTML 1Page - Vishay Siliconix MAL209031103E3 Datasheet HTML 2Page - Vishay Siliconix MAL209031103E3 Datasheet HTML 3Page - Vishay Siliconix MAL209031103E3 Datasheet HTML 4Page - Vishay Siliconix MAL209031103E3 Datasheet HTML 5Page - Vishay Siliconix MAL209031103E3 Datasheet HTML 6Page - Vishay Siliconix MAL209031103E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 28387
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 18-Aug-08
1
Aluminum Capacitors
Power Ultra Long Life Snap-In
090 PUL-SI
Vishay BCcomponents
FEATURES
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Large types, very small dimensions, cylindrical
aluminum case, insulated with a blue sleeve
• Low ESR, high ripple current capability
• Long useful life: up to 5000 hours at 105 °C
• Keyed polarity version available
APPLICATIONS
• General purpose, industrial, telecom and audio/video
systems
• Smoothing and filtering
• Standard and switched mode power supplies
• Energy storage in pulse systems
MARKING
The capacitors are marked (where possible) with the
following information:
• Rated capacitance (in µF)
• Tolerance on rated capacitance, code letter in accordance
with IEC 60062 (M for ± 20 %)
• Rated voltage (in V)
• Date code (YYMM)
• Name of manufacturer
• Code for factory of origin
• ‘-’ sign to identify the negative terminal, visible from the top
and side of the capacitor
• Code number
• Climatic category in accordance with IEC 60068
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case sizes
(Ø D x L in mm)
22 x 25
to 35 x 40
Rated capacitance range
(E6/E12 series), CR
560 µF to 47 000 µF
Tolerance on CR
± 20 %
Rated voltage range, UR
25 V to 100 V
Category temperature
range
- 40 °C to + 105 °C
Endurance test at 105 °C
2000 hours
Useful life at 105 °C
5000 hours
Useful life at 40 °C,
1.9 x IR applied
125 000 hours
Shelf life at 0 V, 105 °C
500 hours
Based on sectional
specification
IEC 60384-4/EN130300
Climatic category
IEC 60068
40/105/56
158
PUL-SI
156
PUM-SI
090
PUL-SI
miniaturized
85
°C
Fig.1 Component outlines
RoHS
COMPLIANT
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(µF)
UR (V)
16
25
35
40
50
63
80
100
560
-
-----
-
22 x 25
680
-
-----
22 x 25
22 x 30
1000
-
-----
22 x 30
25 x 30
1200
-
-----
25 x 30
-
1500
-
----
22 x 25
-
25 x 40
30 x 30
1800
-
-----
-
30 x 35
2200
-
-
-
-
22 x 25
22 x 30
25 x 40
30 x 30
30 x 40
2700
-
-
-
-
-
25 x 30
30 x 35
-
3300
-
-
-
22 x 25
22 x 30
25 x 40
30 x 40
35 x 40
3900
-
-
-
22 x 30
25 x 30
25 x 40
30 x 30
-
-
4700
-
22 x 25
22 x 30
22 x 30
25 x 30
25 x 40
30 x 30
30 x 35
35 x 40
-
5600
-
-
-
25 x 30
25 x 40
30 x 35
-
-
6800
22 x 25
22 x 30
25 x 30
25 x 40
30 x 30
30 x 40
-
-
8200
-
25 x 30
-
-
30 x 30
30 x 35
35 x 40
-
-
10 000
22 x 30
25 x 40
25 x 40
30 x 30
30 x 35
30 x 40
30 x 40
-
-
-


Similar Part No. - MAL209031103E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL209322182E3 VISHAY-MAL209322182E3 Datasheet
115Kb / 6P
   Aluminum Capacitors Power Miniaturized General Purpose Snap-In
Revision: 12-Aug-08
MAL209322222E3 VISHAY-MAL209322222E3 Datasheet
115Kb / 6P
   Aluminum Capacitors Power Miniaturized General Purpose Snap-In
Revision: 12-Aug-08
MAL209323122E3 VISHAY-MAL209323122E3 Datasheet
115Kb / 6P
   Aluminum Capacitors Power Miniaturized General Purpose Snap-In
Revision: 12-Aug-08
MAL209323152E3 VISHAY-MAL209323152E3 Datasheet
115Kb / 6P
   Aluminum Capacitors Power Miniaturized General Purpose Snap-In
Revision: 12-Aug-08
MAL209323182E3 VISHAY-MAL209323182E3 Datasheet
115Kb / 6P
   Aluminum Capacitors Power Miniaturized General Purpose Snap-In
Revision: 12-Aug-08
More results

Similar Description - MAL209031103E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
158PUL-SI VISHAY-158PUL-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 18-Aug-08
159PUL-SI VISHAY-159PUL-SI_12 Datasheet
109Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 09-Mar-12
159PUL-SI VISHAY-159PUL-SI Datasheet
102Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 14-Oct-08
090PULSI VISHAY-090PULSI_15 Datasheet
100Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 11-Oct-13
158PUL-SI VISHAY-158PUL-SI_11 Datasheet
115Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 17-Aug-11
158PULSI VISHAY-158PULSI_15 Datasheet
108Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 11-Oct-13
158PUL-SI VISHAY-158PUL-SI_16 Datasheet
123Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 13-Oct-16
logo
List of Unclassifed Man...
159PUL-SI ETC2-159PUL-SI Datasheet
668Kb / 12P
   Aluminum electrolytic capacitors Power Ultra Long Life Snap-in
logo
Vishay Siliconix
159PUL-SI VISHAY-159PUL-SI_17 Datasheet
122Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
159PULSI VISHAY-159PULSI Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com