Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL209022222E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MAL209022222E3
Description  Aluminum Capacitors Power Ultra Long Life Snap-In
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL209022222E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  MAL209022222E3 Datasheet HTML 1Page - Vishay Siliconix MAL209022222E3 Datasheet HTML 2Page - Vishay Siliconix MAL209022222E3 Datasheet HTML 3Page - Vishay Siliconix MAL209022222E3 Datasheet HTML 4Page - Vishay Siliconix MAL209022222E3 Datasheet HTML 5Page - Vishay Siliconix MAL209022222E3 Datasheet HTML 6Page - Vishay Siliconix MAL209022222E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 28387
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 18-Aug-08
3
090 PUL-SI
Aluminum Capacitors
Power Ultra Long Life Snap-In
Vishay BCcomponents
Table 1
Notes
(1) ESR at 120 Hz is approximately 0.95 x ESR 100 Hz
Unless otherwise specified, all electrical values in Table 2 apply
at Tamb = 20 °C, P = 86 to 106 kPa, RH = 45 to 75 %
ORDERING EXAMPLE
Electrolytic capacitor 090 series
3300 µF/80 V; ± 20 %
Nominal case size: Ø 30 x 40 mm
2-terminal snap-in:
3-terminal snap-in:
Table 2
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
Ø D x L
Ø Dmax.
Lmax.
MASS
(g)
PACKAGING QUANTITIES
(units per box)
CARDBOARD BOX DIMENSIONS
L x W x H
(mm)
22 x 25
23
27
12
100
260 x 250 x 39
22 x 30
23
32
16
100
260 x 250 x 44
25 x 30
26
32
22
100
290 x 280 x 44
25 x 40
26
42
27
100
290 x 280 x 54
30 x 30
31
32
30
100
340 x 330 x 44
30 x 35
31
37
35
100
340 x 330 x 49
30 x 40
31
42
40
100
340 x 330 x 54
35 x 40
36
42
55
50
390 x 198 x 54
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz
IR
rated RMS ripple current at 100 Hz or 10 kHz,
105
°C
IL5
max. leakage current after 5 minutes at UR
ESR
max. equivalent series resistance at 100 Hz (1)
Z
max. impedance at 10 kHz
Ordering code: MAL2 090 32332 E3
Former 12NC: 2222 090 32332
Ordering code: MAL2 090 72332 E3
Former 12NC: 2222 090 72332
ELECTRICAL DATA AND ORDERING INFORMATION FOR 2 AND 3 TERMINAL SNAP-IN VERSIONS
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
105 °C
(A)
IR
10 kHz
105 °C
(A)
IL5
5min
(mA)
MAX. ESR
100 Hz (1)
(m
Ω)
MAX. Z
10 kHz
(m
Ω)
ORDERING CODE
MAL2090.......
2-TERM. SI
3-TERM. SI
16
6800
22 x 25
2.8
3.3
222
82
66
15682E3
55682E3
10 000
22 x 30
3.4
4.0
324
59
48
15103E3
55103E3
15 000
25 x 30
3.6
4.3
484
53
44
25153E3
65153E3
22 000
25 x 40
4.5
5.5
708
38
33
25223E3
65223E3
22 000
30 x 30
3.7
4.5
708
54
43
35223E3
75223E3
27 000
30 x 35
4.2
5.1
868
45
36
35273E3
75273E3
33 000
30 x 40
4.7
5.6
1060
39
32
35333E3
75333E3
47 000
35 x 40
4.8
5.8
1508
43
32
45473E3
85473E3
25
4700
22 x 25
2.6
3.1
236
89
66
16472E3
56472E3
6800
22 x 30
3.2
3.8
341
65
49
16682E3
56682E3
8200
25 x 30
3.4
4.1
411
60
46
26822E3
66822E3
10 000
25 x 40
4.3
5.1
501
46
35
26103E3
66103E3
12 000
25 x 40
4.3
5.2
601
43
34
26123E3
66123E3
12 000
30 x 30
3.7
4.5
601
56
44
36123E3
76123E3
15 000
30 x 35
4.2
5.1
751
46
36
16153E3
56153E3
15 000
30 x 40
4.8
5.7
751
40
33
36153E3
76153E3
22 000
35 x 40
5.1
6.1
1101
40
31
46223E3
86223E3
35
4700
22 x 30
2.8
3.4
330
78
53
10472E3
50472E3
6800
25 x 30
3.0
3.6
477
70
50
20682E3
60682E3
10 000
25 x 40
3.9
4.7
701
49
36
20103E3
60103E3
10 000
30 x 30
3.2
3.9
701
70
49
30103E3
70103E3
15 000
30 x 40
4.1
4.9
1051
49
35
30153E3
70153E3
22 000
35 x 40
4.2
5.0
1541
55
35
40223E3
80223E3


Similar Part No. - MAL209022222E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL209322182E3 VISHAY-MAL209322182E3 Datasheet
115Kb / 6P
   Aluminum Capacitors Power Miniaturized General Purpose Snap-In
Revision: 12-Aug-08
MAL209322222E3 VISHAY-MAL209322222E3 Datasheet
115Kb / 6P
   Aluminum Capacitors Power Miniaturized General Purpose Snap-In
Revision: 12-Aug-08
MAL209323122E3 VISHAY-MAL209323122E3 Datasheet
115Kb / 6P
   Aluminum Capacitors Power Miniaturized General Purpose Snap-In
Revision: 12-Aug-08
MAL209323152E3 VISHAY-MAL209323152E3 Datasheet
115Kb / 6P
   Aluminum Capacitors Power Miniaturized General Purpose Snap-In
Revision: 12-Aug-08
MAL209323182E3 VISHAY-MAL209323182E3 Datasheet
115Kb / 6P
   Aluminum Capacitors Power Miniaturized General Purpose Snap-In
Revision: 12-Aug-08
More results

Similar Description - MAL209022222E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
158PUL-SI VISHAY-158PUL-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 18-Aug-08
159PUL-SI VISHAY-159PUL-SI_12 Datasheet
109Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 09-Mar-12
159PUL-SI VISHAY-159PUL-SI Datasheet
102Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 14-Oct-08
090PULSI VISHAY-090PULSI_15 Datasheet
100Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 11-Oct-13
158PUL-SI VISHAY-158PUL-SI_11 Datasheet
115Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 17-Aug-11
158PULSI VISHAY-158PULSI_15 Datasheet
108Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 11-Oct-13
158PUL-SI VISHAY-158PUL-SI_16 Datasheet
123Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 13-Oct-16
logo
List of Unclassifed Man...
159PUL-SI ETC2-159PUL-SI Datasheet
668Kb / 12P
   Aluminum electrolytic capacitors Power Ultra Long Life Snap-in
logo
Vishay Siliconix
159PUL-SI VISHAY-159PUL-SI_17 Datasheet
122Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
159PULSI VISHAY-159PULSI Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com