Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL209457829E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MAL209457829E3
Description  Aluminum Capacitors Power Miniaturized Economy Long Life Snap-In
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL209457829E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  MAL209457829E3 Datasheet HTML 1Page - Vishay Siliconix MAL209457829E3 Datasheet HTML 2Page - Vishay Siliconix MAL209457829E3 Datasheet HTML 3Page - Vishay Siliconix MAL209457829E3 Datasheet HTML 4Page - Vishay Siliconix MAL209457829E3 Datasheet HTML 5Page - Vishay Siliconix MAL209457829E3 Datasheet HTML 6Page - Vishay Siliconix MAL209457829E3 Datasheet HTML 7Page - Vishay Siliconix MAL209457829E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
094 PME-SI
Vishay BCcomponents
Aluminum Capacitors
Power Miniaturized Economy Long Life Snap-In
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28382
4
Revision: 18-Aug-08
Table 2
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
120 Hz
(A)
IL5
(mA)
MAX. ESR
120 Hz (1)
(
Ω)
MAX. Z
10 kHz
(
Ω)
ORDERING
CODE
MAL2094.......
200
220
22 x 25
1.04
0.88
0.46
0.30
52221E3
270
22 x 25
1.12
1.08
0.40
0.26
52271E3
330
22 x 30
1.30
1.32
0.32
0.21
52331E3
390
22 x 35
1.49
1.50
0.27
0.17
52391E3
390
25 x 30
1.47
1.50
0.27
0.18
42391E3
470
22 x 35
1.58
1.50
0.24
0.15
52471E3
470
25 x 30
1.55
1.50
0.24
0.16
42471E3
560
25 x 30
1.61
1.50
0.22
0.15
42561E3
680
22 x 50
1.96
1.50
0.16
0.10
52681E3
680
25 x 40
1.98
1.50
0.17
0.11
42681E3
820
30 x 30
1.86
1.50
0.18
0.13
32821E3
1000
25 x 50
2.56
1.50
0.12
0.08
42102E3
1000
30 x 35
2.04
1.50
0.16
0.12
32102E3
1200
30 x 40
2.35
1.50
0.13
0.09
32122E3
1500
30 x 50
2.87
1.50
0.10
0.07
32152E3
1500
35 x 40
2.54
1.50
0.13
0.09
22152E3
2200
35 x 50
3.02
1.50
0.10
0.07
22222E3
250
220
22 x 30
1.33
1.10
0.41
0.25
53221E3
270
22 x 30
1.22
1.35
0.35
0.22
53271E3
330
22 x 35
1.40
1.50
0.29
0.18
53331E3
390
25 x 30
1.46
1.50
0.26
0.17
43391E3
470
25 x 35
1.64
1.50
0.22
0.14
43471E3
560
25 x 40
1.87
1.50
0.19
0.12
43561E3
680
30 x 30
1.76
1.50
0.20
0.14
33681E3
1000
30 x 45
2.48
1.50
0.13
0.09
33102E3
1200
35 x 40
2.47
1.50
0.13
0.10
23122E3
1500
35 x 45
2.73
1.50
0.12
0.09
23152E3
1800
35 x 50
2.96
1.50
0.10
0.07
23182E3
400
56
22 x 25
0.53
0.45
2.39
1.79
56569E3
68
22 x 25
0.58
0.54
1.98
1.49
56689E3
82
22 x 25
0.64
0.66
1.66
1.25
56829E3
100
22 x 25
0.68
0.80
1.51
1.16
56101E3
120
22 x 30
0.79
0.96
1.16
0.87
56121E3
120
25 x 25
0.79
0.96
1.17
0.89
46121E3
150
22 x 35
0.92
1.20
0.92
0.69
56151E3
180
30 x 25
1.03
1.44
0.81
0.62
36181E3
220
22 x 50
1.15
1.50
0.59
0.44
56221E3
220
25 x 35
1.11
1.50
0.68
0.52
46221E3
220
30 x 25
1.08
1.50
0.71
0.55
36221E3
270
30 x 30
1.26
1.50
0.55
0.42
36271E3
270
35 x 25
1.25
1.50
0.63
0.50
26271E3
330
25 x 50
1.61
1.50
0.43
0.33
46331E3
330
30 x 35
1.41
1.50
0.47
0.37
36331E3
330
35 x 30
1.50
1.50
0.46
0.36
26331E3
390
30 x 40
1.62
1.50
0.39
0.30
36391E3
390
35 x 30
1.56
1.50
0.43
0.34
26391E3
470
30 x 45
1.82
1.50
0.33
0.26
36471E3
470
35 x 35
1.70
1.50
0.37
0.30
26471E3
560
30 x 50
2.03
1.50
0.29
0.23
36561E3
560
35 x 40
1.95
1.50
0.30
0.24
26561E3
680
35 x 45
2.15
1.50
0.26
0.21
26681E3


Similar Part No. - MAL209457829E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL209010472E3 VISHAY-MAL209010472E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209011222E3 VISHAY-MAL209011222E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209011332E3 VISHAY-MAL209011332E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209012102E3 VISHAY-MAL209012102E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209012821E3 VISHAY-MAL209012821E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
More results

Similar Description - MAL209457829E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
094PME-SI VISHAY-094PME-SI_11 Datasheet
108Kb / 8P
   Aluminum Capacitors Power Miniaturized Economy Long Life Snap-In
Revision: 10-Aug-11
094PME-SI VISHAY-094PME-SI_16 Datasheet
123Kb / 8P
   Aluminum Electrolytic Capacitors Power Miniaturized Economy Long Life Snap-In
Revision: 07-Nov-16
094PME-SI VISHAY-094PME-SI_V01 Datasheet
103Kb / 8P
   Aluminum Electrolytic Capacitors Power Miniaturized Economy Long Life Snap-In
01-Jan-2023
094PMESI VISHAY-094PMESI_15 Datasheet
107Kb / 8P
   Aluminum Electrolytic Capacitors Power Miniaturized Economy Long Life Snap-In
Revision: 21-May-15
199PEL-SI VISHAY-199PEL-SI Datasheet
101Kb / 8P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 08-Aug-08
199PEL-SI VISHAY-199PEL-SI_17 Datasheet
123Kb / 9P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 10-Jan-17
199PEL-SI VISHAY-199PEL-SI_11 Datasheet
105Kb / 8P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 05-May-11
058PLL-SI VISHAY-058PLL-SI Datasheet
139Kb / 11P
   Aluminum Capacitors Power Long Life Snap-In
Revision: 07-Apr-11
059PLL-SI VISHAY-059PLL-SI Datasheet
145Kb / 11P
   Aluminum Capacitors Power Long Life Snap-In
Revision: 18-Aug-08
158PUL-SI VISHAY-158PUL-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 18-Aug-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com