Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL209447121E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MAL209447121E3
Description  Aluminum Capacitors Power Miniaturized Economy Long Life Snap-In
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL209447121E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  MAL209447121E3 Datasheet HTML 1Page - Vishay Siliconix MAL209447121E3 Datasheet HTML 2Page - Vishay Siliconix MAL209447121E3 Datasheet HTML 3Page - Vishay Siliconix MAL209447121E3 Datasheet HTML 4Page - Vishay Siliconix MAL209447121E3 Datasheet HTML 5Page - Vishay Siliconix MAL209447121E3 Datasheet HTML 6Page - Vishay Siliconix MAL209447121E3 Datasheet HTML 7Page - Vishay Siliconix MAL209447121E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 28382
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 18-Aug-08
1
Aluminum Capacitors
Power Miniaturized Economy Long Life Snap-In
094 PME-SI
Vishay BCcomponents
FEATURES
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Large
types,
miniaturized
dimensions,
cylindrical aluminum case, insulated with a blue
sleeve
• Useful life: 2000 hours at 105 °C
APPLICATIONS
• Consumer and Telecom
• Whitegood motor control
• Electronic drives
• Smps/ups
MARKING
The capacitors are marked (where possible) with the
following information:
• Rated capacitance (in µF)
• Tolerance code on rated capacitance, code letter in
accordance with IEC 60062 (M for ± 20 %)
• Rated voltage (in V)
• Name of manufacturer
• Date code
• ‘-’ sign to identify the negative terminal, visible from the top
and side of the capacitor
• Code number (last 8 digits)
• Maximum operating temperature
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case size
(Ø D x L in mm)
22 x 25
to 35 x 60
Rated capacitance range, CR
56 µF to 2200 µF
Tolerance on CR
± 20 %
Rated voltage range, UR
200 V to 450 V
Category temperature range
- 25 °C to + 105 °C
Useful life at 105 °C
2000 hours
Useful life at 40 °C and
1.6 x IR applied
180 000 hours
Shelf life at 0 V, 105 °C
500 hours
Based on sectional
specification
IEC 60384-4/EN130300/W
of JISC5141
Fig.1 Component outlines
094
199
197
159
157
093
105 °C
105 °C
105 °C
Smaller
dimensions
Smaller
dimensions
Longer
life
Longer
life
RoHS
COMPLIANT
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(µF)
UR (V)
200
250
400
420
450
56
-
-
22 x 25
22 x 25
22 x 25
68
-
-
22 x 25
22 x 25
22 x 25
82
-
-
22 x 25
22 x 25
22 x 30
----
25 x 25
100
-
-
22 x 25
22 x 30
22 x 30
-
-
-
25 x 25
25 x 25
120
-
-
22 x 30
22 x 30
22 x 35
-
-
25 x 25
25 x 25
25 x 30
150
-
-
22 x 35
22 x 35
22 x 40
-
-
-
25 x 30
25 x 30
----
30 x 25


Similar Part No. - MAL209447121E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL209010472E3 VISHAY-MAL209010472E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209011222E3 VISHAY-MAL209011222E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209011332E3 VISHAY-MAL209011332E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209012102E3 VISHAY-MAL209012102E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209012821E3 VISHAY-MAL209012821E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
More results

Similar Description - MAL209447121E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
094PME-SI VISHAY-094PME-SI_11 Datasheet
108Kb / 8P
   Aluminum Capacitors Power Miniaturized Economy Long Life Snap-In
Revision: 10-Aug-11
094PME-SI VISHAY-094PME-SI_16 Datasheet
123Kb / 8P
   Aluminum Electrolytic Capacitors Power Miniaturized Economy Long Life Snap-In
Revision: 07-Nov-16
094PME-SI VISHAY-094PME-SI_V01 Datasheet
103Kb / 8P
   Aluminum Electrolytic Capacitors Power Miniaturized Economy Long Life Snap-In
01-Jan-2023
094PMESI VISHAY-094PMESI_15 Datasheet
107Kb / 8P
   Aluminum Electrolytic Capacitors Power Miniaturized Economy Long Life Snap-In
Revision: 21-May-15
199PEL-SI VISHAY-199PEL-SI Datasheet
101Kb / 8P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 08-Aug-08
199PEL-SI VISHAY-199PEL-SI_17 Datasheet
123Kb / 9P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 10-Jan-17
199PEL-SI VISHAY-199PEL-SI_11 Datasheet
105Kb / 8P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 05-May-11
058PLL-SI VISHAY-058PLL-SI Datasheet
139Kb / 11P
   Aluminum Capacitors Power Long Life Snap-In
Revision: 07-Apr-11
059PLL-SI VISHAY-059PLL-SI Datasheet
145Kb / 11P
   Aluminum Capacitors Power Long Life Snap-In
Revision: 18-Aug-08
158PUL-SI VISHAY-158PUL-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 18-Aug-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com