Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFBF20STRR Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IRFBF20STRR
Description  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFBF20STRR Datasheet(HTML) 1 Page - Vishay Siliconix

  IRFBF20STRR Datasheet HTML 1Page - Vishay Siliconix IRFBF20STRR Datasheet HTML 2Page - Vishay Siliconix IRFBF20STRR Datasheet HTML 3Page - Vishay Siliconix IRFBF20STRR Datasheet HTML 4Page - Vishay Siliconix IRFBF20STRR Datasheet HTML 5Page - Vishay Siliconix IRFBF20STRR Datasheet HTML 6Page - Vishay Siliconix IRFBF20STRR Datasheet HTML 7Page - Vishay Siliconix IRFBF20STRR Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 91121
www.vishay.com
S-Pending-Rev. A, 23-Jun-08
WORK-IN-PROGRESS
1
Power MOSFET
IRFBF20S, IRFBF20L, SiHFBF20S, SiHFBF20L
Vishay Siliconix
FEATURES
• Surface Mount (IRFBF20S/SiHFBF20S)
• Low-Profile Through-Hole (IRFBF20L/SiHFBF20L)
• Available
in
Tape
and
Reel
(IRFBF20S/SiHFBF20S)
• Dynamic dV/dt Rating
• 150 °C Operating Temperature
• Fast Switching
• Fully Avalanche Rated
• Lead (Pb)-free Available
DESCRIPTION
Third generation Power MOSFETs form Vishay provide the
designer with the best combination of fast switching,
ruggedized
device
design,
low
on-resistance
and
cost-effectiveness.
The D2PAK is a surface mount power package capabel of
the accommodating die sizes up to HEX-4. It provides the
highest
power
capability
and
the
lowest
possible
on-resistance in any existing surface mount package. The
D2PAK is suitable for high current applications because of its
low internal connection resistance and can dissipate up to
2.0 W in a typical surface mount application. The
through-hole version (IRFBF20L/SiHFBF20L) is available for
low-profile applications.
Note
a. See device orientation.
PRODUCT SUMMARY
VDS (V)
900
RDS(on) (Ω)VGS = 10 V
8.0
Qg (Max.) (nC)
38
Qgs (nC)
4.7
Qgd (nC)
21
Configuration
Single
N-Channel MOSFET
G
D
S
D2PAK (TO-263)
G
D
S
I2PAK (TO-262)
Available
RoHS*
COMPLIANT
ORDERING INFORMATION
Package
D2PAK (TO-263)
D2PAK (TO-263)
D2PAK (TO-263)
I2PAK (TO-262)
Lead (Pb)-free
IRFBF20SPbF
IRFBF20STRLPbFa
IRFBF20STRRPbFa
IRFBF20LPbF
SiHFBF20S-E3
SiHFBF20STL-E3a
SiHFBF20STR-E3a
SiHFBF20L-E3
SnPb
IRFBF20S
IRFBF20STRLa
IRFBF20STRRa
IRFBF20L
SiHFBF20S-E3
SiHFBF20STLa
SiHFBF20STRa
SiHFBF20L
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltagee
VDS
900
V
Gate-Source Voltagee
VGS
± 20
Continuous Drain Current
VGS at 10 V
TC = 25 °C
ID
1.7
A
TC = 100 °C
1.1
Pulsed Drain Currenta,e
IDM
6.8
Linear Derating Factor
0.43
W/°C
Single Pulse Avalanche Energyb, e
EAS
180
mJ
Repetitive Avalanche Currenta
IAR
1.7
A
Repetitive Avalanche Energya
EAR
5.4
mJ
Maximum Power Dissipation
TC = 25 °C
PD
54
W
TA = 25 °C
3.1
Peak Diode Recovery dV/dtc, e
dV/dt
1.5
V/ns
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - IRFBF20STRR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFBF20STRRPBFA VISHAY-IRFBF20STRRPBFA Datasheet
312Kb / 11P
   Power MOSFET
01-Jan-2022
More results

Similar Description - IRFBF20STRR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com