Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL209627821E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MAL209627821E3
Description  Aluminum Capacitors Power Long Life 4-Terminal Snap-In
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL209627821E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  MAL209627821E3 Datasheet HTML 1Page - Vishay Siliconix MAL209627821E3 Datasheet HTML 2Page - Vishay Siliconix MAL209627821E3 Datasheet HTML 3Page - Vishay Siliconix MAL209627821E3 Datasheet HTML 4Page - Vishay Siliconix MAL209627821E3 Datasheet HTML 5Page - Vishay Siliconix MAL209627821E3 Datasheet HTML 6Page - Vishay Siliconix MAL209627821E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 28392
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 08-Aug-08
3
096 PLL-4TSI
Aluminum Capacitors
Power Long Life 4-Terminal Snap-In
Vishay BCcomponents
Table 1
Note
1. Unless otherwise specified, all electrical values in Tables and
apply at Tamb = 20 °C, P = 86 to 106 kPa, RH = 45 to 75 %.
ORDERING EXAMPLE
Electrolytic capacitor 096 series
820 µF/385 V;
Printed Wiring:
4-Terminal Snap In:
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
Ø D x L
Ø Dmax.
4T-SI
Lmax.
PW
L+5
MASS
(g)
PACKAGING QUANTITIES
(units per box)
CARDBOARD BOX
DIMENSIONS
L x W x H
35 x 50
36
52
55
72
50
390 x 198 x 60
35 x 60
36
62
65
91
50
390 x 198 x 70
35 x 70
36
72
75
103
50
390 x 198 x 80
35 x 80
36
82
85
115
25
TBD
35 x 100
36
102
105
151
25
TBD
40 x 40
41
42
45
70
50
440 x 223 x 60
40 x 50
41
52
55
94
50
440 x 223 x 70
40 x 60
41
62
65
118
25
230 x 230 x 80
40 x 70
41
72
75
134
25
230 x 230 x 90
40 x 80
41
82
85
150
25
230 x 230 x 100
40 x 100
41
102
105
176
25
230 x 230 x 120
45 x 40
46
42
-
88
36
TBD
45 x 50
46
52
-
119
36
TBD
45 x 60
46
62
-
150
36
TBD
45 x 70
46
72
-
170
36
TBD
45 x 80
46
82
-
190
36
TBD
45 x 100
46
102
-
250
36
TBD
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz
IR
rated RMS ripple current at 100 Hz and 85 °C
IL5
max. leakage current after 5 minutes at UR
ESR
max. equivalent series resistance at 100 Hz
Z
max. impedance at 10 kHz
Ordering code: MAL2 096 68821 E3
Former 12NC:
2222 096 68821
Ordering code: MAL2 096 18821 E3
Former 12NC:
2222 096 18821
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
85 °C
(A)
IL(5)
5min
(µA)
ESR
100 Hz
(m
Ω)
Z max.
10 kHz
(m
Ω)
CATALOG NUMBER
MAL2096.......
4T-SI
PW
350
820
35 x 50
4.0
578
126
82
15821E3
65821E3
820
40 x 40
3.8
578
134
90
25821E3
75821E3
1000
35 x 60
4.7
704
104
67
15102E3
65102E3
1000
40 x 50
4.8
704
108
72
25102E3
75102E3
1200
35 x 70
5.3
844
87
57
15122E3
65122E3
1200
40 x 60
5.4
844
90
59
25122E3
75122E3
1500
35 x 80
6.0
1054
71
47
15152E3
65152E3
1500
40 x 70
6.2
1054
73
49
25152E3
75152E3
1500
45 x 60
6.3
1054
76
52
35152E3
-
1800
40 x 80
6.9
1264
62
41
25182E3
75182E3
1800
45 x 60
6.6
1264
68
48
35182E3
-
2200
40 x 100
8.2
1544
51
34
25222E3
75222E3
2200
45 x 70
7.4
1544
57
41
35222E3
-
2700
45 x 100
9.2
1894
44
30
35272E3
-


Similar Part No. - MAL209627821E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL209010472E3 VISHAY-MAL209010472E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209011222E3 VISHAY-MAL209011222E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209011332E3 VISHAY-MAL209011332E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209012102E3 VISHAY-MAL209012102E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209012821E3 VISHAY-MAL209012821E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
More results

Similar Description - MAL209627821E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
095PLL-4TSI VISHAY-095PLL-4TSI_11 Datasheet
112Kb / 7P
   Aluminum Capacitors Power Long Life 4-Terminal Snap-In
Revision: 10-Aug-11
095PLL-4TSI VISHAY-095PLL-4TSI Datasheet
104Kb / 7P
   Aluminum Capacitors Power Long Life 4 Terminal Snap-In
096PLL4TSI VISHAY-096PLL4TSI Datasheet
136Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
096-PLL-4TSI VISHAY-096-PLL-4TSI Datasheet
136Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
095PLL-4TSI VISHAY-095PLL-4TSI_V01 Datasheet
104Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
01-Jan-2023
096PLL-4TSI VISHAY-096PLL-4TSI_V01 Datasheet
105Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
01-Jan-2023
095PLL4TSI VISHAY-095PLL4TSI_15 Datasheet
107Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 21-May-15
095PLL-4TSI VISHAY-095PLL-4TSI_16 Datasheet
124Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
096PLL4TSI VISHAY-096PLL4TSI_15 Datasheet
109Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 21-May-15
096PLL-4TSI VISHAY-096PLL-4TSI_16 Datasheet
126Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com