Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL209637102E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MAL209637102E3
Description  Aluminum Capacitors Power Long Life 4-Terminal Snap-In
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL209637102E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  MAL209637102E3 Datasheet HTML 1Page - Vishay Siliconix MAL209637102E3 Datasheet HTML 2Page - Vishay Siliconix MAL209637102E3 Datasheet HTML 3Page - Vishay Siliconix MAL209637102E3 Datasheet HTML 4Page - Vishay Siliconix MAL209637102E3 Datasheet HTML 5Page - Vishay Siliconix MAL209637102E3 Datasheet HTML 6Page - Vishay Siliconix MAL209637102E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 28392
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 08-Aug-08
5
096 PLL-4TSI
Aluminum Capacitors
Power Long Life 4-Terminal Snap-In
Vishay BCcomponents
450
560
35 x 60
3.8
508
155
94
17561E3
67561E3
680
35 x 70
4.2
616
129
78
17681E3
67681E3
680
40 x 50
4.2
616
136
85
27681E3
77681E3
820
35 x 80
4.8
742
108
66
17821E3
67821E3
820
40 x 60
4.7
742
112
70
27821E3
77821E3
1000
35 x 100
6.0
904
89
54
17102E3
67102E3
1000
40 x 70
5.3
904
93
58
27102E3
77102E3
1000
45 x 60
5.5
904
97
62
37102E3
-
1200
40 x 80
6.0
1084
78
49
27122E3
77122E3
1200
45 x 70
6.1
1084
81
52
37122E3
-
1500
40 x 100
7.2
1354
63
39
27152E3
77152E3
1500
45 x 80
6.8
1354
67
43
37152E3
-
1800
45 x 100
8.0
1624
55
35
37182E3
-
500
390
35 x 60
2.9
394
475
421
19391E3
69391E3
470
35 x 70
3.3
474
395
350
19471E3
69471E3
560
35 x 70
3.6
564
333
296
19561E3
69561E3
560
40 x 60
3.7
564
336
299
29561E3
79561E3
680
35 x 80
4.1
684
275
245
19681E3
69681E3
680
40 x 70
4.2
684
277
247
29681E3
79681E3
820
35 x 100
5.1
824
229
203
19821E3
69821E3
820
40 x 80
4.7
824
231
206
29821E3
79821E3
1000
40 x 100
5.6
1004
189
169
29102E3
79102E3
1000
45 x 70
5.3
1004
195
176
39102E3
-
1200
45 x 100
6.4
1204
160
144
39122E3
-
1500
45 x 100
7.0
1504
131
118
39152E3
-
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
85 °C
(A)
IL(5)
5min
(µA)
ESR
100 Hz
(m
Ω)
Z max.
10 kHz
(m
Ω)
CATALOG NUMBER
MAL2096.......
4T-SI
PW
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
≥ 350 V versions
Us = 1.1 x UR
Reverse voltage
Urev ≤ 1
Current
Leakage current
After 1 minute at UR
IL1 ≤ 0.006 CR x UR + 4 µA
After 5 minutes at UR
IL5 ≤ 0.002 CR x UR + 4 µA
Inductance
Equivalent series inductance (ESL)
All case sizes
ca. 20 nH


Similar Part No. - MAL209637102E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL209010472E3 VISHAY-MAL209010472E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209011222E3 VISHAY-MAL209011222E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209011332E3 VISHAY-MAL209011332E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209012102E3 VISHAY-MAL209012102E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209012821E3 VISHAY-MAL209012821E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
More results

Similar Description - MAL209637102E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
095PLL-4TSI VISHAY-095PLL-4TSI_11 Datasheet
112Kb / 7P
   Aluminum Capacitors Power Long Life 4-Terminal Snap-In
Revision: 10-Aug-11
095PLL-4TSI VISHAY-095PLL-4TSI Datasheet
104Kb / 7P
   Aluminum Capacitors Power Long Life 4 Terminal Snap-In
096PLL4TSI VISHAY-096PLL4TSI Datasheet
136Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
096-PLL-4TSI VISHAY-096-PLL-4TSI Datasheet
136Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
095PLL-4TSI VISHAY-095PLL-4TSI_V01 Datasheet
104Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
01-Jan-2023
096PLL-4TSI VISHAY-096PLL-4TSI_V01 Datasheet
105Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
01-Jan-2023
095PLL4TSI VISHAY-095PLL4TSI_15 Datasheet
107Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 21-May-15
095PLL-4TSI VISHAY-095PLL-4TSI_16 Datasheet
124Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
096PLL4TSI VISHAY-096PLL4TSI_15 Datasheet
109Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 21-May-15
096PLL-4TSI VISHAY-096PLL-4TSI_16 Datasheet
126Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com