Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL209637102E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MAL209637102E3
Description  Aluminum Capacitors Power Long Life 4-Terminal Snap-In
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL209637102E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  MAL209637102E3 Datasheet HTML 1Page - Vishay Siliconix MAL209637102E3 Datasheet HTML 2Page - Vishay Siliconix MAL209637102E3 Datasheet HTML 3Page - Vishay Siliconix MAL209637102E3 Datasheet HTML 4Page - Vishay Siliconix MAL209637102E3 Datasheet HTML 5Page - Vishay Siliconix MAL209637102E3 Datasheet HTML 6Page - Vishay Siliconix MAL209637102E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
096 PLL-4TSI
Vishay BCcomponents
Aluminum Capacitors
Power Long Life 4-Terminal Snap-In
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28392
4
Revision: 08-Aug-08
385
680
35 x 50
3.7
528
140
88
18681E3
68681E3
680
40 x 50
4.2
528
140
87
28681E3
78681E3
820
35 x 60
4.4
635
116
73
18821E3
68821E3
820
40 x 50
4.5
635
120
76
28821E3
78821E3
1000
35 x 70
5.0
774
96
60
18102E3
68102E3
1000
40 x 60
5.1
774
99
63
28102E3
78102E3
1200
35 x 80
5.5
928
81
51
18122E3
68122E3
1200
40 x 70
5.7
928
83
53
28122E3
78122E3
1500
40 x 80
6.5
1159
68
43
28152E3
78152E3
1500
45 x 60
6.2
1159
74
50
38152E3
-
1800
40 x 100
7.7
1390
56
36
28182E3
78182E3
1800
45 x 70
7.0
1390
62
43
38182E3
-
2200
40 x 100
8.2
1698
49
32
28222E3
78222E3
2700
45 x 100
9.1
2083
43
29
38272E3
-
400
680
35 x 60
4.1
548
134
82
16681E3
66681E3
680
40 x 50
4.2
548
138
85
26681E3
76681E3
820
35 x 60
4.4
660
114
71
16821E3
66821E3
820
40 x 50
4.5
660
119
75
26821E3
76821E3
1000
35 x 70
5.0
804
94
59
16102E3
66102E3
1000
40 x 60
5.1
804
97
62
26102E3
76102E3
1000
45 x 50
5.1
804
103
67
36102E3
-
1200
35 x 80
5.5
964
80
50
16122E3
66122E3
1200
40 x 70
5.7
964
82
52
26122E3
76122E3
1200
45 x 60
5.9
964
85
55
36122E3
-
1500
35 x 100
7.1
1204
64
40
16152E3
66152E3
1500
40 x 80
6.5
1204
67
43
26152E3
76152E3
1500
45 x 70
6.6
1204
69
46
36152E3
-
1800
40 x 100
7.7
1444
56
35
26182E3
76182E3
1800
45 x 80
7.3
1444
59
39
36182E3
-
2200
45 x 100
8.6
1764
48
32
36222E3
-
2700
45 x 100
9.1
2164
42
29
36272E3
-
420
680
35 x 60
4.1
575
137
85
14681E3
64681E3
680
40 x 50
4.2
575
141
89
24681E3
74681E3
820
35 x 70
4.6
693
114
71
14821E3
64821E3
820
40 x 60
4.7
693
117
74
24821E3
74821E3
1000
35 x 80
5.1
844
95
59
14102E3
64102E3
1000
40 x 60
5.1
844
100
64
24102E3
74102E3
1200
40 x 70
5.7
1012
84
54
24122E3
74122E3
1500
40 x 100
7.2
1264
66
42
24152E3
74152E3
1500
45 x 70
6.6
1264
71
48
34152E3
-
1800
40 x 100
7.6
1516
57
37
24182E3
74182E3
1800
45 x 80
7.2
1516
60
40
34182E3
-
2200
45 x 100
8.5
1852
49
33
34222E3
-
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
85 °C
(A)
IL(5)
5min
(µA)
ESR
100 Hz
(m
Ω)
Z max.
10 kHz
(m
Ω)
CATALOG NUMBER
MAL2096.......
4T-SI
PW


Similar Part No. - MAL209637102E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL209010472E3 VISHAY-MAL209010472E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209011222E3 VISHAY-MAL209011222E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209011332E3 VISHAY-MAL209011332E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209012102E3 VISHAY-MAL209012102E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209012821E3 VISHAY-MAL209012821E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
More results

Similar Description - MAL209637102E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
095PLL-4TSI VISHAY-095PLL-4TSI_11 Datasheet
112Kb / 7P
   Aluminum Capacitors Power Long Life 4-Terminal Snap-In
Revision: 10-Aug-11
095PLL-4TSI VISHAY-095PLL-4TSI Datasheet
104Kb / 7P
   Aluminum Capacitors Power Long Life 4 Terminal Snap-In
096PLL4TSI VISHAY-096PLL4TSI Datasheet
136Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
096-PLL-4TSI VISHAY-096-PLL-4TSI Datasheet
136Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
095PLL-4TSI VISHAY-095PLL-4TSI_V01 Datasheet
104Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
01-Jan-2023
096PLL-4TSI VISHAY-096PLL-4TSI_V01 Datasheet
105Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
01-Jan-2023
095PLL4TSI VISHAY-095PLL4TSI_15 Datasheet
107Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 21-May-15
095PLL-4TSI VISHAY-095PLL-4TSI_16 Datasheet
124Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
096PLL4TSI VISHAY-096PLL4TSI_15 Datasheet
109Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 21-May-15
096PLL-4TSI VISHAY-096PLL-4TSI_16 Datasheet
126Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com