Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

109D547X0015K0 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 109D547X0015K0
Description  Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

109D547X0015K0 Datasheet(HTML) 5 Page - Vishay Siliconix

  109D547X0015K0 Datasheet HTML 1Page - Vishay Siliconix 109D547X0015K0 Datasheet HTML 2Page - Vishay Siliconix 109D547X0015K0 Datasheet HTML 3Page - Vishay Siliconix 109D547X0015K0 Datasheet HTML 4Page - Vishay Siliconix 109D547X0015K0 Datasheet HTML 5Page - Vishay Siliconix 109D547X0015K0 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
109D
Vishay
Wet Tantalum Capacitors Sintered Anode TANTALEX®
Capacitors for Operation to + 125 °C, Elastomer-Sealed
www.vishay.com
For technical questions, contact: wettants@vishay.com
Document Number: 40023
16
Revision: 17-Mar-08
50 WVDC at + 85 °C . . . 30 WVDC at + 125 °C
33
C
109D336X0050C0
5
135
2
9
- 29
+ 10
+ 12
120
F
109D127X0050F0
2.5
49
4
24
- 42
+ 12
+ 15
270
T
109D277X0050T0
1.8
29
8
32
- 46
+ 20
+ 25
330
K
109D337X0050K0
1.5
22
9
36
- 46
+ 25
+ 30
60 WVDC at + 85 °C . . . 40 WVDC at + 125 °C
27
C
109D276X0060C0
5
144
3
12
- 24
+ 10
+ 12
68
F
109D686X0060F0
3
60
3
20
- 30
+ 12
+ 15
100
F
109D107X0060F0
2.5
54
4
20
- 36
+ 12
+ 15
140
T
109D147X0060T0
2
32
8
32
- 30
+ 16
+ 20
220
T
109D227X0060T0
1.8
29
8
32
- 40
+ 16
+ 20
270
K
109D277X0060K0
1.5
23
9
36
- 45
+ 20
+ 25
75 WVDC at + 85 °C . . . 50 WVDC at + 125 °C
12
C
109D126X0075C0
5
175
2
12
- 12
+ 8
+ 10
15
C
109D156X0075C0
5
160
2
12
- 14
+ 10
+ 12
22
C
109D226X0075C0
5
157
3
12
- 19
+ 10
+ 12
47
F
109D476X0075F0
3
75
4
24
- 18
+ 10
+ 12
56
F
109D566X0075F0
3
70
4
24
- 20
+ 12
+ 15
82
F
109D826X0075F0
2.5
63
4
24
- 30
+ 12
+ 15
110
T
109D117X0075T0
2
33
9
36
- 25
+ 16
+ 20
180
T
109D187X0075T0
1.8
30
9
36
- 35
+ 16
+ 20
220
K
109D227X0075K0
2.2
24
10
40
- 40
+ 20
+ 25
100 WVDC at + 85 °C . . . 65 WVDC at + 125 °C
8.2
C
109D825X0100C0
6
250
3
12
- 12
+ 12
+ 12
10
C
109D106X0100C0
6
200
3
12
- 17
+ 10
+ 12
33
F
109D336X0100F0
3.5
85
4
24
- 18
+ 15
+ 15
39
F
109D396X0100F0
3.5
80
5
24
- 20
+ 12
+ 15
56
T
109D566X0100T0
2.2
45
9
36
- 20
+ 15
+ 15
68
T
109D686X0100T0
2.2
40
10
40
- 30
+ 14
+ 16
86
K
109D866X0100K0
3.2
30
10
40
- 25
+ 15
+ 15
125 WVDC at + 85 °C . . . 85 WVDC at + 125 °C
6.8
C
109D685X0125C0
11.7
300
3
12
- 14
+ 10
+ 12
27
F
109D276X0125F0
3.5
90
5
24
- 18
+ 12
+ 15
47
T
109D476X0125T0
2.2
50
10
40
- 26
+ 14
+ 16
56
K
109D566X0125K0
4.1
32
10
40
- 25
+ 15
+ 15
Note
(1) Part Numbers shown are for units with ± 20 % capacitance tolerance and uninsulated capacitors. For ± 10 % units, change the digit following
the letter “X” from “0” to “9”. For units with outer plastic-film insulation, substitute “2” for “0” at the end of the Part Number. For RoHS compliant
add “E3“.
EXTENDED RATINGS
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER (1)
MAX. ESR
at
+ 25 °C
120 Hz
(
Ω)
MAX. IMP.
at
- 55 °C
120 Hz
(
Ω)
MAX. DCL (µA)
at
MAX. CAPACITANCE CHANGE (%)
at
+ 25 °C
+ 85 °C
+ 125 °C
- 55 °C
+ 85 °C
+ 125 °C


Similar Part No. - 109D547X0015K0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
109D547X0015K0 VISHAY-109D547X0015K0 Datasheet
126Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 28-Aug-17
More results

Similar Description - 109D547X0015K0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
109D VISHAY-109D Datasheet
94Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors For Operation to 125 °C, Elastomer-Sealed
Revision: 19-Jun-07
109D VISHAY-109D_17 Datasheet
126Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 28-Aug-17
109D VISHAY-109D_V01 Datasheet
107Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
01-Jan-2022
285D VISHAY-285D_07 Datasheet
77Kb / 4P
   Tantalum-Cased-Tantalum Sintered Anode TANTALEX® Capacitors for Operation to 125 °C
Revision: 07-Nov-07
138D VISHAY-138D_08 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
200D VISHAY-200D_05 Datasheet
133Kb / 11P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
Revision: 14-Oct-05
200D VISHAY-200D_V01 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
138D VISHAY-138D Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com