Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4350BCPZ-RL7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADF4350BCPZ-RL7
Description  Wideband Synthesizer with Integrated VCO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4350BCPZ-RL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADF4350BCPZ-RL7 Datasheet HTML 5Page - Analog Devices ADF4350BCPZ-RL7 Datasheet HTML 6Page - Analog Devices ADF4350BCPZ-RL7 Datasheet HTML 7Page - Analog Devices ADF4350BCPZ-RL7 Datasheet HTML 8Page - Analog Devices ADF4350BCPZ-RL7 Datasheet HTML 9Page - Analog Devices ADF4350BCPZ-RL7 Datasheet HTML 10Page - Analog Devices ADF4350BCPZ-RL7 Datasheet HTML 11Page - Analog Devices ADF4350BCPZ-RL7 Datasheet HTML 12Page - Analog Devices ADF4350BCPZ-RL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ADF4350
Rev. 0 | Page 9 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
–150
–160
–140
–120
–100
–80
–130
–110
–90
–70
–60
–50
–40
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
Figure 4. Open-Loop VCO Phase Noise, 2.2 GHz
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
–150
–160
–140
–120
–100
–80
–130
–110
–90
–70
–60
–50
–40
Figure 5. Open-Loop VCO Phase Noise, 3.3 GHz
–140
–120
–100
–80
–130
–160
–150
–110
–90
–70
–60
–50
–40
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
Figure 6. Open-Loop VCO Phase Noise, 4.4 GHz
–170
–160
–150
–140
–130
–120
–110
–100
–90
–70
–80
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
FUND
DIV2
DIV4
DIV8
DIV16
Figure 7. Closed-Loop Phase Noise, Fundamental VCO and Dividers,
VCO = 2.2 GHz, PFD = 25 MHz, Loop Bandwidth = 40 kHz
–170
–160
–150
–140
–130
–120
–110
–100
–90
–70
–80
FUND
DIV2
DIV4
DIV8
DIV16
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
Figure 8. Closed-Loop Phase Noise, Fundamental VCO and Dividers,
VCO = 3.3 GHz, PFD = 25 MHz, Loop Bandwidth = 40 kHz
–170
–160
–150
–140
–130
–120
–110
–100
–90
–70
–80
FUND
DIV2
DIV4
DIV8
DIV16
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
Figure 9. Closed-Loop Phase Noise, Fundamental VCO and Dividers,
VCO = 4.4 GHz, PFD = 25 MHz, Loop Bandwidth = 40 kHz


Similar Part No. - ADF4350BCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4350BCPZ-RL7 AD-ADF4350BCPZ-RL7 Datasheet
815Kb / 34P
   Wideband Synthesizer with Integrated VCO
More results

Similar Description - ADF4350BCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4350 AD-ADF4350_16 Datasheet
815Kb / 34P
   Wideband Synthesizer with Integrated VCO
ADF4351 AD-ADF4351_17 Datasheet
704Kb / 28P
   Wideband Synthesizer with Integrated VCO
ADF4355-3 AD-ADF4355-3_17 Datasheet
819Kb / 34P
   Microwave Wideband Synthesizer with Integrated VCO
ADF4355-2 AD-ADF4355-2_17 Datasheet
895Kb / 37P
   Microwave Wideband Synthesizer with Integrated VCO
ADF4368 AD-ADF4368 Datasheet
2Mb / 54P
   Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF4377 AD-ADF4377 Datasheet
4Mb / 79P
   Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF4382A AD-ADF4382A Datasheet
3Mb / 70P
   Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF5355 AD-ADF5355 Datasheet
817Kb / 38P
   Microwave Wideband Synthesizer with Integrated VCO
ADF4355 AD-ADF4355_17 Datasheet
848Kb / 35P
   Microwave Wideband Synthesizer with Integrated VCO
ADF5355 AD-ADF5355_17 Datasheet
795Kb / 38P
   Microwave Wideband Synthesizer with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com