Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7318 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7318
Description  DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7318 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7318 Datasheet HTML 4Page - STMicroelectronics TDA7318 Datasheet HTML 5Page - STMicroelectronics TDA7318 Datasheet HTML 6Page - STMicroelectronics TDA7318 Datasheet HTML 7Page - STMicroelectronics TDA7318 Datasheet HTML 8Page - STMicroelectronics TDA7318 Datasheet HTML 9Page - STMicroelectronics TDA7318 Datasheet HTML 10Page - STMicroelectronics TDA7318 Datasheet HTML 11Page - STMicroelectronics TDA7318 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
I
2C BUS INTERFACE
Data transmission from microprocessor to the
TDA7318 and viceversa takes place thru the 2
wires I
2C BUS interface, consisting of the two
lines SDA and SCL (pull-up resistors to positive
supply voltage must be connected).
Data Validity
As shown in fig. 14, the data on the SDA line
must be stable during the high period of the clock.
The HIGH and LOW state of the data line can
only change when the clock signal on the SCL
line is LOW.
Start and Stop Conditions
As shown in fig.15 a start condition is a HIGH to
LOW transition of the SDA line while SCL is
HIGH. The stop condition is a LOW to HIGH tran-
sition of the SDA line while SCL is HIGH.
Byte Format
Every byte transferred on the SDA line must con-
tain 8 bits. Each byte must be followed by an ac-
knowledge bit. The MSB is transferred first.
Acknowledge
The master (
µP) puts a resistive HIGH level on the
SDA line during the acknowledge clock pulse (see
fig. 16). The peripheral (audioprocessor) that ac-
knowledges has to pull-down (LOW) the SDA line
during the acknowledge clock pulse, so that the
SDA line is stable LOW during this clock pulse.
The audioprocessor which has been addressed
has to generate an acknowledge after the recep-
tion of each byte, otherwise the SDA line remains
at the HIGH level during the ninth clock pulse
time. In this case the master transmitter can gen-
erate the STOP information in order to abort the
transfer.
Transmission without Acknowledge
Avoiding to detect the acknowledge of the audio-
processor, the
µP can use a simplier transmis-
sion: simply it waits one clock without checking
the slave acknowledging, and sends the new
data.
This approach of course is less protected from
misworking and decreases the noise immunity.
Figure 14: Data Validity on the I
2CBUS
Figure 15: Timing Diagram of I
2CBUS
Figure 16: Acknowledge on the I
2CBUS
TDA7318
8/14


Similar Part No. - TDA7318

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7310 STMICROELECTRONICS-TDA7310 Datasheet
129Kb / 15P
   SERIAL BUS CONTROLLED AUDIO PROCESSOR
TDA7311 STMICROELECTRONICS-TDA7311 Datasheet
78Kb / 11P
   SERIAL BUS CONTROLLED AUDIO PROCESSOR
TDA7312 STMICROELECTRONICS-TDA7312 Datasheet
116Kb / 13P
   DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
logo
Shenzhen Titan Micro El...
TDA7312 TITAN-TDA7312 Datasheet
562Kb / 13P
   Digital audio processing circuit
logo
STMicroelectronics
TDA7313 STMICROELECTRONICS-TDA7313 Datasheet
131Kb / 14P
   DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
More results

Similar Description - TDA7318

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7300 STMICROELECTRONICS-TDA7300 Datasheet
288Kb / 16P
   DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
TDA7312 STMICROELECTRONICS-TDA7312 Datasheet
116Kb / 13P
   DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
TDA7309 STMICROELECTRONICS-TDA7309_06 Datasheet
227Kb / 14P
   DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
logo
Silan Microelectronics ...
SC7313 SILAN-SC7313 Datasheet
150Kb / 13P
   DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
logo
STMicroelectronics
TDA7313N STMICROELECTRONICS-TDA7313N Datasheet
130Kb / 14P
   DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
TDA7309 STMICROELECTRONICS-TDA7309 Datasheet
128Kb / 12P
   DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
TDA7303 STMICROELECTRONICS-TDA7303 Datasheet
276Kb / 20P
   Digital controlled stereo audio processor with loudness
TDA7313 STMICROELECTRONICS-TDA7313 Datasheet
131Kb / 14P
   DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
TDA7315 STMICROELECTRONICS-TDA7315 Datasheet
114Kb / 12P
   DIGITAL CONTROLLED AUDIO PROCESSOR
logo
Samsung semiconductor
S1A0501X01 SAMSUNG-S1A0501X01 Datasheet
177Kb / 18P
   DIGITAL CONTROLLED AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com