Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBD250 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # DBD250
Description  Diffused Junction Silicon Diode 25.0A Single-Phase Bridge Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DBD250 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  DBD250 Datasheet HTML 1Page - Sanyo Semicon Device DBD250 Datasheet HTML 2Page - Sanyo Semicon Device DBD250 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DBD250
No. A1204-2/3
Number of Cycles, n
IFSM -- n
Forward Voltage, VF -- V
IF -- VF
Ambient Temperature, Ta --
°C
IO -- Ta
0.4
0.6
0.7
0.5
0.8
0.9
1.0
1.1
1.2
1.3
1.4
100
200
250
150
400
300
350
1.0
10
5
7
2
3
2
5
3
IT13662
IT13663
1.0
10
25
37
2
5
37
100
50Hz
Ta=25
°C
0
20
40
60
80
100
120
140
160
0
8
4
16
12
24
28
20
32
IT13664
With heatsink
Resistive,
inductive
load
Capacitive
load
Without heatsink
Resistive,
inductive
load
Capacitive
load
With 300
✕300✕3mm3 Cu fin
Package Dimensions
unit : mm (typ)
7812-001
3.4
32.0 MAX
2.5 MIN
7.95
23.0 MAX
11.0
10.0
9
1.5
14.4
1.65
2.4
4.9


Similar Part No. - DBD250

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBD250 SANYO-DBD250 Datasheet
46Kb / 3P
   25.0A Single-Phase Bridge Rectifier
logo
ON Semiconductor
DBD250G ONSEMI-DBD250G Datasheet
656Kb / 2P
   25.0A Single-Phase Bridge Rectifier
April, 2014
logo
Sanyo Semicon Device
DBD250 SANYO-DBD250_10 Datasheet
46Kb / 3P
   25.0A Single-Phase Bridge Rectifier
More results

Similar Description - DBD250

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBA500G SANYO-DBA500G Datasheet
48Kb / 3P
   Diffused Junction Silicon Diode 50A Single-Phase Bridge Rectifier
DBG250G SANYO-DBG250G Datasheet
36Kb / 3P
   Diffused Junction Silicon Diode 25A Single-Phase Bridge Rectifier
DBG150G SANYO-DBG150G Datasheet
36Kb / 3P
   Diffused Junction Silicon Diode 15A Single-Phase Bridge Rectifier
DBA250 SANYO-DBA250_00 Datasheet
22Kb / 2P
   25.0A Single-Phase Bridge Rectifier
logo
TAITRON Components Inco...
TB2505 TAITRON-TB2505 Datasheet
212Kb / 5P
   25.0A Single-Phase Bridge Rectifier
logo
Sanyo Semicon Device
DBD250 SANYO-DBD250_10 Datasheet
46Kb / 3P
   25.0A Single-Phase Bridge Rectifier
logo
TAITRON Components Inco...
TB2505W TAITRON-TB2505W Datasheet
218Kb / 5P
   25.0A Single-Phase Bridge Rectifier
logo
Sanyo Semicon Device
DBA250 SANYO-DBA250 Datasheet
40Kb / 2P
   25.0A Single-Phase Bridge Rectifier
logo
ON Semiconductor
DBD250G ONSEMI-DBD250G Datasheet
656Kb / 2P
   25.0A Single-Phase Bridge Rectifier
April, 2014
logo
SMC Diode Solutions Co....
GBU25005 SMCDIODE-GBU25005 Datasheet
341Kb / 5P
   Single-Phase 25.0A Glass Passivated Bridge Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com