Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL212015682E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MAL212015682E3
Description  Aluminum Capacitors Axial High Temperature, High Ripple Current
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL212015682E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  MAL212015682E3 Datasheet HTML 1Page - Vishay Siliconix MAL212015682E3 Datasheet HTML 2Page - Vishay Siliconix MAL212015682E3 Datasheet HTML 3Page - Vishay Siliconix MAL212015682E3 Datasheet HTML 4Page - Vishay Siliconix MAL212015682E3 Datasheet HTML 5Page - Vishay Siliconix MAL212015682E3 Datasheet HTML 6Page - Vishay Siliconix MAL212015682E3 Datasheet HTML 7Page - Vishay Siliconix MAL212015682E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28336
244
Revision: 21-Apr-08
120 ATC
Vishay BCcomponents
Aluminum Capacitors
Axial High Temperature, High Ripple Current
FEATURES
Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Axial
leads,
cylindrical
aluminum
case,
insulated with a blue sleeve
• Mounting ring version not available in insulated form
• Taped versions up to case Ø 15 x 30 mm available for
automatic insertion
• Charge and discharge proof
• Extra long useful life: up to 8000 hours at 125 °C, high
reliability
• Lowest ESR levels providing very high ripple current
capability
• Extended temperature range: usable up to 150 °C
• Miniaturized, high CV-product per unit volume
• Lead diameter Ø d = 1.0 mm, available on request
Lead (Pb)-free versions are RoHS compliant
APPLICATIONS
• Automotive, industrial and telecommunication
• Smoothing, filtering, buffering
• Low mounting height applications, vibration and shock
resistant
SMPS and standard power supplies
MARKING
The capacitors are marked (where possible) with the
following information:
• Rated capacitance (in µF)
• Tolerance on rated capacitance, code letter in accordance
with IEC 60062 (M for ± 20 %)
• Rated voltage (in V)
• Upper category temperature (125 °C)
• Date code in accordance with IEC 60062
• Code for factory of origin
• Name of manufacturer
• Band to indicate the negative terminal
• ‘+’ sign to identify the positive terminal
Series number (120)
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case sizes
(Ø D x L in mm)
10 x 30
to 21 x 38
Rated capacitance range, CR
47 to 6800 µF
Tolerance on CR
± 20 %
Rated voltage range, UR
16 to 100 V
Category temperature range
- 40 to + 125 °C
Endurance test at 150 °C
1000 hours
Endurance test at 125 °C
4000 hours
Useful life at 125 °C
8000 hours
Useful life at 85 °C, 1.4 x IR applied
40 000 hours
Shelf life at 0 V, 125 °C
1000 hours
(100 V: 500 hours)
Shelf life at 0 V, 150 °C
≤ 63 V: 500 hours
Based on sectional specification
IEC 60384-4/EN130300
Climatic category IEC 60068
40/125/56
118 AHT
125 °C
120 ATC
125 °C
119 AHT-DIN
125 °C
138 AML
lower ESR
higher ripple
lower ESR
higher ripple
105 °C
Fig.1 Component outlines
RoHS
COMPLIANT


Similar Part No. - MAL212015682E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL212310101 VISHAY-MAL212310101 Datasheet
1Mb / 12P
   Aluminum Capacitors Solid Axial
Revision: 23-Jun-08
MAL212310108 VISHAY-MAL212310108 Datasheet
1Mb / 12P
   Aluminum Capacitors Solid Axial
Revision: 23-Jun-08
MAL212310109 VISHAY-MAL212310109 Datasheet
1Mb / 12P
   Aluminum Capacitors Solid Axial
Revision: 23-Jun-08
MAL212310151 VISHAY-MAL212310151 Datasheet
1Mb / 12P
   Aluminum Capacitors Solid Axial
Revision: 23-Jun-08
MAL212310158 VISHAY-MAL212310158 Datasheet
1Mb / 12P
   Aluminum Capacitors Solid Axial
Revision: 23-Jun-08
More results

Similar Description - MAL212015682E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
120ATC VISHAY-120ATC_12 Datasheet
204Kb / 7P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 13-Dec-12
120ATC VISHAY-120ATC Datasheet
266Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 28-Oct-05
126ALX VISHAY-126ALX_V01 Datasheet
203Kb / 9P
   Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
01-Jan-2023
120ATC VISHAY-120ATC_V01 Datasheet
196Kb / 7P
   Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
01-Jan-2023
120ATC VISHAY-120ATC_17 Datasheet
214Kb / 7P
   Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
Revision: 09-Jan-17
126ALX VISHAY-126ALX Datasheet
219Kb / 9P
   Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
118AHT VISHAY-118AHT Datasheet
150Kb / 11P
   Aluminum Capacitors Axial High Temperature
Revision: 30-May-08
118AHT VISHAY-118AHT_17 Datasheet
245Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
Revision: 20-Apr-17
118AHT VISHAY-118AHT_V01 Datasheet
223Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
01-Jan-2023
logo
List of Unclassifed Man...
SERIE118AHT ETC-SERIE118AHT Datasheet
1,008Kb / 19P
   Aluminum electrolytic capacitors Axial High Temperature
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com