Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL212313102 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MAL212313102
Description  Aluminum Capacitors Solid Axial
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL212313102 Datasheet(HTML) 5 Page - Vishay Siliconix

  MAL212313102 Datasheet HTML 1Page - Vishay Siliconix MAL212313102 Datasheet HTML 2Page - Vishay Siliconix MAL212313102 Datasheet HTML 3Page - Vishay Siliconix MAL212313102 Datasheet HTML 4Page - Vishay Siliconix MAL212313102 Datasheet HTML 5Page - Vishay Siliconix MAL212313102 Datasheet HTML 6Page - Vishay Siliconix MAL212313102 Datasheet HTML 7Page - Vishay Siliconix MAL212313102 Datasheet HTML 8Page - Vishay Siliconix MAL212313102 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Document Number: 28355
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 23-Jun-08
255
123 SAL-A
Aluminum Capacitors
Solid Axial
Vishay BCcomponents
VOLTAGE
LEAKAGE CURRENT
CAPACITANCE (C)
Notes
(1) Applying the maximum RMS ripple current given in Table 2
will cause a device temperature of 138 °C.
(2) The 100 kHz values in Table 2 for other temperatures are to
be calculated with the above IR multipliers.
DISSIPATION FACTOR (tan
δ)
Fig.3 Maximum permissible voltage up to 175 °C
UR
(V)
- 50
Tamb (°C)
50
85
100
125
150
175
0
10
6.3
4
16
25
40
35
(1)
(2)
0
(1) UC = 125 °C
(2) UC = 175 °C
Fig.4 Typical multiplier of leakage current as a function of
ambient temperature
150
- 50
50
10
1
100
Tamb (°C)
I
01
I
10
2
10
-1
0
I
01 = leakage current during continuous operation
at U
R and Tamb = 25 °C
Fig.6 Typical multiplier of capacitance as a function
of ambient temperature
- 80
- 40
40
1.1
1.0
0.8
0.9
0
Tamb (°C)
80
120
160
200
σ
0.05
0
0
C
C
C
0 = capacitance at 25 °C and 100 Hz
RIPPLE CURRENT (IR)
PARAMETER
Tamb
25 °C
40 °C
65 °C 85 °C 105 °C
125 °C
IR multiplier
1.1
1.0
0.88
0.75
0.59
0.37
0.8
- 0.4
0
0.4
10
1
I
02
I
10-1
reverse voltage
U
R
U
I
02 = leakage current at UR at a
discrete constant temperature
Fig.5 Typical multiplier of leakage current as a function of U/UR
- 80
- 40
40
2.4
0
Tamb (°C)
80
120
160
200
tan
δ
tan
δ0
2.0
1.6
1.2
0.8
0.4
0
σ
0.25
0
Typical tan
δ at 100 Hz and T
amb = 25 °C:
0.6 x value stated in Table 2
Fig.7 Typical multiplier of dissipation factor as a function of
ambient temperature


Similar Part No. - MAL212313102

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL212015102E3 VISHAY-MAL212015102E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015152E3 VISHAY-MAL212015152E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015222E3 VISHAY-MAL212015222E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015332E3 VISHAY-MAL212015332E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015472E3 VISHAY-MAL212015472E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
More results

Similar Description - MAL212313102

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
123SALA VISHAY-123SALA Datasheet
167Kb / 12P
   Aluminum Capacitors Solid Axial
Revision: 05-May-13
logo
United Chemi-Con, Inc.
APXE2R5ARA181ME61G CHEMI-CON-APXE2R5ARA181ME61G Datasheet
56Kb / 2P
   Aluminum Solid Capacitors
logo
Vishay Siliconix
EL000AN210BB0W VISHAY-EL000AN210BB0W Datasheet
96Kb / 7P
   Aluminum Capacitors Axial Capacitors Style
Revision: 13-Apr-12
ELM VISHAY-ELM Datasheet
87Kb / 6P
   Aluminum Capacitors Axial Capacitors Style
Revision: 12-Dec-12
logo
Kemet Corporation
PEG130HH4360QL1 KEMET-PEG130HH4360QL1 Datasheet
3Mb / 9P
   Axial Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
030AS VISHAY-030AS Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
030031AS VISHAY-030031AS Datasheet
179Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 13-Apr-12
logo
Kemet Corporation
PEG130 KEMET-PEG130 Datasheet
507Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/27/2022
PEG226 KEMET-PEG226_V01 Datasheet
472Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/5/2022
PEG227 KEMET-PEG227 Datasheet
503Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/5/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com