Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

160MT120KPBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 160MT120KPBF
Description  Three Phase Bridge, 130/160 A (Power Modules)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

160MT120KPBF Datasheet(HTML) 4 Page - Vishay Siliconix

  160MT120KPBF Datasheet HTML 1Page - Vishay Siliconix 160MT120KPBF Datasheet HTML 2Page - Vishay Siliconix 160MT120KPBF Datasheet HTML 3Page - Vishay Siliconix 160MT120KPBF Datasheet HTML 4Page - Vishay Siliconix 160MT120KPBF Datasheet HTML 5Page - Vishay Siliconix 160MT120KPBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94354
4
Revision: 29-Apr-08
130-160MT..KPbF Series
Vishay High Power Products Three Phase Bridge, 130/160 A
(Power Modules)
Fig. 6 - Current Ratings Characteristic
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 8 - Total Power Loss Characteristics
Fig. 9 - Maximum Non-Repetitive Surge Current
Fig. 10 - Maximum Non-Repetitive Surge Current
150
140
130
110
100
120
50
60
70
80
90
Total Output Current (A)
80
120
200
40
160
240
0
120°
(Rect)
160MT..K Series
+
-
~
1
100
10
1000
Instantaneous Forward Voltage (V)
1234
5
0
T
J = 25 °C
160MT..K Series
Per junction
T
J = 150 °C
0
500
600
400
300
200
100
Total Output Current (A)
40
80
120
160
200
0
120°
(Rect)
160MT..K Series
T
J = 150 °C
0
500
600
400
300
200
100
Maximum Allowable Ambient Temperature (°C)
25
50
75
100
125
150
0
R
thSA
=
0.05
K/W
- Δ
R
0.1
K/W
0.15
K/W
0.2
K/W
0.3
K/W
0.5 K/W
0.7
K/W
1.5 K/W
900
800
700
600
500
400
300
1300
1200
1100
1000
Number of Equal Amplitude
Half Cycle Current Pulses (N)
10
100
1
160MT..K Series
Initial T
J = 150 °C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
At any rated load condition and with
rated V
RRM applied following surge.
900
800
700
600
500
400
300
1500
1400
1300
1200
1100
1000
Pulse Train Duration (s)
0.1
1.0
0.01
Initial T
J = 150 °C
No voltage reapplied
Rated V
RRM reapplied
versus pulse train duration.
Maximum non-repetitive surge current
160MT..K Series


Similar Part No. - 160MT120KPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
160MT120KB IRF-160MT120KB Datasheet
94Kb / 7P
   THREE PHASE BRIDGE
More results

Similar Description - 160MT120KPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-130-160MT..KPBF VISHAY-VS-130-160MT..KPBF_V01 Datasheet
176Kb / 8P
   Three Phase Bridge, 130 A to 160 A (Power Modules)
01-Jan-2023
VS-130-160MTKPBF VISHAY-VS-130-160MTKPBF_V01 Datasheet
176Kb / 8P
   Three Phase Bridge, 130 A to 160 A (Power Modules)
01-Jan-2022
VS-130-160MT..KPBF VISHAY-VS-130-160MT..KPBF Datasheet
175Kb / 8P
   Three Phase Bridge, 130 A to 160 A (Power Modules)
01-Jan-2022
VS-130-160MTKPBF VISHAY-VS-130-160MTKPBF Datasheet
223Kb / 8P
   Three Phase Bridge, 130 A to 160 A(Power Modules)
Revision: 10-Jun-14
130-160MTKPBF VISHAY-130-160MTKPBF Datasheet
164Kb / 8P
   Three Phase Bridge, 130/160 A
Revision: 29-Apr-08
VS-130MTC VISHAY-VS-130MTC_V01 Datasheet
155Kb / 6P
   Three Phase Bridge, 130 A (Power Modules)
01-Jan-2022
VS-131MTC VISHAY-VS-131MTC Datasheet
185Kb / 6P
   Three Phase Bridge, 130 A (Power Modules)
01-Jan-2022
VS-131MT...C VISHAY-VS-131MT...C_V01 Datasheet
185Kb / 6P
   Three Phase Bridge, 130 A (Power Modules)
01-Jan-2023
VS-131MT...C VISHAY-VS-131MT...C Datasheet
184Kb / 6P
   Three Phase Bridge, 130 A (Power Modules)
01-Jan-2022
VS-161MTC VISHAY-VS-161MTC Datasheet
182Kb / 6P
   Three Phase Bridge, 160 A (Power Modules)
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com