Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL213455479E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MAL213455479E3
Description  Aluminum Capacitors Radial Low Profile, 5 mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL213455479E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  MAL213455479E3 Datasheet HTML 1Page - Vishay Siliconix MAL213455479E3 Datasheet HTML 2Page - Vishay Siliconix MAL213455479E3 Datasheet HTML 3Page - Vishay Siliconix MAL213455479E3 Datasheet HTML 4Page - Vishay Siliconix MAL213455479E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
134 RLP 5
Vishay BCcomponents
Aluminum Capacitors
Radial Low Profile, 5 mm
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28307
84
Revision: 15-Oct-08
RIPPLE CURRENT AND USEFUL LIFE
Table 2
Table 3
3.3
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.5
0.0
3.1
40
50
60
70
8090
100
Tamb (°C)
lifetime multiplier
(1)
IA
IR
CCC205
Fig.5 Multiplier of useful life as a function of ambient temperature and ripple current load
IA = actual ripple current at 120 Hz
IR = rated ripple current at 120 Hz, 85 °C
(1) Useful life at 85
°C and I
R applied: 1500 hours
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz)
IR MULTIPLIER
50
0.60
120
1.00
400
1.20
800
1.30
≥ 2000
1.40
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
NAME OF TEST
REFERENCE
Endurance
IEC 60384-4/
EN130300,
subclause 4.13
Tamb = 85 °C; UR applied;
1000 hours
ΔC/C: ± 20 %
tan
δ≤ 2 x spec. limit
IL2 ≤ spec. limit
Useful life
CECC 30301,
subclause 1.8.1
Tamb = 85 °C; UR and IR applied;
1500 hours
ΔC/C: ± 50 %
tan
δ≤ 3 x spec. limit
Z
≤ 3 x spec. limit
IL2 ≤ spec. limit
no short or open circuit
total failure percentage:
≤ 3 %
Shelf life
(storage at high
temperature)
IEC 60384-4/
EN130300,
subclause 4.17
Tamb = 85 °C; no voltage applied;
500 hours
after test: UR to be applied for 30 minutes,
24 to 48 hours before measurement
ΔC/C, tan δ, Z:
for requirements
see ‘Endurance test’ above
IL2 ≤ spec. limit


Similar Part No. - MAL213455479E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL213214102E3 VISHAY-MAL213214102E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214152E3 VISHAY-MAL213214152E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214222E3 VISHAY-MAL213214222E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214332E3 VISHAY-MAL213214332E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214471E3 VISHAY-MAL213214471E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
More results

Similar Description - MAL213455479E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
134RLP5 VISHAY-134RLP5_13 Datasheet
98Kb / 5P
   Aluminum Capacitors Radial Low Profile, 5 mm
Revision: 12-Apr-13
134RLP5 VISHAY-134RLP5_17 Datasheet
104Kb / 5P
   Aluminum Electrolytic Capacitors Radial Low Profile, 5 mm
Revision: 14-Feb-17
097RLP7 VISHAY-097RLP7 Datasheet
98Kb / 6P
   Aluminum Capacitors Radial Low Profile, 7 mm
Revision: 12-Apr-13
097RLP7 VISHAY-097RLP7_17 Datasheet
103Kb / 5P
   Aluminum Electrolytic Capacitors Radial Low Profile, 7 mm
Revision: 14-Feb-17
134RLP5 VISHAY-134RLP5 Datasheet
71Kb / 4P
   Aluminum Capacitors Radial Low Profile 5mm
Revision: 10-Mar-05
logo
Illinois Capacitor, Inc...
105RSS050M ILLINOISCAPACITOR-105RSS050M_13 Datasheet
514Kb / 2P
   85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
104FXM050M ILLINOISCAPACITOR-104FXM050M_13 Datasheet
656Kb / 3P
   105C Low Profile Radial Lead Aluminum Electrolytic Capacitors
105SAK050M ILLINOISCAPACITOR-105SAK050M_13 Datasheet
272Kb / 2P
   85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
104FXM050M ILLINOISCAPACITOR-104FXM050M Datasheet
122Kb / 4P
   105째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
105SAK050M ILLINOISCAPACITOR-105SAK050M Datasheet
115Kb / 3P
   85째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com