Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL212027471E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MAL212027471E3
Description  Aluminum Capacitors Axial High Temperature, High Ripple Current
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL212027471E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  MAL212027471E3 Datasheet HTML 1Page - Vishay Siliconix MAL212027471E3 Datasheet HTML 2Page - Vishay Siliconix MAL212027471E3 Datasheet HTML 3Page - Vishay Siliconix MAL212027471E3 Datasheet HTML 4Page - Vishay Siliconix MAL212027471E3 Datasheet HTML 5Page - Vishay Siliconix MAL212027471E3 Datasheet HTML 6Page - Vishay Siliconix MAL212027471E3 Datasheet HTML 7Page - Vishay Siliconix MAL212027471E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Document Number: 28336
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 21-Apr-08
247
120 ATC
Aluminum Capacitors
Axial High Temperature, High Ripple Current
Vishay BCcomponents
Note
Unless otherwise specified, all electrical values in Table 3 apply at
Tamb = 20 °C, P = 86 to 106 kPa, RH = 45 to 75 %.
ORDERING EXAMPLE
Electrolytic capacitor 120 series
1000 µF/16 V; ± 20 %
Nominal case size: Ø 12.5 x 30 mm; Form BR
Ordering code: MAL212025102E3
Former 12NC: 2222 120 25102
Table 3
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz, tolerance ± 20 %
IR
rated RMS ripple current at 10 kHz, 125 °C
IL1
max. leakage current after 1 minute at UR
IL5
max. leakage current after 5 minutes at UR
ESR
equivalent series resistance at 100 Hz
(calculated from tan
δ
max and CR)
Z
max. impedance at 10 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE
SIZE
Ø D x L
(mm)
IR
10 kHz
125
°C
(mA)
IL1
1MIN
(µA)
IL5
5MIN
(µA)
TYP.
ESR
100 Hz
(m
Ω)
MAX.
ESR
100 Hz
(m
Ω)
TYP.
ESR
10 kHz
(m
Ω)
MAX.
ESR
10 kHz
(m
Ω)
Z
MAX.
10 kHz
(m
Ω)
ORDERING CODE MAL2120.......
IN BOX
FORM AA
TAPED
ON REEL
FORM BR
MOUNTING
RING
FORM MR
16
680
10 x 30
2100
171
84
106
177
44
74
78
15681E3
25681E3
-
1000
12.5 x 30
2550
232
104
77
128
35
58
61
15102E3
25102E3
-
1500
12.5 x 30
2650
328
136
60
100
32
53
53
15152E3
25152E3
-
2200
15 x 30
2940
462
181
48
79
28
46
46
15222E3
25222E3
45222E3
3300
18 x 30
3430
674
251
41
68
26
43
43
15332E3
-
45332E3
4700
18 x 38
4350
942
341
27
45
18
29
29
15472E3
-
45472E3
6800
21 x 38
4590
1346
475
26
43
18
29
29
15682E3
-
45682E3
25
470
10 x 30
2100
181
87
112
187
45
74
84
16471E3
26471E3
-
680
12.5 x 30
2550
244
108
81
136
35
59
64
16681E3
26681E3
-
1000
12.5 x 30
2600
340
140
64
107
32
53
55
16102E3
26102E3
-
1500
15 x 30
2890
490
190
49
82
28
46
46
16152E3
26152E3
46152E3
2200
18 x 30
3310
700
260
43
71
27
44
44
16222E3
-
46222E3
3300
18 x 38
4350
1030
370
28
47
18
29
29
16332E3
-
46332E3
4700
21 x 38
4470
1450
510
27
44
18
29
29
16472E3
-
46472E3
40
220
10 x 30
1990
146
75
192
320
52
87
124
17221E3
27221E3
-
330
12.5 x 30
2430
198
93
130
216
37
62
83
17331E3
27331E3
-
470
12.5 x 30
2550
266
115
101
169
35
58
70
17471E3
27471E3
-
680
15 x 30
2840
366
149
75
125
30
50
55
17681E3
27681E3
47681E3
1000
18 x 30
3150
520
200
59
99
28
47
49
17102E3
-
47102E3
1500
18 x 38
4130
760
280
39
65
19
31
32
17152E3
-
47152E3
2200
21 x 38
4170
1096
392
34
56
19
31
31
17222E3
-
47222E3
63
100
10 x 30
1560
116
65
297
495
92
154
249
18101E3
28101E3
-
150
12.5 x 30
2050
153
78
195
325
61
102
162
18151E3
28151E3
-
220
12.5 x 30
2150
206
95
149
249
55
92
126
18221E3
28221E3
-
330
15 x 30
2510
289
123
105
175
44
73
91
18331E3
28331E3
48331E3
470
18 x 30
2860
395
158
81
135
38
64
74
18471E3
-
48471E3
680
18 x 38
3720
554
211
55
92
26
43
49
18681E3
-
48681E3
1000
21 x 38
3780
796
292
44
74
25
41
43
18102E3
-
48102E3
100
47
10 x 30
760
96
59
760
1269
349
581
720
19479E3
29479E3
-
68
12.5 x 30
1030
122
67
531
885
246
410
503
19689E3
29689E3
-
100
12.5 x 30
1140
160
80
389
648
196
327
381
19101E3
29101E3
-
150
15 x 30
1480
220
100
266
443
137
229
262
19151E3
29151E3
49151E3
220
18 x 30
1960
304
128
181
302
95
158
179
19221E3
-
49221E3
330
18 x 38
2550
436
172
120
200
62
104
117
19331E3
-
49331E3
470
21 x 38
2800
604
228
92
154
52
86
94
19471E3
-
49471E3


Similar Part No. - MAL212027471E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL212310101 VISHAY-MAL212310101 Datasheet
1Mb / 12P
   Aluminum Capacitors Solid Axial
Revision: 23-Jun-08
MAL212310108 VISHAY-MAL212310108 Datasheet
1Mb / 12P
   Aluminum Capacitors Solid Axial
Revision: 23-Jun-08
MAL212310109 VISHAY-MAL212310109 Datasheet
1Mb / 12P
   Aluminum Capacitors Solid Axial
Revision: 23-Jun-08
MAL212310151 VISHAY-MAL212310151 Datasheet
1Mb / 12P
   Aluminum Capacitors Solid Axial
Revision: 23-Jun-08
MAL212310158 VISHAY-MAL212310158 Datasheet
1Mb / 12P
   Aluminum Capacitors Solid Axial
Revision: 23-Jun-08
More results

Similar Description - MAL212027471E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
120ATC VISHAY-120ATC_12 Datasheet
204Kb / 7P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 13-Dec-12
120ATC VISHAY-120ATC Datasheet
266Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 28-Oct-05
126ALX VISHAY-126ALX_V01 Datasheet
203Kb / 9P
   Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
01-Jan-2023
120ATC VISHAY-120ATC_V01 Datasheet
196Kb / 7P
   Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
01-Jan-2023
120ATC VISHAY-120ATC_17 Datasheet
214Kb / 7P
   Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
Revision: 09-Jan-17
126ALX VISHAY-126ALX Datasheet
219Kb / 9P
   Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
118AHT VISHAY-118AHT Datasheet
150Kb / 11P
   Aluminum Capacitors Axial High Temperature
Revision: 30-May-08
118AHT VISHAY-118AHT_17 Datasheet
245Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
Revision: 20-Apr-17
118AHT VISHAY-118AHT_V01 Datasheet
223Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
01-Jan-2023
logo
List of Unclassifed Man...
SERIE118AHT ETC-SERIE118AHT Datasheet
1,008Kb / 19P
   Aluminum electrolytic capacitors Axial High Temperature
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com