Electronic Components Datasheet Search |
|
MAL212857228E3 Datasheet(PDF) 9 Page - Vishay Siliconix |
|
MAL212857228E3 Datasheet(HTML) 9 Page - Vishay Siliconix |
9 / 10 page Document Number: 28354 For technical questions, contact: aluminumcaps2@vishay.com www.vishay.com Revision: 23-Jun-08 161 128 SAL-RPM Aluminum Capacitors Solid Al, Radial Pearl Miniature Vishay BCcomponents Table 3 TEST PROCEDURES AND REQUIREMENTS TEST PROCEDURE (quick reference) REQUIREMENTS NAME OF TEST REFERENCE Endurance IEC 60384-4/ EN130300 subclause 4.13 Tamb = 125 °C; UR = 6.3 V to 25 V with UR applied; UR = 40 V with UC applied; 10 000 hours ΔC/C: ± 10 % tan δ≤ 1.2 x spec. limit Z ≤ 1.2 x spec. limit IL5 ≤ spec. limit Useful life CECC 30302 subclause 1.8.1 Tamb = 125 °C; IR applied and: UR = 6.3 V to 25 V with UR applied; UR = 40 V with UC applied; 20 000 hours ΔC/C: ± 15 % tan δ≤ 1.5 x spec. limit Z ≤ 1.5 x spec. limit IL5 ≤ spec. limit no short or open circuit, no visible damage total failure percentage: < 1% Shelf life (storage at high temperature) IEC 60384-4/ EN130300 subclause 4.17 Tamb = 125 °C; no voltage applied; 500 hours ΔC/C: ± 10 % tan δ≤ 1.2 x spec. limit IL5 ≤ spec. limit Charge and discharge IEC 60384-4-2 subclause 9.21 106 cycles without series resistance: 0.5 s to UR; 0.5 s to ground ΔC/C: ± 5 % no short or open circuit, no visible damage Solvent resistance IEC 60068-2-45, test XA IEC 60653 immersion: 5 min ± 0.5 min with or without ultrasonic at 55 °C ± 5 °C solvents: demineralized water and/or calgonite solution (20 g/l) visual appearance not affected Extended vibration IEC 60068-2-6 test Fc 10 Hz to 2000 Hz; 1.5 mm or 20 g; 1 octave/min; 3 directions; 1 sweep per direction; no voltage applied no intermittent contacts no breakdown no open circuiting no mechanical damage ΔC/C: ± 5 % tan δ≤ 1.2 x spec. limit Z ≤ 1.2 x spec. limit IL5 ≤ 1.5 x spec. limit Shock IEC 60068-2-27 test Ea half-sine or sawtooth pulse shape; 50 g; 11 ms; 3 successive shocks in each direction of 3 mutually perpendicular axes; no voltage applied no intermittent contacts no breakdown no open circuiting no mechanical damage ΔC/C: ± 5 % tan δ≤ 1.2 x spec. limit Z ≤ 1.2 x spec. limit IL5 ≤ 1.5 x spec. limit Passive flammability IEC 60695-2-2 capacitor mounted to a vertical printed-circuit board, one flame on capacitor body; Tamb = 20 °C to 25 °C; test duration = 20 s after removing the test flame from the capacitor, the capacitor must not continue to burn for more than 15 s; no burning particles must drop from the sample |
Similar Part No. - MAL212857228E3 |
|
Similar Description - MAL212857228E3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |