Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL212876228E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MAL212876228E3
Description  Aluminum Capacitors Solid Al, Radial Pearl Miniature
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL212876228E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  MAL212876228E3 Datasheet HTML 1Page - Vishay Siliconix MAL212876228E3 Datasheet HTML 2Page - Vishay Siliconix MAL212876228E3 Datasheet HTML 3Page - Vishay Siliconix MAL212876228E3 Datasheet HTML 4Page - Vishay Siliconix MAL212876228E3 Datasheet HTML 5Page - Vishay Siliconix MAL212876228E3 Datasheet HTML 6Page - Vishay Siliconix MAL212876228E3 Datasheet HTML 7Page - Vishay Siliconix MAL212876228E3 Datasheet HTML 8Page - Vishay Siliconix MAL212876228E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 28354
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 23-Jun-08
155
128 SAL-RPM
Aluminum Capacitors Solid Al,
Radial Pearl Miniature
Vishay BCcomponents
TAPED PRODUCTS
Note
Unless otherwise specified, all electrical values in Table 2 apply at
Tamb = 20 °C to 25 °C, P = 86 kPa to 106 kPa, RH = 45 % to 75 %.
ORDERING EXAMPLE
Maximum case size: 10 x 7 x 5 mm; Form CB
Electrolytic capacitors 128 series 10 µF/16 V; ± 20 %
Table 2
Note
1.
tan
δ at 100 Hz for all types < 0.10
Form TR +: Taped on reel, positive leading
Form TFA : Taped in ammopack
Fig.4 Taped versions
ELECTRICAL DATA
CR
rated capacitance at 100 Hz, tolerance ± 20 %
IR
max. RMS ripple current no necessary DC applied
IL5
max. leakage current after 5 minutes at UR
tan
δ
max. dissipation factor at 100 Hz;
ESR
max./typ. equivalent series resistance at 100 Hz
Z
max. impedance at 100 kHz
Ordering code: MAL2 128 55109 E3
Former 12NC:
2281 128 55109
ELECTRICAL DATA AND ORDERING INFORMATION
UC
(V)
UR
(V)
CR
100 Hz
(µF)
MAXIMUM
CASE SIZE
H x W x T
(mm)
IR
100 Hz
125 °C
(mA)
IR
10 kHz
85 °C
(mA)
IR
100 kHz
40 °C
(mA)
IL5
5min
(µA)
MAX.
ESR
100 Hz
(
Ω)
TYP.
ESR
100 Hz
(
Ω)
Z
100 kHz
(
Ω)
ORDERING CODE
MAL2128.......
FORM
CB
FORM
CA
FORM
TR +
REEL
FORM
TFA
AMMO
6.3 6.3
10
10 x 7 x 3.5
22.4
320
595
2
20
8
2.0
53109E3 73109E3 23109E3
33109E3
22
10 x 7 x 4
32.9
470
870
4
9
3.5
1.0
53229E3 73229E3 23229E3
33229E3
33
10 x 7 x 5
65.4
595
1100
5
6.1
2
0.70
53339E3 73339E3 23339E3
33339E3
47
10 x 8 x 5 118.4
740
1360
7
4.3
2
0.50
53479E3 73479E3 23479E3
33479E3
68
10 x 8 x 6 153.0
800
1650
11
3.0
1.5
0.40
53689E3 73689E3 23689E3
33689E3
10
10
4.7
10 x 7 x 3.5
16.1
230
425
2
43
16
3.00
54478E3 74478E3 24478E3
34478E3
6.8
10 x 7 x 3.5
18.9
270
500
2
30
12
2.20
54688E3 74688E3 24688E3
34688E3
10
10 x 7 x 4
21.7
310
573
3
20
9
1.70
54109E3 74109E3 24109E3
34109E3
15
10 x 7 x 4
27.3
390
720
4
14
7
1.20
54159E3 74159E3 24159E3
34159E3
22
10 x 7 x 5
51.7
470
870
6
9
3.5
0.90
54229E3 74229E3 24229E3
34229E3
33
10 x 8 x 5
81.6
510
940
8
6.1
2
0.60
54339E3 74339E3 24339E3
34339E3
47
10 x 8 x 6 105.4
620
1140
12
4.3
1.5
0.40
54479E3 74479E3 24479E3
34479E3
16
16
2.2
10 x 7 x 3.5
14.0
200
370
2
91
25
4.50
55228E3 75228E3 25228E3
35228E3
3.3
10 x 7 x 3.5
16.1
230
425
2
61
26
3.30
55338E3 75338E3 25338E3
35338E3
4.7
10 x 7 x 4
18.9
270
500
2
43
14
2.30
55478E3 75478E3 25478E3
35478E3
6.8
10 x 7 x 4
22.4
320
590
3
30
11
1.65
55688E3 75688E3 25688E3
35688E3
10
10 x 7 x 5
42.9
390
720
4
20
6
1.10
55109E3 75109E3 25109E3
35109E3
15
10 x 8 x 5
71.2
445
820
6
14
5
0.85
55159E3 75159E3 25159E3
35159E3
22
10 x 8 x 6
86.7
510
940
9
9
3.5
0.65
55229E3 75229E3 25229E3
35229E3
25
25
0.68
10 x 7 x 3.5
7.7
110
200
2
295
85
17.00
56687E3 76687E3 26687E3
36687E3
1
10 x 7 x 3.5
9.1
130
240
2
200
71
12.50
56108E3 76108E3 26108E3
36108E3
1.5
10 x 7 x 3.5
10.8
155
285
2
135
48
10.00
56158E3 76158E3 26158E3
36158E3
2.2
10 x 7 x 4
13.6
195
360
2
91
34
7.00
56228E3 76228E3 26228E3
36228E3
3.3
10 x 7 x 5
16.1
230
425
2
61
19
5.20
56338E3 76338E3 26338E3
36338E3
4.7
10 x 8 x 5
25.3
270
500
3
43
14
3.50
56478E3 76478E3 26478E3
36478E3
6.8
10 x 8 x 6
52.7
310
570
4
30
11
2.70
56688E3 76688E3 26688E3
36688E3
10
10 x 8 x 6
64.8
360
660
6
20
9
2.00
56109E3 76109E3 26109E3
36109E3
25
40
0.22
10 x 7 x 3.5
4.2
60
115
2
910
275
27.00
57227E3 77227E3 27227E3
37227E3
0.33
10 x 7 x 4
5.3
75
140
2
610
172
20.00
57337E3 77337E3 27337E3
37337E3
0.47
10 x 7 x 5
10.4
95
175
2
430
114
15.00
57477E3 77477E3 27477E3
37477E3
0.68
10 x 7 x 5
12.1
110
205
2
295
89
10.00
57687E3 77687E3 27687E3
37687E3
1
10 x 8 x 5
20.0
125
230
2
200
45
7.00
57108E3 77108E3 27108E3
37108E3
1.5
10 x 8 x 6
25.5
150
280
2
135
35
5.50
57158E3 77158E3 27158E3
37158E3
2.2
10 x 8 x 6
33.1
195
360
2
91
28
4.20
57228E3 77228E3 27228E3
37228E3


Similar Part No. - MAL212876228E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL212015102E3 VISHAY-MAL212015102E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015152E3 VISHAY-MAL212015152E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015222E3 VISHAY-MAL212015222E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015332E3 VISHAY-MAL212015332E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015472E3 VISHAY-MAL212015472E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
More results

Similar Description - MAL212876228E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
128SALRPM VISHAY-128SALRPM Datasheet
142Kb / 10P
   Aluminum Capacitors Solid AI, Radial Pearl Miniature
Revision: 07-May-13
037RSM VISHAY-037RSM_08 Datasheet
114Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 14-Nov-07
037RSM VISHAY-037RSM Datasheet
486Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 16-Nov-05
048RML VISHAY-048RML Datasheet
111Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-May-08
152RMH VISHAY-152RMH Datasheet
98Kb / 6P
   Aluminum Capacitors Radial Miniature, High Voltage
Revision: 15-May-08
150RMI VISHAY-150RMI_12 Datasheet
114Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 10-Oct-12
140RTM VISHAY-140RTM Datasheet
226Kb / 6P
   Aluminum Capacitors Radial, High Temperature Miniature
Revision: 30-Jun-05
222203851101 VISHAY-222203851101 Datasheet
116Kb / 7P
   Aluminum Capacitors Radial Standard Ultra Miniature
Revision: 05-May-08
152RMH VISHAY-152RMH_12 Datasheet
98Kb / 6P
   Aluminum Capacitors Radial Miniature, High Voltage
Revision: 09-Nov-12
140RTM VISHAY-140RTM_12 Datasheet
104Kb / 7P
   Aluminum Capacitors Radial, High Temperature Miniature
Revision: 15-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com