Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

140CRH Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 140CRH
Description  Aluminum Capacitors SMD (Chip), High Temperature
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

140CRH Datasheet(HTML) 6 Page - Vishay Siliconix

  140CRH Datasheet HTML 1Page - Vishay Siliconix 140CRH Datasheet HTML 2Page - Vishay Siliconix 140CRH Datasheet HTML 3Page - Vishay Siliconix 140CRH Datasheet HTML 4Page - Vishay Siliconix 140CRH Datasheet HTML 5Page - Vishay Siliconix 140CRH Datasheet HTML 6Page - Vishay Siliconix 140CRH Datasheet HTML 7Page - Vishay Siliconix 140CRH Datasheet HTML 8Page - Vishay Siliconix 140CRH Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Document Number: 28396
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 24-Oct-08
71
140 CRH
Aluminum Capacitors
SMD (Chip), High Temperature
Vishay BCcomponents
Fig.7
Typical multiplier of ESR as function of frequency
T
amb 20 °C
EQUIVALENT SERIES RESISTANCE (ESR)
ESR0 = typical ESR at 20 °C, 100 Hz
0.1
10
10
4
10
3
10
2
10
5
1
10
f (Hz)
ESR
ESR0
Curve 1: Ø = 8 mm, 10 mm
Curve 2: Ø = 12.5 mm
1
2
Fig.9
Typical impedance as function of frequency
T
amb 20 °C
10
10
2
10
3
10
4
10
5
f (Hz)
Z
( )
Ω
10-
1
1
10
10
2
10
3
Curve 1: 68-35-0810
Curve 2: 100-35-1010
Curve 3: 150-35-1014
Curve 4: 330-35-1213
Curve 5: 470-35-1216
2
1
4
5
3
Fig.8
Typical impedance as function of frequency
T
amb 20 °C
IMPEDANCE (ESR)
10
10
2
10
3
10
4
10
5
f (Hz)
Z
(
Ω)
0.01
0.1
1
10
10
2
Curve 1: 100-25-0810
Curve 2: 220-25-1010
Curve 3: 330-25-1213
Curve 4: 470-25-1216
1
2
3
4
Fig.10
Typical impedance as function of frequency
T
amb 20 °C
10
10
2
10
3
10
4
10
5
f (Hz)
Z
( )
Ω
10-
1
1
10
10
2
10
3
Curve 1: 33-63-0810
Curve 2: 47-63-1010
Curve 3: 68-63-1014
Curve 4: 100-63-1213
Curve 4: 220-63-1216
1
2
3
5
4


Similar Part No. - 140CRH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
140CRH VISHAY-140CRH Datasheet
148Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 09-May-11
140CRH VISHAY-140CRH Datasheet
147Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 26-Apr-13
140CRH VISHAY-140CRH Datasheet
157Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
Revision: 31-Jan-17
140CRH VISHAY-140CRH Datasheet
154Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
01-Jan-2023
140CRH VISHAY-140CRH_11 Datasheet
148Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 09-May-11
More results

Similar Description - 140CRH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
140CRH VISHAY-140CRH_11 Datasheet
148Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 09-May-11
140CRH VISHAY-140CRH_13 Datasheet
147Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 26-Apr-13
140CLH VISHAY-140CLH_08 Datasheet
526Kb / 7P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 29-May-08
140CLH VISHAY-140CLH Datasheet
209Kb / 6P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 23-Jun-05
140CRH VISHAY-140CRH_17 Datasheet
157Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
Revision: 31-Jan-17
140CRH VISHAY-140CRH_V01 Datasheet
154Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
01-Jan-2023
140-CRH VISHAY-140-CRH Datasheet
156Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
Revision: 31-Jan-17
146CTI VISHAY-146CTI_13 Datasheet
137Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 23-Apr-13
146CTI VISHAY-146CTI Datasheet
116Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 19-Jul-10
160CLA VISHAY-160CLA Datasheet
127Kb / 10P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 04-Dec-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com